Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT1221S Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # APT1221S
Description  Phototriac coupler ideal for triac driver with wide variation Triac driver for SSRs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

APT1221S Datasheet(HTML) 3 Page - Panasonic Semiconductor

  APT1221S Datasheet HTML 1Page - Panasonic Semiconductor APT1221S Datasheet HTML 2Page - Panasonic Semiconductor APT1221S Datasheet HTML 3Page - Panasonic Semiconductor APT1221S Datasheet HTML 4Page - Panasonic Semiconductor APT1221S Datasheet HTML 5Page - Panasonic Semiconductor APT1221S Datasheet HTML 6Page - Panasonic Semiconductor APT1221S Datasheet HTML 7Page - Panasonic Semiconductor APT1221S Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
APT1
ASCTB217E 201201-T1
2) DIP4/6 type and DIP4/6 Wide terminal type
Note: “A”, “AX”, “AZ” “AY” and “AW” at the end of the part numbers have been omitted.
* Do not exceed 0.05 A of ON state RMS current in case of following load voltage condition.
DIP4pin (APT1211, APT1221, APT1231) and DIP4pin wide terminal type (APT1211W, APT1221W, APT1231W): more than 100 V AC;
DIP6pin (APT1212, APT1222, APT1232) and DIP6pin wide terminal type (APT1212W, APT1222W, APT1232W): more than 120 V AC.
2. Characteristics (Ambient temperature: 25
°C 77°F)
1) Zero-cross type (max. 50V) and random type
Notes: 1. For type of connection, see page 41.
2. Terminals are either solder plated or solder dipped.
Item
Symbol
APT1211(W), APT1221(W), APT1231(W), APT1212(W), APT1222(W), APT1232(W)
Remarks
Input
LED forward current
IF
50 mA
LED reverse voltage
VR
6 V
Peak forward current
IFP
1 A
f = 100 Hz,
Duty Ratio = 0.1%
Output
Repetitive peak
OFF-state voltage
VDRM
600 V
ON-state RMS current*
IT(RMS)
0.1 A
AC
Non-repetitive surge
current
ITSM
1.2 A
In one cycle at 60Hz
Total power dissipation
PT
500 mW
I/O isolation voltage
Viso
5,000 V AC
Temperature limits
Operating
Topr
–40
°C to +100°C –40°F to +212°F
Non-condensing at
low temperatures
Storage
Tstg
–40
°C to +125°C –40°F to +257°F
Item
Symbol
APT1211S, APT1211(W), APT1212(W)
APT1221S, APT1221(W), APT1222(W)
Condition
Input
LED dropout voltage
Typical
VF
1.21 V
IF = 20 mA
Maximum
1.3 V
LED reverse current
Typical
IR
VR = 6 V
Maximum
10
µA
Output
Repetitive peak
OFF-state current
Typical
IDRM
IF = 0 mA
VDRM = 600 V
Maximum
1
µA
Repetitive peak
On-state voltage
Typical
VTM
1.3 V
IF = 10 mA
ITM = 0.05 A
Maximum
2.5 V
Holding current
Typical
IH
0.3 mA
Maximum
3.5 mA
Critical rate of rise of
OFF-state voltage
Minimum
dv/dt
500 V/
µsVDRM = 600 V ×1/M2
Transfer
characteristics
Trigger LED current
Maximum
IFT
10 mA
VD = 6 V
RL = 100
Zero-cross voltage
Maximum
VZC
50 V
IF = 10 mA
Turn on time*
Maximum
Ton
100
µs
IF = 20 mA
VD = 6 V
RL = 100
I/O capacitance
Maximum
Ciso
1.5 pF
f = 1 MHz
VB = 0 V
I/O isolation resistance Minimum
Riso
50 G
500 V DC
*Turn on time
Input
Output
Ton
90%


Similar Part No. - APT1221S

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APT1201R2BFLL ADPOW-APT1201R2BFLL Datasheet
161Kb / 5P
   POWER MOS 7 FREDFET
APT1201R2BFLL ADPOW-APT1201R2BFLL Datasheet
375Kb / 5P
   POWER MOS 7 R FREDFET
logo
Inchange Semiconductor ...
APT1201R2BFLL ISC-APT1201R2BFLL Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Advanced Power Technolo...
APT1201R2BLL ADPOW-APT1201R2BLL Datasheet
69Kb / 2P
   Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS.
APT1201R2SFLL ADPOW-APT1201R2SFLL Datasheet
161Kb / 5P
   POWER MOS 7 FREDFET
More results

Similar Description - APT1221S

ManufacturerPart #DatasheetDescription
logo
CT Micro International ...
CT303X CTMICRO-CT303X Datasheet
1Mb / 11P
   6Pin Zero Cross TRIAC Driver Coupler
logo
Siemens Semiconductor G...
IL4216 SIEMENS-IL4216 Datasheet
85Kb / 3P
   TRIAC DRIVER OPTOCOUPLER
logo
COSMO Electronics Corp...
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052 COSMO-KMOC3052_11 Datasheet
85Kb / 6P
   Optoisolators TRIAC Driver Output
logo
NTE Electronics
NTE3047 NTE-NTE3047 Datasheet
21Kb / 2P
   Optoisolator TRIAC Driver Output
logo
Solid State Optronic
TDM3023 SSOUSA-TDM3023 Datasheet
221Kb / 4P
   Random-Phase Triac Driver
logo
COSMO Electronics Corp...
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
logo
NTE Electronics
NTE3048 NTE-NTE3048 Datasheet
20Kb / 2P
   Optoisolator TRIAC Driver Output
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com