Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV251AX Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AQV251AX
Description  Both low on-resistance and good cost-performance achieved. Measuring instruments
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV251AX Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQV251AX Datasheet HTML 1Page - Panasonic Semiconductor AQV251AX Datasheet HTML 2Page - Panasonic Semiconductor AQV251AX Datasheet HTML 3Page - Panasonic Semiconductor AQV251AX Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
HE 1 Form A (AQV25
❍)
ASCTB143E 201201-T
6.-(2) LED turn off current vs. ambient
temperature characteristics
Sample: AQV253H, AQV254H, AQV256H;
Load voltage: Max. (DC);
Continuous load current: Max. (DC)
7. LED dropout voltage vs. ambient
temperature characteristics
LED current: 5 to 50 mA
8.-(1) Current vs. voltage characteristics of
output at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
0
2
3
5
1
4
Ambient temperature,
°C
-40
-20
0
20
40
60
8085
0
1.0
1.1
1.2
1.3
1.4
50mA
30mA
20mA
10mA
5mA
1.5
Ambient temperature,
°C
-40
-20
0
20
40
60
8085 100
AQV251
AQV252
AQV255
AQV257
AQV253(H)
AQV254(H)
AQV256H
3.0
2.5
2.0
1.5
1.0
0.5
-0.5
-1.0
-1.5
-2.0
-2.5
-3.0
-0.1
-0.2
-0.3
-0.4
-0.5
-0.6
0.6
0.5
0.4
0.3
0.2
0.1
Voltage, V
8.-(2) Current vs. voltage characteristics of
output at MOS portion
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
9-(1). Off state leakage current vs. load voltage
characteristics
Sample: AQV259;
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
9-(2). Off state leakage current vs. load voltage
characteristics
Measured portion: between terminals 4 and 6;
Ambient temperature: 25
°C 77°F
AQV259
AQV258
40
30
20
10
Voltage, V
-40
-30
-20
-10
8
6
4
2
-8
-6
-4
-2
100
80
60
40
20
0
10
–3
10
–6
10
–9
10
–12
Load voltage, V
AQV254H
AQV256H
Load voltage, V
100
80
60
40
20
0
10
–3
10
–6
10
–9
10
–12
10-(1). Turn on time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
10-(2). Turn on time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
11-(1). Turn off time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
0
0.5
1.0
1.5
2.0
3.0
AQV253,AQV254,AQV257,AQV255
2.5
AQV252
AQV251
AQV259
AQV258
LED current, mA
60
50
40
30
20
10
0
0
2
4
6
8
12
10
AQV253H
AQV256H
AQV254H
LED current, mA
60
50
40
30
20
10
0
0
0.02
0.04
0.08
0.06
0.12
AQV251,AQV252,AQV255
0.10
AQV253,AQV257
AQV254
AQV259,AQV258
LED current, mA
50
40
30
20
10
0
11-(2). Turn off time vs. LED forward current
characteristics
Measured portion: between terminals 4 and 6;
Load voltage: Max. (DC); Continuous load current:
Max. (DC); Ambient temperature: 25
°C 77°F
12.-(1) Output capacitance vs. applied voltage
characteristics
Measured portion: between terminals 4 and 6;
Frequency: 1 MHz;
Ambient temperature: 25
°C 77°F
12.-(2) Output capacitance vs. applied voltage
characteristics
Sample: AQV259;
Measured portion: between terminals 4 and 6;
Frequency: 1 MHz; Ambient temperature: 25
°C 77°F
AQV253H,254H,AQV256H
0
0.02
0.04
0.08
0.06
0.12
0.10
LED current, mA
50
40
30
20
10
0
0
100
200
600
300
400
500
60
50
40
30
20
10
0
Applied voltage, V
AQV251,AQV252
AQV253(H),AQV254(H),AQV257
0
20
40
120
60
80
100
AQV259
AQV256H
60
50
40
30
20
10
0
Applied voltage, V


Similar Part No. - AQV251AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV251AX NAIS-AQV251AX Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV251AX

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
TOKYO SEIMITSU CO., LTD
SURFCOMNEX ACCRETECH-SURFCOMNEX Datasheet
752Kb / 8P
   Surface Texture and Contour Integrated Measuring Instruments
logo
Testo SE & Co. KGaA
TESTO315-4 TESTO-TESTO315-4 Datasheet
427Kb / 4P
   CO measuring instruments and gas spillage detectors
logo
Laird Tech Smart Techno...
SLJ LSTD-SLJ Datasheet
118Kb / 2P
   Good weather resistance
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
   Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com