Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C2V4-V Datasheet(PDF) 4 Page - Vishay Siliconix

Part # BZX84C2V4-V
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C2V4-V Datasheet(HTML) 4 Page - Vishay Siliconix

  BZX84C2V4-V Datasheet HTML 1Page - Vishay Siliconix BZX84C2V4-V Datasheet HTML 2Page - Vishay Siliconix BZX84C2V4-V Datasheet HTML 3Page - Vishay Siliconix BZX84C2V4-V Datasheet HTML 4Page - Vishay Siliconix BZX84C2V4-V Datasheet HTML 5Page - Vishay Siliconix BZX84C2V4-V Datasheet HTML 6Page - Vishay Siliconix BZX84C2V4-V Datasheet HTML 7Page - Vishay Siliconix BZX84C2V4-V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BZX84-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 08-Dec-11
4
Document Number: 85763
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Forward Characteristics
Fig. 2 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 3 - Dynamic Resistance vs. Zener Current
Fig. 4 - Dynamic Resistance vs. Zener Current
Fig. 5 - Dynamic Resistance vs. Zener Current
Fig. 6 - Thermal Differential Resistance vs. Zener Voltage
18114
mA
103
102
10-1
10-2
10-3
10-4
10-5
10
1
I
F
V
F
0
0.2
0.4
0.6
0.8
1V
T
J = 100 °C
T
J = 25 °C
18115
mW
400
100
0
300
200
P
tot
T
amb
0
100
200 °C
500
18117
1000
5
4
3
2
5
4
3
2
100
1
r
zj
0.1
2
5
2
5
1
10
I
Z
T
J = 25 °C
2.7
5
4
3
2
10
2
5
100 mA
3.6
4.7
5.1
5.6
18119
100
5
4
3
2
5
4
3
2
10
r
zj
0.1
2
5
2
5
1
10
I
Z
1
2
5
100 mA
T
J = 25 °C
33
27
22
18
15
12
10
6.8/8.2
6.2
18120
103
7
5
4
3
2
7
5
4
3
2
10
0.1
2
3
4 5
2
3 4 5
1
10
mA
R
zj
I
Z
T
j = 25 °C
47 + 51
43
39
36
102
18121
103
5
4
3
2
5
4
3
2
102
1
R
zth
5
4
3
2
10
K/W
1
2
3
4 5
2
3 4 5
10
100 V
V
Z at IZ = 5 mA
negative
positive
V
Z
T
j
R
zth = RthA x VZ x


Similar Part No. - BZX84C2V4-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C2V4-V VISHAY-BZX84C2V4-V Datasheet
452Kb / 10P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
logo
KEC(Korea Electronics)
BZX84C2V4-V KEC-BZX84C2V4-V Datasheet
51Kb / 3P
   SILICON EPITAXIAL PLANAR DIODE
logo
Vishay Siliconix
BZX84C2V4-V VISHAY-BZX84C2V4-V Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
BZX84C2V4-V VISHAY-BZX84C2V4-V Datasheet
247Kb / 11P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
BZX84C2V4-V VISHAY-BZX84C2V4-V Datasheet
136Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
More results

Similar Description - BZX84C2V4-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com