Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3823 Datasheet(PDF) 5 Page - International Rectifier

Part # IR3823
Description  3A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3823 Datasheet(HTML) 5 Page - International Rectifier

  IR3823 Datasheet HTML 1Page - International Rectifier IR3823 Datasheet HTML 2Page - International Rectifier IR3823 Datasheet HTML 3Page - International Rectifier IR3823 Datasheet HTML 4Page - International Rectifier IR3823 Datasheet HTML 5Page - International Rectifier IR3823 Datasheet HTML 6Page - International Rectifier IR3823 Datasheet HTML 7Page - International Rectifier IR3823 Datasheet HTML 8Page - International Rectifier IR3823 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 41 page
background image
IR3823
5
www.irf.com
© 2012 International Rectifier
August 1, 2013
ABSOLUTE MAXIMUM RATINGS
Stresses beyond these listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications are not implied.
PVin, Vin to PGnd (Note 3)
-0.3V to 25V
Vcc/LDO_Out to PGnd (Note 3)
-0.3V to 8V (Note 1)
Boot to PGnd (Note 3)
-0.3V to 33V
SW to PGnd (Note 3)
-0.3V to 25V (DC), -4V to 25V (AC, 100ns)
Boot to SW
-0.3V to VCC + 0.3V (Note 2)
PGood, SS_Select to Gnd (Note 3)
-0.3V to VCC + 0.3V (Note 2)
Other Input/Output Pins to Gnd (Note 3)
-0.3V to +3.9V
PGnd to Gnd
-0.3V to +0.3V
THERMAL INFORMATION
Junction to Ambient Thermal Resistance ƟjA
37.4 °C/W (Note 4)
Junction to PCB Thermal Resistance Ɵj-PCB
10.1 °C/W
Junction to Case Top Thermal Resistance Ɵj-CTop
120 °C/W
Storage Temperature Range
-55°C to 150°C
Junction Temperature Range
-40°C to 150°C
Note 1: Vcc must not exceed 7.5V for Junction Temperature between ‐10°C and ‐40°C 
Note 2: Must not exceed 8V  
Note 3: PGnd pin and Gnd pin are connected together.      
Note 4: ƟjA is for the test in still air with IRDC3823 evaluation board. The IRDC3823 uses a 4‐layer 2.6” x 2.2” FR4 PCB board. Each layer 
uses 2   oz. copper.      
 


Similar Part No. - IR3823

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR3823A INFINEON-IR3823A Datasheet
1Mb / 41P
   3 A single-voltage synchronous Buck regulator
V 2.3 2021-07-30
IR3823AMTRPBF INFINEON-IR3823AMTRPBF Datasheet
1Mb / 41P
   3 A single-voltage synchronous Buck regulator
V 2.3 2021-07-30
IR3823AMTRPBFAUMA1 INFINEON-IR3823AMTRPBFAUMA1 Datasheet
1Mb / 41P
   3 A single-voltage synchronous Buck regulator
V 2.3 2021-07-30
logo
International Rectifier
IR3823M IRF-IR3823M Datasheet
2Mb / 41P
   Single input voltage range from 5V to 21V
IR3823M IRF-IR3823M_15 Datasheet
2Mb / 41P
   Single input voltage range from 5V to 21V
More results

Similar Description - IR3823

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3827 IRF-IR3827 Datasheet
2Mb / 44P
   6A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3847 IRF-IR3847 Datasheet
1Mb / 53P
   Single-Input Voltage, Synchronous Buck Regulator 25A Highly Integrated SupIRBuck
IR3447 IRF-IR3447 Datasheet
1Mb / 51P
   25A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3448 IRF-IR3448 Datasheet
2Mb / 49P
   16A Highly Integrated SupIRBuck Single-Input Voltage, Synchronous Buck Regulator
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com