Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AQV254AX Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AQV254AX
Description  Both low on-resistance and good cost-performance achieved. Measuring instruments
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQV254AX Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AQV254AX Datasheet HTML 1Page - Panasonic Semiconductor AQV254AX Datasheet HTML 2Page - Panasonic Semiconductor AQV254AX Datasheet HTML 3Page - Panasonic Semiconductor AQV254AX Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e
HE 1 Form A (AQV25
❍)
ASCTB143E 201201-T
2. Electrical characteristics (Ambient temperature: 25
°C 77°F)
*Turn on/Turn off time
RECOMMENDED OPERATING CONDITIONS
Please obey the following conditions to ensure proper device operation and resetting.
■ For Dimensions.
■ For Schematic and Wiring Diagrams.
■ For Cautions for Use.
■ These products are not designed for automotive use.
If you are considering to use these products for automotive applications, please contact your local Panasonic Corporation
technical representative.
For more information.
■ Continual DC bias (for AQV258❇❇, AQV259❇❇)
In cases in which a continual DC bias is applied between the input and output, the output-side MOS-FET may deteriorate
due to the voltage. Therefore, please verify operation of the actual design before using. An example of a circuit that might
undergo MOS-FET deterioration due to voltage is given below.
Item
Sym-
bol
Type of
con-
nection
AQV251(A) AQV252(A) AQV255(A) AQV257(A) AQV253(A) AQV254(A) AQV259(A) AQV258(A) AQV253H(A) AQV254H(A) AQV256H(A) Condition
LED operate current
Typical
IFon
0.9 mA
1.4 mA
IL = Max.
Maximum
3 mA
LED turn off current
Minimum
IFoff
0.4 mA
IL = Max.
Typical
0.8 mA
1.3 mA
LED dropout voltage
Typical
VF
1.25 V (1.14 V at IF = 5 mA)
IF = 50 mA
Maximum
1.5 V
On resistance
Typical
Ron
A
0.6
0.74
1.8
2.6
5.5
12.4
85
345
5.5
12.4
20
IF = 5 mA
IL = Max.
Within 1 s
on time
Maximum
1
1.4
2.5
4
8
16
200
500
8
16
30
Typical
Ron
B
0.3
0.37
0.9
1.4
2.7
6.2
60
345
2.7
6.2
15
IF = 5 mA
IL = Max.
Within 1 s
on time
Maximum
0.5
0.7
1.25
2
4
8
100
500
4
8
20
Typical
Ron
C
0.15
Ω 0.18 Ω 0.45 Ω
0.7
1.4
3.1
30
160
1.4
3.1
7.5
Ω IF = 5 mA
IL = Max.
Within 1 s
on time
Maximum
0.25
Ω 0.35 Ω 0.63 Ω
1
2
4
50
250
2
4
10
Off state leakage
current
Maximum
ILeak
—1
µA
10
µA1 µA
IF = 0 mA
VL = Max.
Turn on time*
Typical
Ton
1.7 ms
1.4 ms
0.9 ms
1.5 ms
0.8 ms
0.6 ms
0.35 ms
2.4 ms
1.8 ms
1.2 ms
IF = 5 mA
IL = Max.
Maximum
3 ms
2 ms
3 ms
2 ms
1 ms
4 ms
3ms
Turn off time*
Typical
Toff
0.07 ms
0.09 ms
0.1 ms
0.06 ms 0.05 ms
0.04 ms
0.06 ms 0.05 ms 0.06 ms IF = 5 mA
IL = Max.
Maximum
0.2 ms
I/O capacitance
Typical
Ciso
1.3 pF
f = 1 MHz
VB = 0 V
Maximum
3 pF
Initial I/O isolation
resistance
Minimum
Riso
1,000 M
500 V DC
Item
Symbol
Recommended value
Unit
Input LED current
IF
Standard type: 5
Reinforced insulation type: 5 to 10
mA
Ton
Input
Output
10%
90%
Toff


Similar Part No. - AQV254AX

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AQV254AX NAIS-AQV254AX Datasheet
56Kb / 4P
   HE (High-function Economy) Type [1-Channel (Form A) Type]
More results

Similar Description - AQV254AX

ManufacturerPart #DatasheetDescription
logo
ASM GmbH
3244 ASM-SENSOR-3244 Datasheet
190Kb / 2P
   Field Measuring Instruments
logo
TOKYO SEIMITSU CO., LTD
SURFCOMNEX ACCRETECH-SURFCOMNEX Datasheet
752Kb / 8P
   Surface Texture and Contour Integrated Measuring Instruments
logo
Testo SE & Co. KGaA
TESTO315-4 TESTO-TESTO315-4 Datasheet
427Kb / 4P
   CO measuring instruments and gas spillage detectors
logo
Laird Tech Smart Techno...
SLJ LSTD-SLJ Datasheet
118Kb / 2P
   Good weather resistance
logo
Axiomtek Co., Ltd.
AD-903 AXIOMTEK-AD-903 Datasheet
209Kb / 1P
   Flexible, low cost and high performance
LD-065 AXIOMTEK-LD-065 Datasheet
187Kb / 1P
   Flexible, low cost and high performance
AD-905 AXIOMTEK-AD-905 Datasheet
268Kb / 1P
   Flexible, low cost and high performance
AD-904 AXIOMTEK-AD-904 Datasheet
266Kb / 1P
   Flexible, low cost and high performance
AD-907 AXIOMTEK-AD-907 Datasheet
226Kb / 1P
   Flexible, low cost and high performance
logo
Advanced Power Electron...
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
   Low On-resistance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com