Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT03C33 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BZT03C33
Description  Zener Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT03C33 Datasheet(HTML) 3 Page - Vishay Siliconix

  BZT03C33 Datasheet HTML 1Page - Vishay Siliconix BZT03C33 Datasheet HTML 2Page - Vishay Siliconix BZT03C33 Datasheet HTML 3Page - Vishay Siliconix BZT03C33 Datasheet HTML 4Page - Vishay Siliconix BZT03C33 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BZT03-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 11-Sep-12
3
Document Number: 85599
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) 10/1000 exp. falling pulse tp = 1000 μs down to 50 %
(2) Stand-off voltage = recommended suplly voltage
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART
NUMBER
ZENER VOLTAGE
RANGE
TEST
CURRENT
REVERSE
LEAKAGE
CURRENT
DYNAMIC
RESISTANCE
TEMPERATURE
COEFFICIENT
CLAMPING (1)
STAND
OFF (2)
VZ at IZT1
IZT1
IR at VR
ZZ at IZT1
TCVZ at IZT1
V(CL)R at IRMS
IR at VR
V
mA
μA
V
%/K
V
A
μA
V
MIN.
NOM. MAX.
MAX.
TYP.
MAX.
MIN.
MAX.
MAX.
MAX.
BZT03D6V2
5.6
6.2
6.8
100
1500
4.4
1
2
0
0.07
9.5
34
3000
4.8
BZT03D6V8
6.1
6.8
7.5
100
1000
4.8
1
2
0
0.07
10.5
31
2000
5.3
BZT03D7V5
6.75
7.5
8.25
100
750
5.3
1
2
0
0.07
11.6
26.5
1500
5.9
BZT03D8V2
7.4
8.2
9
100
600
5.9
1
2
0.03
0.08
12.6
24.4
1200
6.5
BZT03D9V1
8.2
9.1
10
50
20
6.5
2
4
0.03
0.08
13.7
22.7
50
7.1
BZT03D10
9
10
11
50
10
7.1
2
4
0.05
0.09
15.2
20.3
20
7.9
BZT03D11
9.9
11
12.1
50
4
7.9
4
7
0.05
0.1
16.2
19.1
5
8.6
BZT03D12
10.8
12
13.2
50
3
8.6
4
7
0.05
0.1
17.5
17.7
5
9.3
BZT03D13
11.7
13
14.3
50
2
9.3
5
10
0.05
0.1
19.1
15.9
5
10.6
BZT03D15
13.5
15
16.5
50
1
10.6
5
10
0.05
0.1
21.8
14.4
5
11.6
BZT03D16
14.4
16
17.6
25
1
11.6
6
15
0.06
0.11
23.4
13.1
5
12.6
BZT03D18
16.2
18
19.8
25
1
12.6
6
15
0.06
0.11
26.3
11.7
5
14.4
BZT03D20
18
20
22
25
1
14.4
6
15
0.06
0.11
29.2
10.6
5
15.8
BZT03D22
29.8
22
24.2
25
1
15.8
6
15
0.06
0.11
31.9
9.7
5
17.2
BZT03D24
21.6
24
26.4
25
1
17.2
7
15
0.06
0.11
34.6
8.9
5
19.4
BZT03D27
24.3
27
29.7
25
1
19.4
7
15
0.06
0.11
39
7.9
5
21.5
BZT03D30
27
30
33
25
1
21.5
8
15
0.06
0.11
43.5
7.1
5
23.5
BZT03D33
29.7
33
36.3
25
1
23.5
8
15
0.06
0.11
47.5
6.5
5
25.8
BZT03D36
32.4
36
39.6
10
1
25.8
21
40
0.06
0.11
51.5
6
5
28
BZT03D39
35.1
39
42.9
10
1
28
21
40
0.06
0.11
56
5.5
5
31
BZT03D43
38.7
43
47.3
10
1
31
24
45
0.07
0.12
62
4.9
5
33.5
BZT03D47
42.3
47
51.7
10
1
33.5
24
45
0.07
0.12
67.5
4.6
5
36.5
BZT03D51
45.9
51
56.1
10
1
36.5
25
60
0.07
0.12
73
4.2
5
40
BZT03D56
50.4
56
61.6
10
1
40
25
60
0.07
0.12
81
3.8
5
44.5
BZT03D62
55.8
62
68.2
10
1
44.5
25
80
0.08
0.13
89
3.5
5
49
BZT03D68
61.2
68
74.8
10
1
49
25
80
0.08
0.13
97
3.2
5
54
BZT03D75
67.5
75
82.5
10
1
54
30
100
0.08
0.13
107
2.9
5
59
BZT03D82
73.8
82
90.2
10
1
59
30
100
0.08
0.13
117
2.6
5
65
BZT03D91
81.9
91
100
5
1
65
60
200
0.09
0.13
130
2.4
5
71
BZT03D100
90
100
110
5
1
71
60
200
0.09
0.13
143
2.2
5
79
BZT03D110
99
110
121
5
1
79
80
250
0.09
0.13
157
2
5
86
BZT03D120
108
120
132
5
1
86
80
250
0.09
0.13
172
1.8
5
93
BZT03D130
117
130
143
5
1
93
110
300
0.09
0.13
187
1.6
5
106
BZT03D150
135
150
165
5
1
106
130
300
0.09
0.13
213
1.5
5
116
BZT03D160
144
160
176
5
1
116
150
350
0.09
0.13
229
1.3
5
126
BZT03D180
162
180
198
5
1
126
180
400
0.09
0.13
256
1.2
5
144
BZT03D200
180
200
220
5
1
144
200
500
0.09
0.13
284
1.1
5
158
BZT03D220
198
220
242
2
1
158
350
750
0.09
0.13
314
1
5
172
BZT03D240
216
240
264
2
1
172
400
850
0.09
0.13
364
0.9
5
194
BZT03D270
243
270
297
2
1
194
450
1000
0.09
0.13
388
0.8
5
215


Similar Part No. - BZT03C33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C33 VISHAY-BZT03C33 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZT03C33 NJSEMI-BZT03C33 Datasheet
268Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZT03C33 BILIN-BZT03C33 Datasheet
182Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZT03C33 VISHAY-BZT03C33 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03C33 VISHAY-BZT03C33 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results

Similar Description - BZT03C33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com