Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B72510T0040M062 Datasheet(PDF) 7 Page - EPCOS

Part # B72510T0040M062
Description  SMD Varistors
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B72510T0040M062 Datasheet(HTML) 7 Page - EPCOS

Back Button B72510T0040M062 Datasheet HTML 3Page - EPCOS B72510T0040M062 Datasheet HTML 4Page - EPCOS B72510T0040M062 Datasheet HTML 5Page - EPCOS B72510T0040M062 Datasheet HTML 6Page - EPCOS B72510T0040M062 Datasheet HTML 7Page - EPCOS B72510T0040M062 Datasheet HTML 8Page - EPCOS B72510T0040M062 Datasheet HTML 9Page - EPCOS B72510T0040M062 Datasheet HTML 10Page - EPCOS B72510T0040M062 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
123 04/02
CT1206K50G
82
± 10
135
1,0
120
1,8
238
268
CT1210K50G
82
± 10
135
2,5
250
1,8
240
269
CT1812K50G
82
± 10
135
5,0
500
2,5
242
270
CT2220K50G
82
± 10
135
10,0
1000
3,0
244
271
CT1206K60G
100
± 10
165
1,0
100
1,8
238
268
CT1210K60G
100
± 10
165
2,5
200
1,8
240
269
CT1812K60G
100
± 10
165
5,0
400
2,5
242
270
CT2220K60G
100
± 10
165
10,0
800
3,0
244
271
Characteristics (TA = 25 °C)
Type
SIOV-
Vv
(1 mA)
V
DV
v
(1 mA)
%
Max. clamping voltage Ctyp
(1 kHz)
pF
Ltyp
nH
Derating
curve
Page
V/I char-
acteristic
Page
v
V
i
A
1) C (1 MHz);
± 20%;
2) Ctyp (1 MHz)
A wide range of HC, CC and LC types are available upon request (see 3.3.6, chapter “Applications”).
Standard – Nickel Barrier Termination (available upon request)
SMD Varistors


Similar Part No. - B72510T0040M062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72510T0040M062 EPCOS-B72510T0040M062 Datasheet
129Kb / 15P
   Multilayer technology
B72510T0040M062 EPCOS-B72510T0040M062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72510T0040M062 EPCOS-B72510T0040M062 Datasheet
2Mb / 82P
   Ceramic transient voltage suppressors SMD multilayer transient voltage suppressors
B72510T0040M062 EPCOS-B72510T0040M062 Datasheet
1Mb / 75P
   Ceramic transient voltage suppressors
B72510T0040M062 EPCOS-B72510T0040M062 Datasheet
137Kb / 16P
   SMD Varistors
More results

Similar Description - B72510T0040M062

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72520V40M62 EPCOS-B72520V40M62 Datasheet
131Kb / 15P
   SMD Varistors
B72660M0600S172 EPCOS-B72660M0600S172 Datasheet
89Kb / 3P
   SMD Varistors
B72520V200K62 EPCOS-B72520V200K62 Datasheet
137Kb / 16P
   SMD Varistors
logo
Stackpole Electronics, ...
ZVY SEI-ZVY Datasheet
507Kb / 6P
   Low Voltage SMD Varistors
08/19/2019
logo
EPCOS
B72650M301K72 EPCOS-B72650M301K72 Datasheet
879Kb / 36P
   SMD disk varistors standard series
logo
Dubilier
DCV0603K25G DUBILIER-DCV0603K25G Datasheet
107Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
DCV0603K25G DUBILIER-DCV0603K25G_11 Datasheet
208Kb / 2P
   SURFACE MOUNT SMD CHIP VARISTORS DCV
logo
DB Lectro Inc
JV1812ML050A DBLECTRO-JV1812ML050A Datasheet
144Kb / 3P
   VARISTORS
logo
List of Unclassifed Man...
2232592 ETC2-2232592 Datasheet
172Kb / 23P
   Varistors
logo
Vishay Siliconix
2322592 VISHAY-2322592 Datasheet
269Kb / 18P
   Varistors
Revision: 28-Apr-04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com