Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-3YX1C106K Datasheet(PDF) 2 Page - International Rectifier

Part # ECJ-3YX1C106K
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-3YX1C106K Datasheet(HTML) 2 Page - International Rectifier

  ECJ-3YX1C106K Datasheet HTML 1Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 2Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 3Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 4Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 5Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 6Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 7Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 8Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
2
IR3837MPbF
Rev 1.31
Package Information
5mm x 6mm Power QFN
(Top View)
13
PVin
12
SW
11
PGnd
17
Gnd
1
23
4
5
6
7
8
9
16
15
Fb Vref Comp Gnd
Rt OCset PGood
Sync
Vin
Vp
Boot
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
PVin, Vin ……………………………………………… -0.3V to 25V
Vcc/LDO_out ……………….……..……..……….…… -0.3V to 8V (Note2)
Boot
……………………………………..……….….. -0.3V to 33V
SW
…………………………………………..……… -0.3V to 25V (DC), -4V to 25V (AC, 100ns)
Boot to SW
……..…………………………… …..…. -0.3V to Vcc+0.3V (Note1)
OCset
…………………………………………..…… -0.3V to 30V
Input / output Pins ………………………………... ... -0.3V to Vcc+0.3V (Note1)
PGnd to Gnd ……………...………………….…….…. -0.3V to +0.3V
Storage Temperature Range .................................... -55°C To 150°C
Junction Temperature Range ................................... -40°C To 150°C (Note2)
ESD Classification …………………………… ……… JEDEC(2KV)
Moisture sensitivity level………………...……………. JEDEC Level 2 @260 °C (Note 5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other conditions
beyond those indicated in the operational sections of the specifications are not implied.
Note1:
Must not exceed 8V
Note2:
Vcc must not exceed 7.5V for Junction Temperature between -10oC and -40oC
Enable
Vcc/LDO_out
10
14
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
4000
17
IR3837MTRPbF
M
750
PARTS PER
REEL
17
PIN
COUNT
IR3837MTR1PbF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION


Similar Part No. - ECJ-3YX1C106K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-3YX1C106K IRF-ECJ-3YX1C106K Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
ECJ-3YX1C106K MICROCHIP-ECJ-3YX1C106K Datasheet
5Mb / 622P
   28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN and nanoWatt XLP Technology
11/29/11
ECJ-3YX1C106K MICROCHIP-ECJ-3YX1C106K Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
More results

Similar Description - ECJ-3YX1C106K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3840AM IRF-IR3840AM_15 Datasheet
770Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com