Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-3YX1C106K Datasheet(PDF) 1 Page - International Rectifier

Part # ECJ-3YX1C106K
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-3YX1C106K Datasheet(HTML) 1 Page - International Rectifier

  ECJ-3YX1C106K Datasheet HTML 1Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 2Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 3Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 4Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 5Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 6Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 7Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 8Page - International Rectifier ECJ-3YX1C106K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
IR3838MPbF
Rev 1.41
Fig. 1. Typical application diagram
Description
The IR3838 SupIRBuckTM is an easy-to-use, fully
integrated and highly efficient DC/DC regulator.
The onboard PWM controller and MOSFETs
make IR3838 a space-efficient solution, providing
accurate power delivery for low output voltage
applications.
IR3838 is a versatile regulator which offers
programmability of switching frequency and
current limit while operates in wide input and
output voltage range.
The switching frequency is programmable from
250kHz to 1.5MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
IR3838 offers margining capability through Vref
pin. During the margining operation, PGood
tracks Vref via feedback to ensure correct status
of the output voltage.
The internal LDO enables the device to operate
from a single supply. This internal LDO can be
bypassed when an external bias voltage is
available.
Features
Greater than 96% Maximum Efficiency
Single 16V Application
Single 5V Application
Wide Output Voltage Range: 0.6V to 0.9*Vin
Continuous 10A Load Capability
Programmable Switching Frequency up to 1.5MHz
Internal Digital Soft-Start
Enable Input with Voltage Monitoring Capability
Hiccup Mode Over Current Protection
Internal LDO
External Synchronization
Enhanced PreBias Start up
External Reference for Margining Purposes
Input for Tracking Applications
Integrated MOSFET Drivers and Bootstrap Diode
Operating Junction Temp: -40oC <Tj<125oC
Thermal Shut Down
Power Good Output with tracking capability
Over Voltage Detection Feature
Pin Compatible with 6A and 14A Versions
Small Size 5mmx6mm PQFN, 0.9 mm Height
Lead-free, Halogen-free and RoHS Compliant
Applications
Netcom and Telecom Applications
Data Center Applications
Distributed Point of Load Power Architectures
HIGHLY INTEGRATED 10A
SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
PD97512


Similar Part No. - ECJ-3YX1C106K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-3YX1C106K IRF-ECJ-3YX1C106K Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Microchip Technology
ECJ-3YX1C106K MICROCHIP-ECJ-3YX1C106K Datasheet
5Mb / 622P
   28/40/44/64-Pin, Enhanced Flash Microcontrollers with ECAN and nanoWatt XLP Technology
11/29/11
ECJ-3YX1C106K MICROCHIP-ECJ-3YX1C106K Datasheet
2Mb / 258P
   64/80/100-Pin, General Purpose, 16-Bit Flash Microcontrollers
11/29/11
More results

Similar Description - ECJ-3YX1C106K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Infineon Technologies A...
IR3828MTRPBF INFINEON-IR3828MTRPBF Datasheet
1Mb / 50P
   10A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com