Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EVUF3K Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # EVUF3K
Description  9 mm Square Rotary Potentiometers with Insulated Shaft Audio Equipment
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVUF3K Datasheet(HTML) 5 Page - Panasonic Semiconductor

  EVUF3K Datasheet HTML 1Page - Panasonic Semiconductor EVUF3K Datasheet HTML 2Page - Panasonic Semiconductor EVUF3K Datasheet HTML 3Page - Panasonic Semiconductor EVUF3K Datasheet HTML 4Page - Panasonic Semiconductor EVUF3K Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Rotary Potentiometers/EVUE/EVUF
±0.2
C
L
±0.5
(30
˚)
C
L
±0.5
±0.2
(30
˚)
0.7
±0
.1
L
±0.5
±0.2
C
0.7
±0
.1
(30˚)
L=9.5
±0.5
C
30
°±5
1
XX'
C
L
±0.5
±0.2
0.5
+0.1
0
(30˚)
4.0±
0.5
1.0
M9 P=0.75 or
f9
Mounting surface
L
5.0
k
C1
30
±
Product No.
7·8·9 th
FK1
FK3
FK4
FK5
FL3
FK6
L12.5 15.0
17.5
20.0 21.5 22.5
k
7.0
7.0
12.0
12.0
12.0
12.0
Product No.
7·8·9 th
H15
H20
H25
L15.0 20.0 25.0
k
6.0
7.0
7.0
Product No.
7·8·9 th
S01
L9.5
k
_
Product No.
7·8·9 th
M20 M25 M30 M35
L20.0 25.0 30.0 35.0
k
7.0
7.0
7.0
7.0
Product No.
7·8·9 th
E15
E17
E20
E25
E30
E35
L15.0 (17.0)20.0 25.0 30.0 35.0
k
6.0
7.0
7.0
7.0
7.0
7.0
Product No.
7·8·9 th
F15
F20
F25
F30
L15.0 20.0 25.0 30.0
k
6.0
7.0
12.0
12.0
Shaft Trims and Dimensions in mm for Type without Bushing (Drawings are at full CCW position.)
Type F (Flat)
Type E (40 teeth serrations)
Type M (24 teeth serrations)
Type S (with screw slot)
Type H (40 teeth serrations, with screw slot)
Shaft Trims and Dimensions in mm for Types with Bushing or Sleeve (Drawings are at full CCW position.)
Type F (Flat)
Note: When you have special requirements other than the above, consult our salesmen.
Nov. 2005


Similar Part No. - EVUF3K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
   9 mm Square Rotary Potentiometers with Insulated Shaft
More results

Similar Description - EVUF3K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVU-F3MFL3B14 PANASONIC-EVU-F3MFL3B14 Datasheet
175Kb / 5P
   9 mm Square Rotary Potentiometers with Insulated Shaft
EVCX PANASONIC-EVCX Datasheet
97Kb / 2P
   18 mm Square Rotary Potentiometers
logo
GREATECS
EC7 GREATECS-EC7 Datasheet
1Mb / 12P
   12 mm Insulated Shaft Rotary Encoder with LED
GPV16A GREATECS-GPV16A Datasheet
1Mb / 2P
   16mm Size Metal Shaft SP Rotary Potentiometers
GPV16B GREATECS-GPV16B Datasheet
1Mb / 2P
   16mm Size Metal Shaft DP Rotary Potentiometers
logo
Panasonic Semiconductor
EVM-3YSX50B54 PANASONIC-EVM-3YSX50B54 Datasheet
106Kb / 3P
   3 mm Square SMT Trimmer Potentiometers
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
   PRS11R - 11 mm Rotary Metal Shaft Potentiometer
03/31/21
PRS14R BOURNS-PRS14R Datasheet
672Kb / 4P
   14 mm Rotary Plastic Shaft Dual-Potentiometer
logo
Panasonic Semiconductor
EWVYG PANASONIC-EWVYG Datasheet
119Kb / 2P
   44/25 mm Center Space Rotary Potentiometers
EVM-3VSX50B16 PANASONIC-EVM-3VSX50B16 Datasheet
62Kb / 1P
   3 mm Square SMT Trimmer Potentiometers with the rotation stopper
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com