Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-1VB1H472K Datasheet(PDF) 5 Page - International Rectifier

Part # ECJ-1VB1H472K
Description  HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VB1H472K Datasheet(HTML) 5 Page - International Rectifier

  ECJ-1VB1H472K Datasheet HTML 1Page - International Rectifier ECJ-1VB1H472K Datasheet HTML 2Page - International Rectifier ECJ-1VB1H472K Datasheet HTML 3Page - International Rectifier ECJ-1VB1H472K Datasheet HTML 4Page - International Rectifier ECJ-1VB1H472K Datasheet HTML 5Page - International Rectifier ECJ-1VB1H472K Datasheet HTML 6Page - International Rectifier ECJ-1VB1H472K Datasheet HTML 7Page - International Rectifier ECJ-1VB1H472K Datasheet HTML 8Page - International Rectifier ECJ-1VB1H472K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
5
IR3837MPbF
Rev 1.31
Recommended Operating Conditions
Symbol
Definition
Min
Max
Units
PVin
Input Voltage for power stage
1.5
16
Vin
Input Voltage for internal LDO *
7.0
16
Vcc/LDO_out
Supply Voltage *
4.5
6.5
Boot to SW
Supply Voltage
4.5
7.5
Vo
Output Voltage
0.6
0.9*Vin
V
Io
Output Current
0
14
A
Fs
Switching Frequency
225
1650
kHz
Tj
Junction Temperature
-40
125
oC
* Vcc/LDO_out can be connected to an external regulated supply (≈ 5V). If so, the Vin input should be
left unconnected.
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER STAGE
Power Losses
Ploss
Vin=12V, Vo=1.8V, Io=14A,
Fs=600kHz, L=0.51uH, Note4
3
W
Top Switch
Rds(on)_Top
VBoot -Vsw =5.0V,
ID=14A,Tj=25C
12
16
Bottom Switch
Rds(on)_Bot
Vcc=5.0V, ID=14A
5.3
7
mΩ
Bootstrap Diode Forward
Voltage
I(Boot)= 30mA
180
260
470
mV
SW=0V, Enable=0V
6
SW leakage Current
Isw
SW=0V, Enable=high, Vp=0V
14
µA
SUPPLY CURRENT
Vin Supply Current (Standby)
Iin(Standby)
Enable low , No Switching,
400
µA
Vin Supply Current (Dyn)
Iin(Dyn)
Enable high, Fs=500kHz,
Vin=12V
17
mA
INTERNAL REGULATOR (LDO)
Output Voltage
IntVcc
Vin(min)=7.0V, Io=0-50mA,
Cload=2.2uF
4.7
5.2
5.7
V
IntVcc Dropout
IntVcc_drop
Io=50mA, Cload=2.2uF
50
150
mV
Short Circuit Current
Ishort
70
mA
INTERNAL DIGITAL SOFT START
Soft Start Clock Frequency
Clk(SS)
Note4
168
200
254
kHz
Soft Start Ramp Rate
Ramp(SS)
0.2
mV/us
Electrical Specifications
Unless otherwise specified, these specification apply over, 7.0V<V
in=PVin<16V, Vref=0.6V
in 0oC<T
j< 125
oC. Typical values are specified at T
a = 25
oC.


Similar Part No. - ECJ-1VB1H472K

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ECJ-1VB1H472K TI1-ECJ-1VB1H472K Datasheet
343Kb / 12P
[Old version datasheet]   TPA2025D1 Audio Power Amplifier Evaluation Module
More results

Similar Description - ECJ-1VB1H472K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF_08 Datasheet
676Kb / 21P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3820AMPBF IRF-IR3820AMPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 14A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3840AM IRF-IR3840AM_15 Datasheet
770Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com