Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT03C180 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BZT03C180
Description  Zener Diodes with Surge Current Specification
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT03C180 Datasheet(HTML) 1 Page - Vishay Siliconix

  BZT03C180 Datasheet HTML 1Page - Vishay Siliconix BZT03C180 Datasheet HTML 2Page - Vishay Siliconix BZT03C180 Datasheet HTML 3Page - Vishay Siliconix BZT03C180 Datasheet HTML 4Page - Vishay Siliconix BZT03C180 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
BZT03-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 11-Sep-12
1
Document Number: 85599
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Diodes with Surge Current Specification
FEATURES
• Glass passivated junction
• Hermetically sealed package
• Clamping time in picoseconds
• Material categorization:
For definitions of
compliance please
see
www.vishay.com/doc?99912
APPLICATIONS
• Medium power voltage regulators and medium power
transient suppression circuits
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
6.2 to 300
V
Test current IZT
2 to 100
mA
VZ specification
Pulse current
Int. construction
Single
949539
ORDERING INFORMATION (Example)
DEVICE NAME
ORDERING CODE
TAPED UNITS
MINIMUM ORDER QUANTITY
BZT03C6V2
BZT03C6V2-TR
5000 per 10" tape and reel
25 000
BZT03C6V2
BZT03C6V2-TAP
5000 per ammopack
25 000
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
SOD-57
369 mg
UL 94 V-0
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
I = 10 mm, TL = 25 °C
Ptot
3250
mW
Tamb = 25 °C
Ptot
1300
Repetitive peak reverse power
dissipation
PZRM
10
W
Non repetitive peak surge power
dissipation
tp = 100 μs, Tj = 25 °C
PZSM
600
W
Junction to ambient air
I = 10 mm, TL = constant
RthJA
46
K/W
On PC board with spacing 25 mm
RthJA
100
Junction temperature
Tj
175
°C
Storage temperature range
TS
- 65 to + 175
°C
Forward voltage (max.)
IF = 0.5 A
VF
1.2
V


Similar Part No. - BZT03C180

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03C180 VISHAY-BZT03C180 Datasheet
67Kb / 5P
   Silicon Z-Diodes and Transient Voltage Suppressors
Rev. 2, 01-Apr-99
logo
New Jersey Semi-Conduct...
BZT03C180 NJSEMI-BZT03C180 Datasheet
268Kb / 3P
   Zener Diodes with Surge Current Specification
logo
Galaxy Semi-Conductor H...
BZT03C180 BILIN-BZT03C180 Datasheet
182Kb / 4P
   ZENER DIODES
logo
Vishay Siliconix
BZT03C180 VISHAY-BZT03C180 Datasheet
261Kb / 5P
   Silicon Zener-Diodes with Surge Current Specification
Rev. 4, 10-Sep-03
BZT03C180 VISHAY-BZT03C180 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results

Similar Description - BZT03C180

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZT03 VISHAY-BZT03_10 Datasheet
112Kb / 5P
   Zener Diodes with Surge Current Specification
Rev. 1.5, 26-Aug-10
BZD27C3V6P-E3-08 VISHAY-BZD27C3V6P-E3-08 Datasheet
127Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.2, 13-Aug-14
BZD27C3V6P VISHAY-BZD27C3V6P_13 Datasheet
109Kb / 7P
   Zener Diodes with Surge Current Specification
Rev. 2.1, 29-Nov-11
BZD27B-M VISHAY-BZD27B-M_V01 Datasheet
123Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
BZD27B-M VISHAY-BZD27B-M Datasheet
118Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZD27C VISHAY-BZD27C Datasheet
117Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.4., 15-Oct-15
BZG04 VISHAY-BZG04_08 Datasheet
184Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 2.2, 15-Sep-05
BZD27B VISHAY-BZD27B_V01 Datasheet
122Kb / 7P
   Zener Diodes with Surge Current Specification
01-Jan-2022
logo
Vaishali Semiconductor
BZD27C3V6P VAISH-BZD27C3V6P Datasheet
238Kb / 7P
   Zener Diodes with Surge Current Specification
logo
Vishay Siliconix
BZD27B VISHAY-BZD27B Datasheet
129Kb / 8P
   Zener Diodes with Surge Current Specification
Rev. 1.0., 29-Oct-15
BZT03 VISHAY-BZT03_05 Datasheet
126Kb / 6P
   Zener Diodes with Surge Current Specification
Rev. 1.4, 13-Jul-05
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com