Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCR03EZPFX3321 Datasheet(PDF) 5 Page - International Rectifier

Part # MCR03EZPFX3321
Description  HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX3321 Datasheet(HTML) 5 Page - International Rectifier

  MCR03EZPFX3321 Datasheet HTML 1Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 2Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 3Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 4Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 5Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 6Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 7Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 8Page - International Rectifier MCR03EZPFX3321 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5
IR3838MPbF
Rev 1.41
Recommended Operating Conditions
Symbol
Definition
Min
Max
Units
PVin
Input Voltage for power stage
1.5
16
Vin
Input Voltage for internal LDO *
7.0
16
Vcc/LDO_out
Supply Voltage *
4.5
6.5
Boot to SW
Supply Voltage
4.5
7.5
Vo
Output Voltage
0.6
0.9*Vin
V
Io
Output Current
0
10
A
Fs
Switching Frequency
225
1650
kHz
Tj
Junction Temperature
-40
125
oC
* Vcc/LDO_out can be connected to an external regulated supply (≈ 5V). If so, the Vin input should be
left unconnected.
PARAMETER
SYMBOL
TEST CONDITION
MIN
TYP
MAX
UNIT
POWER STAGE
Power Losses
Ploss
Vin=12V, Vo=1.8V, Io=10A,
Fs=600kHz, L=0.6uH, Note4
2
W
Top Switch
Rds(on)_Top
VBoot -Vsw =5.0V,
ID=10A,Tj=25C
17.1
26
Bottom Switch
Rds(on)_Bot
Vcc=5.0V, ID=10A
8.5
11
mΩ
Bootstrap Diode Forward
Voltage
I(Boot)= 30mA
180
260
470
mV
SW=0V, Enable=0V
6
SW leakage Current
Isw
SW=0V, Enable=high, Vp=0V
14
µA
SUPPLY CURRENT
Vin Supply Current (Standby)
Iin(Standby)
Enable low , No Switching,
400
µA
Vin Supply Current (Dyn)
Iin(Dyn)
Enable high, Fs=500kHz,
Vin=12V
12
mA
INTERNAL REGULATOR (LDO)
Output Voltage
IntVcc
Vin(min)=7.0V, Io=0-50mA,
Cload=2.2uF
4.7
5.2
5.7
V
IntVcc Dropout
IntVcc_drop
Io=50mA, Cload=2.2uF
50
150
mV
Short Circuit Current
Ishort
70
mA
INTERNAL DIGITAL SOFT START
Soft Start Clock Frequency
Clk(SS)
Note4
168
200
254
kHz
Soft Start Ramp Rate
Ramp(SS)
0.2
mV/us
Electrical Specifications
Unless otherwise specified, these specification apply over, 7.0V<V
in=PVin<16V, Vref=0.6V
in 0oC<T
j< 125
oC. Typical values are specified at T
a = 25
oC.


Similar Part No. - MCR03EZPFX3321

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
MCR03EZPFX3001 INTERSIL-MCR03EZPFX3001 Datasheet
4Mb / 12P
   ISL8225MEVAL2Z 6-Phase, 90A Evaluation Board Setup Procedure
logo
International Rectifier
MCR03EZPFX3011 IRF-MCR03EZPFX3011 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
MCR03EZPFX3091 IRF-MCR03EZPFX3091 Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
MCR03EZPFX3091 IRF-MCR03EZPFX3091 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
MCR03EZPFX3161 IRF-MCR03EZPFX3161 Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - MCR03EZPFX3321

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3838MTR1PBF IRF-IR3838MTR1PBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3838MPBF IRF-IR3838MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 10A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3870MBF IRF-IR3870MBF Datasheet
1Mb / 20P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865M IRF-IR3865M_15 Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3837MPBF IRF-IR3837MPBF_15 Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
logo
Infineon Technologies A...
IR3828MTRPBF INFINEON-IR3828MTRPBF Datasheet
1Mb / 50P
   10A Highly Integrated Single-Input Synchronous SupIRBuck짰 Regulator
Rev 3.7, 03/24/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com