Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-2FB0J226ML Datasheet(PDF) 1 Page - International Rectifier

Part # ECJ-2FB0J226ML
Description  HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-2FB0J226ML Datasheet(HTML) 1 Page - International Rectifier

  ECJ-2FB0J226ML Datasheet HTML 1Page - International Rectifier ECJ-2FB0J226ML Datasheet HTML 2Page - International Rectifier ECJ-2FB0J226ML Datasheet HTML 3Page - International Rectifier ECJ-2FB0J226ML Datasheet HTML 4Page - International Rectifier ECJ-2FB0J226ML Datasheet HTML 5Page - International Rectifier ECJ-2FB0J226ML Datasheet HTML 6Page - International Rectifier ECJ-2FB0J226ML Datasheet HTML 7Page - International Rectifier ECJ-2FB0J226ML Datasheet HTML 8Page - International Rectifier ECJ-2FB0J226ML Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 34 page
background image
Rev 13.0
1
PD-97659
IR3842WMPbF
Features
Greater than 95% Maximum Efficiency
Wide Input Voltage Range 1.5V to 16V
Wide Output Voltage Range 0.7V to 0.9*Vin
Continuous 4A Load Capability
Integrated Bootstrap-diode
High Bandwidth E/A for excellent transient
performance
Programmable Switching Frequency up to 1.5MHz
Programmable Over Current Protection
PGood output
Hiccup Current Limit
Precision Reference Voltage (0.7V, +/-1%)
Programmable Soft-Start
Enable Input with Voltage Monitoring Capability
Enhanced Pre-Bias Start-up
Seq input for Tracking applications
-40oC to 125oC operating junction temperature
Thermal Protection
Pin compatible option for 8A and 12A devices
5mm x 6mm Power QFN Package, 0.9 mm height
Lead-free, halogen-free and RoHS compliant
Applications
Server Applications
Storage Applications
Embedded Telecom Systems
Fig. 1. Typical application diagram
Description
The IR3842W SupIRBuckTM is an easy-to-use,
fully integrated and highly efficient DC/DC
synchronous Buck regulator. The MOSFETs co-
packaged with the on-chip PWM controller make
IR3842W a space-efficient solution, providing
accurate power delivery for low output voltage
applications.
IR3842W is a versatile regulator which offers
programmability of start up time, switching
frequency and current limit while operating in
wide input and output voltage range.
The switching frequency is programmable from
250kHz to 1.5MHz for an optimum solution.
It also features important protection functions,
such as Pre-Bias startup, hiccup current limit and
thermal shutdown to give required system level
security in the event of fault conditions.
HIGHLY EFFICIENT
INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
SupIRBuckTM
Boot
Vcc
Fb
Comp
Gnd
PGnd
SW
OCSet
SS/ SD
4.5V <Vcc<5.5V
Vo
PGood
PGood
Enable
Rt
1.5V <Vin<16V
Vin
Seq
Distributed Point of Load Power Architectures
Netcom Applications
Computing Peripheral Voltage Regulators
General DC-DC Converters


Similar Part No. - ECJ-2FB0J226ML

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-2FB0J226ML IRF-ECJ-2FB0J226ML Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-2FB0J226ML IRF-ECJ-2FB0J226ML Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-2FB0J226ML IRF-ECJ-2FB0J226ML Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
ECJ-2FB0J226ML IRF-ECJ-2FB0J226ML Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
ECJ-2FB0J226ML IRF-ECJ-2FB0J226ML Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-2FB0J226ML

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3853M IRF-IR3853M_15 Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3853MPBF IRF-IR3853MPBF Datasheet
973Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 4A, SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF Datasheet
739Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3842MPBF IRF-IR3842MPBF Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com