Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-1VB1H222K Datasheet(PDF) 7 Page - International Rectifier

Part # ECJ-1VB1H222K
Description  HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VB1H222K Datasheet(HTML) 7 Page - International Rectifier

Back Button ECJ-1VB1H222K Datasheet HTML 3Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 4Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 5Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 6Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 7Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 8Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 9Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 10Page - International Rectifier ECJ-1VB1H222K Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
7
Note3: Cold temperature performance is guaranteed via correlation using statistical quality control. Not tested in production.
Note4: Guaranteed by Design but not tested in production.
Note5: Upgrade to industrial/MSL2 level applies from date codes 1227 (marking explained on application note AN1132 page 2).
Products with prior date code of 1227 are qualified with MSL3 for Consumer market.
Electrical Specifications (continued)
Unless otherwise specified, these specification apply over 4.5V< V
cc<5.5V, Vin=12V, 0
oC<T
j< 125
oC.
Typical values are specified at T
a = 25
oC.
Parameter
SYM
Test Condition
Min
TYP
MAX
Units
Thermal Shutdown
Thermal Shutdown
Note4
140
Hysteresis
Note4
20
oC
Power Good
Power Good upper
Threshold
VPG(upper)
Fb Rising
0.770
0.805
0.840
V
Upper Threshold
Delay
VPG(upper)_Dly
Fb Rising
256/Fs
s
Power Good lower
Threshold
VPG(lower)
Fb Falling
0.560
0.595
0.630
V
Lower Threshold
Delay
VPG(lower)_Dly
Fb Falling
256/Fs
s
Delay Comparator
Threshold
PG(Delay)
Relative to charge voltage, SS rising
2
2.1
2.3
V
Delay Comparator
Hysteresis
Delay(hys)
Note4
260
300
340
mV
PGood Voltage Low
PG(voltage)
IPGood=-5mA
0.5
V
Leakage Current
Ileakage
0
10
μA
Switch Node
SW=0V, Enable=0V
SW Bias Current
Isw
SW=0V,Enable=high,SS=3V,Vseq=0V,
Note4
6
μA


Similar Part No. - ECJ-1VB1H222K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H222K IRF-ECJ-1VB1H222K Datasheet
1Mb / 36P
   HIGHLY INTEGRATED 14A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-1VB1H222K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3840AM IRF-IR3840AM_15 Datasheet
770Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3841MPBF IRF-IR3841MPBF Datasheet
919Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
IR3842M IRF-IR3842M_15 Datasheet
921Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AM IRF-IR3843AM_15 Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3859M IRF-IR3859M_15 Datasheet
978Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 9A, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com