Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-1VB1H103K Datasheet(PDF) 4 Page - International Rectifier

Part # ECJ-1VB1H103K
Description  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-1VB1H103K Datasheet(HTML) 4 Page - International Rectifier

  ECJ-1VB1H103K Datasheet HTML 1Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 2Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 3Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 4Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 5Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 6Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 7Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 8Page - International Rectifier ECJ-1VB1H103K Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
4
Pin Description
Pin
Name
Description
1
Seq
Sequence pin. Use two external resistors to set Simultaneous Power up
sequencing. If this pin is not used connect to Vcc.
2
Fb
Inverting input to the error amplifier. This pin is connected directly to the
output of the regulator via resistor divider to set the output voltage and
provide feedback to the error amplifier.
3
Comp
Output of error amplifier. An external resistor and capacitor network is
typically connected from this pin to Fb pin to provide loop
compensation.
4
Gnd
Signal ground for internal reference and control circuitry.
5
Rt
Set the switching frequency. Connect an external resistor from this pin
to Gnd to set the switching frequency.
6
SS/SD
¯¯
Soft start / shutdown. This pin provides user programmable soft-start
function. Connect an external capacitor from this pin to Gnd to set the
start up time of the output voltage. The converter can be shutdown by
pulling this pin below 0.3V.
7
OCSet
Current limit set point. A resistor from this pin to SW pin will set the
current limit threshold.
8
PGood
Power Good status pin. Output is open drain. Connect a pull up resistor
from this pin to Vcc. If unused, it can be left open.
9
V
CC
This pin powers the internal IC and the drivers. A minimum of 1uF high
frequency capacitor must be connected from this pin to the power
ground (PGnd).
10
PGnd
Power Ground. This pin serves as a separated ground for the MOSFET
drivers and should be connected to the system’s power ground plane.
11
SW
Switch node. This pin is connected to the output inductor.
12
V
IN
Input voltage connection pin.
13
Boot
Supply voltage for high side driver. A 0.1uF capacitor must be
connected from this pin to SW.
14
Enable
Enable pin to turn on and off the device. Use two external resistors to
set the turn on threshold (see Enable section). Connect this pin to Vcc if
it is not used.
15
Gnd
Signal ground for internal reference and control circuitry.


Similar Part No. - ECJ-1VB1H103K

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECJ-1VB1H103K PANASONIC-ECJ-1VB1H103K Datasheet
860Kb / 12P
   Multilayer Ceramic Capacitors (For General Electronic Equipment)
logo
International Rectifier
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
1,010Kb / 35P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
ECJ-1VB1H103K IRF-ECJ-1VB1H103K Datasheet
1,022Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-1VB1H103K

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840MPBF IRF-IR3840MPBF Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WM IRF-IR3840WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WMPBF IRF-IR3840WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com