Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C68-V Datasheet(PDF) 6 Page - Vishay Siliconix

Part # BZX84C68-V
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZX84C68-V Datasheet(HTML) 6 Page - Vishay Siliconix

  BZX84C68-V Datasheet HTML 1Page - Vishay Siliconix BZX84C68-V Datasheet HTML 2Page - Vishay Siliconix BZX84C68-V Datasheet HTML 3Page - Vishay Siliconix BZX84C68-V Datasheet HTML 4Page - Vishay Siliconix BZX84C68-V Datasheet HTML 5Page - Vishay Siliconix BZX84C68-V Datasheet HTML 6Page - Vishay Siliconix BZX84C68-V Datasheet HTML 7Page - Vishay Siliconix BZX84C68-V Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
BZX84-V-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 08-Dec-11
6
Document Number: 85763
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 13 - Change of Zener Voltage from Turn-on up to the Point of
Thermal Equilibrium vs. Zener Voltage
Fig. 14 - Breakdown Characteristics
Fig. 15 - Breakdown Characteristics
Fig. 16 - Breakdown Characteristics
18128
5
4
3
2
1
0
V
V
Z
0
20
40
60
80
100 V
V
Z
I
Z = 5 mA
I
Z = 2 mA
V
Z = Rzth x IZ
18111
Test
current
I
Z 5 mA
1
2
3
4
5
6
7
8
9
0
10 V
VZ
3.3
3.9 5.6
2.7
mA
50
40
30
20
10
0
lZ
Tj = 25 °C
8.2
6.8
4.7
18112
10
20
30
0
40 V
VZ
mA
30
20
10
0
lZ
33
Test
current
IZ 5 mA
Tj = 25 °C
10
12
15
18
22
27
36
18113
mA
10
8
6
4
2
0
lZ
10 20 30 40 50 60 70 80 90
0
100 V
VZ
43
39
Test
current
I
Z 5 mA
Tj = 25 °C
47
51


Similar Part No. - BZX84C68-V

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BZX84C68-V VISHAY-BZX84C68-V Datasheet
452Kb / 10P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
BZX84C68-V VISHAY-BZX84C68-V Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
BZX84C68-V VISHAY-BZX84C68-V Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
BZX84C68-V VISHAY-BZX84C68-V Datasheet
247Kb / 11P
   Small Signal Zener Diodes
Rev. 1.7, 14-Jul-05
BZX84C68-V VISHAY-BZX84C68-V Datasheet
136Kb / 9P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
More results

Similar Description - BZX84C68-V

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com