Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52B4V7 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BZT52B4V7
Description  Small Signal Zener Diodes
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BZT52B4V7 Datasheet(HTML) 2 Page - Vishay Siliconix

  BZT52B4V7 Datasheet HTML 1Page - Vishay Siliconix BZT52B4V7 Datasheet HTML 2Page - Vishay Siliconix BZT52B4V7 Datasheet HTML 3Page - Vishay Siliconix BZT52B4V7 Datasheet HTML 4Page - Vishay Siliconix BZT52B4V7 Datasheet HTML 5Page - Vishay Siliconix BZT52B4V7 Datasheet HTML 6Page - Vishay Siliconix BZT52B4V7 Datasheet HTML 7Page - Vishay Siliconix BZT52B4V7 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
BZT52-Series
www.vishay.com
Vishay Semiconductors
Rev. 1.8, 26-Feb-13
2
Document Number: 85760
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
•IZT1 = 5 mA, IZT2 = 1 mA
(1) Measured with pulses tp = 5 ms
(2) IZT1 = 2.5 mA
(3) IZT2 = 0.5 mA
(4) Valid provided that electrodes are kept at ambient temperature
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
MARKING
CODE
ZENER VOLTAGE
RANGE (1)
TEST
CURRENT
REVERSE
VOLTAGE
DYNAMIC
RESISTANCE
TEMP.
COEFFICIENT
ADMISSABLE
ZENER
CURRENT (4)
VZ at IZT1
IZT1
IZT2
VR at IR
ZZ at IZT1
ZZK at IZT2
VZ
IZ at
Tamb =
45 °C
IZ at
Tamb =
25 °C
V
mA
V
nA
10-4/°C
mA
MIN.
NOM. MAX.
BZT52C2V4
W1
2.2
2.4
2.6
5
1
-
-
85
600
- 9 to - 4
-
-
BZT52C2V7
W2
2.5
2.7
2.9
5
1
-
-
75 (< 83)
< 500
- 9 to - 4
113
134
BZT52C3V0
W3
2.8
3.0
3.2
5
1
-
-
80 (< 95)
< 500
- 9 to - 3
98
118
BZT52C3V3
W4
3.1
3.3
3.5
5
1
-
-
80 (< 95)
< 500
- 8 to - 3
92
109
BZT52C3V6
W5
3.4
3.6
3.8
5
1
-
-
80 (< 95)
< 500
- 8 to - 3
85
100
BZT52C3V9
W6
3.7
3.9
4.1
5
1
-
-
80 (< 95)
< 500
- 7 to - 3
77
92
BZT52C4V3
W7
4
4.3
4.6
5
1
-
-
80 (< 95)
< 500
- 6 to - 1
71
84
BZT52C4V7
W8
4.4
4.7
5
5
1
-
-
70 (< 78)
< 500
- 5 to + 2
64
76
BZT52C5V1
W9
4.8
5.1
5.4
5
1
> 0.8
100
30 (< 60)
< 480
- 3 to + 4
56
67
BZT52C5V6
WA
5.2
5.6
6
5
1
> 1
100
10 (< 40)
< 400
- 2 to + 6
50
59
BZT52C6V2
WB
5.8
6.2
6.6
5
1
> 2
100
4.8 (< 10)
< 200
- 1 to + 7
45
54
BZT52C6V8
WC
6.4
6.8
7.2
5
1
> 3
100
4.5 (< 8)
< 150
+ 2 to + 7
41
49
BZT52C7V5
WD
7
7.5
7.9
5
1
> 5
100
4 (< 7)
< 50
+ 3 to + 7
37
44
BZT52C8V2
WE
7.7
8.2
8.7
5
1
> 6
100
4.5 (< 7)
< 50
+ 4 to + 7
34
40
BZT52C9V1
WF
8.5
9.1
9.6
5
1
> 7
100
4.8 (< 10)
< 50
+ 5 to + 8
30
36
BZT52C10
WG
9.4
10
10.6
5
1
> 7.5
100
5.2 (< 15)
< 70
+ 5 to + 8
28
33
BZT52C11
WH
10.4
11
11.6
5
1
> 8.5
100
6 (< 20)
< 70
+ 5 to + 9
25
30
BZT52C12
WI
11.4
12
12.7
5
1
> 9
100
7 (< 20)
< 90
+ 6 to + 9
23
28
BZT52C13
WK
12.4
13
14.1
5
1
> 10
100
9 (< 25)
< 110
+ 7 to + 9
21
25
BZT52C15
WL
13.8
15
15.6
5
1
> 11
100
11 (< 30)
< 110
+ 7 to + 9
19
23
BZT52C16
WM
15.3
16
17.1
5
1
> 12
100
13 (< 40)
< 170
+ 8 to + 9.5
17
20
BZT52C18
WN
16.8
18
19.1
5
1
> 14
100
18 (< 50)
< 170
+ 8 to + 9.5
15
18
BZT52C20
WO
18.8
20
21.2
5
1
> 15
100
20 (< 50)
< 220
+ 8 to + 10
14
17
BZT52C22
WP
20.8
22
23.3
5
1
> 17
100
25 (< 55)
< 220
+ 8 to + 10
13
16
BZT52C24
WR
22.8
24
25.6
5
1
> 18
100
28 (< 80)
< 220
+ 8 to + 10
11
13
BZT52C27
WS
25.1
27
28.9
5
1
> 20
100
30 (< 80)
< 250
+ 8 to + 10
10
12
BZT52C30
WT
28
30
32
5
1
> 22.5 100
35 (< 80)
< 250
+ 8 to + 10
9
10
BZT52C33
WU
31
33
35
5
1
> 25
100
40 (< 80)
< 250
+ 8 to + 10
8
9
BZT52C36
WW
34
36
38
5
1
> 27
100
40 (< 90)
< 250
+ 8 to + 10
8
9
BZT52C39
WX
37
39
41
5
1
> 29
100
50 (< 90)
< 300
+ 10 to + 12
7
8
BZT52C43
WY
40
43
46
5
1
> 32
100
60 (< 100)
< 700
+ 10 to + 12
6
7
BZT52C47
WZ
44
47
50
5
1
> 35
100
70 (< 100)
< 750
+ 10 to + 12
5
6
BZT52C51
X1
48
51
54
5
1
> 38
100
70 (< 100)
< 750
+ 10 to + 12
5
6
BZT52C56
X2
52
56
60
2.5
0.5
-
-
< 135 (2)
< 1000 (3)
typ. +10 (2)
--
BZT52C62
X3
58
62
66
2.5
0.5
-
-
< 150 (2)
< 1000 (3)
typ. +10 (2)
--
BZT52C68
X4
64
68
72
2.5
0.5
-
-
< 200 (2)
< 1000 (3)
typ. +10 (2)
--
BZT52C75
X5
70
75
79
2.5
0.5
-
-
< 250 (2)
< 1500 (3)
typ. +10 (2)
--


Similar Part No. - BZT52B4V7

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
BZT52B4V7 TSC-BZT52B4V7 Datasheet
124Kb / 3P
   500mW, 2% Tolerance SMD Zener Diode
logo
Vishay Siliconix
BZT52B4V7 VISHAY-BZT52B4V7 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Weitron Technology
BZT52B4V7 WEITRON-BZT52B4V7 Datasheet
170Kb / 3P
   Surface Mount Zener Diodes
logo
Foshan Blue Rocket Elec...
BZT52B4V7 FOSHAN-BZT52B4V7 Datasheet
629Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Shenzhen Taychipst Elec...
BZT52B4V7 TAYCHIPST-BZT52B4V7 Datasheet
2Mb / 3P
   Small Signal Diode
More results

Similar Description - BZT52B4V7

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
TZS4678 EIC-TZS4678 Datasheet
213Kb / 2P
   SMALL SIGNAL ZENER DIODES
logo
Vishay Siliconix
TZM VISHAY-TZM Datasheet
104Kb / 8P
   Small Signal Zener Diodes
Rev. 1.4, 28-Feb-06
TZQ5221B VISHAY-TZQ5221B_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.7, 23-Mar-06
TZS4678 VISHAY-TZS4678_06 Datasheet
190Kb / 7P
   Small Signal Zener Diodes
Rev. 1.5, 15-Mar-06
TZS4678 VISHAY-TZS4678_12 Datasheet
109Kb / 6P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-11
MMSZ5237B-V-GS08 VISHAY-MMSZ5237B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
TZM5244B-GS08 VISHAY-TZM5244B-GS08 Datasheet
76Kb / 4P
   Small Signal Zener Diodes
Rev. 1.7, 22-Nov-12
MMBZ4617-V VISHAY-MMBZ4617-V_12 Datasheet
77Kb / 3P
   Small Signal Zener Diodes
Rev. 1.5, 05-Oct-11
BZX84C12-V-GS08 VISHAY-BZX84C12-V-GS08 Datasheet
144Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Dec-11
TZMC15-GS08 VISHAY-TZMC15-GS08 Datasheet
102Kb / 7P
   Small Signal Zener Diodes
Rev. 1.6, 22-Nov12
MMSZ5252B-V-GS08 VISHAY-MMSZ5252B-V-GS08 Datasheet
80Kb / 4P
   Small Signal Zener Diodes
Rev. 1.9, 27-Feb-13
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com