Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECJ-BVB1C105M Datasheet(PDF) 5 Page - International Rectifier

Part # ECJ-BVB1C105M
Description  HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ECJ-BVB1C105M Datasheet(HTML) 5 Page - International Rectifier

  ECJ-BVB1C105M Datasheet HTML 1Page - International Rectifier ECJ-BVB1C105M Datasheet HTML 2Page - International Rectifier ECJ-BVB1C105M Datasheet HTML 3Page - International Rectifier ECJ-BVB1C105M Datasheet HTML 4Page - International Rectifier ECJ-BVB1C105M Datasheet HTML 5Page - International Rectifier ECJ-BVB1C105M Datasheet HTML 6Page - International Rectifier ECJ-BVB1C105M Datasheet HTML 7Page - International Rectifier ECJ-BVB1C105M Datasheet HTML 8Page - International Rectifier ECJ-BVB1C105M Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
Rev 11.0
PD-97505
IR3840AMPbF
5
Recommended Operating Conditions
Parameter
Symbol
Test Condition
Min
TYP
MAX
Units
Power Loss
Power Loss
Ploss
Vcc=5V, Vin=12V, Vo=1.8V, Io=14A,
Fs=600kHz, L=0.56uH, Note4
3.63
W
MOSFET Rds(on)
Top Switch
Rds(on)_Top
VBoot -Vsw =5V, ID=14A, Tj=25
0C
8.4
10.6
Bottom Switch
Rds(on)_Bot
Vcc=5V, ID=14A, Tj=25
0C
5.7
6.9
m
Ω
Reference Voltage
Feedback Voltage
VFB
0.7
V
0
oC<Tj<125oC
-1.0
+1.0
Accuracy
-40
oC<Tj<125oC, Note3
-2.0
+2.0
%
Supply Current
Vcc Supply Current (Standby)
ICC(Standby)
SS=0V, No Switching, Enable low
500
uA
Vcc Supply Current (Dyn)
ICC(Dyn)
SS=3V, Vcc=5V, Fs=500kHz
Enable high
15
mA
Under Voltage Lockout
Vcc-Start-Threshold
VCC_UVLO_Start
Vcc Rising Trip Level
3.95
4.15
4.35
Vcc-Stop-Threshold
VCC_UVLO_Stop
Vcc Falling Trip Level
3.65
3.85
4.05
Enable-Start-Threshold
Enable_UVLO_Start
Supply ramping up
1.14
1.2
1.36
Enable-Stop-Threshold
Enable_UVLO_Stop
Supply ramping down
0.9
1.0
1.06
V
Enable leakage current
Ien
Enable=3.3V
15
uA
Electrical Specifications
Unless otherwise specified, these specification apply over 4.5V< V
cc<5.5V, Vin=12V, 0
oC<T
j< 125
oC.
Typical values are specified at T
a = 25
oC.
Symbol
Definition
Min
Max
Units
Vin
Input Voltage
1.5
16
Vcc
Supply Voltage
4.5
5.5
Boot to SW
Supply Voltage
4.5
5.5
Vo
Output Voltage
0.7
0.9*Vin
V
Io
Output Current
0
14
A
Fs
Switching Frequency
225
1000
kHz
Tj
Junction Temperature
-40
125
oC


Similar Part No. - ECJ-BVB1C105M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
ECJ-BVB1C105M IRF-ECJ-BVB1C105M Datasheet
728Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-BVB1C105M IRF-ECJ-BVB1C105M Datasheet
740Kb / 32P
   HIGHLY EFFICIENT INTEGRATED SYNCHRONOUS BUCK REGULATOR FOR DDR APPLICATIONS
ECJ-BVB1C105M IRF-ECJ-BVB1C105M Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
ECJ-BVB1C105M IRF-ECJ-BVB1C105M Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
ECJ-BVB1C105M IRF-ECJ-BVB1C105M Datasheet
760Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 6A SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - ECJ-BVB1C105M

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3840M IRF-IR3840M_15 Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840MPBF IRF-IR3840MPBF Datasheet
924Kb / 32P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WM IRF-IR3840WM_15 Datasheet
776Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3840WMPBF IRF-IR3840WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 12A SYNCHRONOUS BUCK REGULATOR
IR3842WM IRF-IR3842WM_15 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843WMPBF IRF-IR3843WMPBF_12 Datasheet
750Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 2A SYNCHRONOUS BUCK REGULATOR
IR3840AMPBF IRF-IR3840AMPBF Datasheet
793Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 14A SYNCHRONOUS BUCK REGULATOR
IR3842WMPBF IRF-IR3842WMPBF_12 Datasheet
758Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 4A SYNCHRONOUS BUCK REGULATOR
IR3841WMPBF IRF-IR3841WMPBF Datasheet
757Kb / 34P
   HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com