Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VS-60APU06PbF Datasheet(PDF) 9 Page - Vishay Siliconix

Part # VS-60APU06PbF
Description  Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-60APU06PbF Datasheet(HTML) 9 Page - Vishay Siliconix

  VS-60APU06PbF Datasheet HTML 1Page - Vishay Siliconix VS-60APU06PbF Datasheet HTML 2Page - Vishay Siliconix VS-60APU06PbF Datasheet HTML 3Page - Vishay Siliconix VS-60APU06PbF Datasheet HTML 4Page - Vishay Siliconix VS-60APU06PbF Datasheet HTML 5Page - Vishay Siliconix VS-60APU06PbF Datasheet HTML 6Page - Vishay Siliconix VS-60APU06PbF Datasheet HTML 7Page - Vishay Siliconix VS-60APU06PbF Datasheet HTML 8Page - Vishay Siliconix VS-60APU06PbF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 02-Oct-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk. Please
contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as Halogen-Free follow Halogen-Free
requirements as per JEDEC JS709A standards. Please note that some Vishay documentation may still make reference
to the IEC 61249-2-21 definition. We confirm that all the products identified as being compliant to IEC 61249-2-21
conform to JEDEC JS709A standards.


Similar Part No. - VS-60APU06PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60APU06-N3 VISHAY-VS-60APU06-N3 Datasheet
135Kb / 6P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
VS-60APU06HN3 VISHAY-VS-60APU06HN3 Datasheet
194Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 09-Jul-15
VS-60APU06HN3 VISHAY-VS-60APU06HN3 Datasheet
189Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
More results

Similar Description - VS-60APU06PbF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-60EPU02PBF VISHAY-VS-60EPU02PBF Datasheet
212Kb / 9P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
Revision: 15-Aug-11
VS-EPU6006LHN3 VISHAY-VS-EPU6006LHN3_V01 Datasheet
179Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
VS-60EPU04HN3 VISHAY-VS-60EPU04HN3_V01 Datasheet
189Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
09-Jul-2021
VS-60EPU06HN3 VISHAY-VS-60EPU06HN3_V01 Datasheet
189Kb / 8P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
VS-EPU_APU6006LHN3 VISHAY-VS-EPU_APU6006LHN3 Datasheet
178Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 10-Oct-2018
VS-EPU6006-N3 VISHAY-VS-EPU6006-N3_V01 Datasheet
142Kb / 6P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
VS-60EPU04-N3 VISHAY-VS-60EPU04-N3_V01 Datasheet
152Kb / 6P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
VS-60EPU06L-N3 VISHAY-VS-60EPU06L-N3_V01 Datasheet
151Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
VS-EPU6006N3 VISHAY-VS-EPU6006N3 Datasheet
141Kb / 6P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt®
Revision: 29-Nov-2019
VS-60EPU04LHN3 VISHAY-VS-60EPU04LHN3_V01 Datasheet
198Kb / 7P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
VS-60EPU06-N3 VISHAY-VS-60EPU06-N3_V01 Datasheet
135Kb / 6P
   Ultrafast Soft Recovery Diode, 60 A FRED Pt짰
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com