Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IGP40N65H5 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # IGP40N65H5
Description  High speed 5 IGBT in TRENCHSTOP 5 technology
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IGP40N65H5 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button IGP40N65H5 Datasheet HTML 7Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 8Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 9Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 10Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 11Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 12Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 13Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 14Page - Infineon Technologies AG IGP40N65H5 Datasheet HTML 15Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
IGW40N65H5,IGP40N65H5
Highspeedswitchingseriesfifthgeneration
Rev.1.1,2012-11-09
Figure 17.
Typicalcapacitanceasafunctionof
collector-emittervoltage
(VGE=0V,f=1MHz)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
5
10
15
20
25
30
1
10
100
1000
1E+4
Ciss
Coss
Crss
Figure 18.
IGBTtransientthermalresistance
(D=tp/T)
tp,PULSEWIDTH[s]
1E-6
1E-5
1E-4
0.001
0.01
0.1
1
0.001
0.01
0.1
1
D=0.5
0.2
0.1
0.05
0.02
0.01
single pulse
i:
ri[K/W]:
τi[s]:
1
0.08245484
7.3E-5
2
0.144197
7.0E-4
3
0.2151774
0.01235548
4
0.1581708
0.08020881


Similar Part No. - IGP40N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP40N65H5 INFINEON-IGP40N65H5 Datasheet
2Mb / 15P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-04-30
IGP40N65H5 INFINEON-IGP40N65H5_15 Datasheet
2Mb / 15P
   650V IGBT high speed switching series fifth generation
Rev.2.1,2015-04-30
More results

Similar Description - IGP40N65H5

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGW50N65H5 INFINEON-IGW50N65H5 Datasheet
2Mb / 14P
   High speed 5 IGBT in TRENCHSTOP 5 technology
Rev.1.1,2012-11-09
IGP40N65F5 INFINEON-IGP40N65F5 Datasheet
2Mb / 15P
   High speed 5 FAST IGBT in TRENCHSTOP 5 technology
Rev.1.1,2012-11-09
AIGB40N65H5 INFINEON-AIGB40N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-19
AIGB15N65H5 INFINEON-AIGB15N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-18
AIGB50N65H5 INFINEON-AIGB50N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-19
AIGB30N65H5 INFINEON-AIGB30N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-18
AIGW50N65F5 INFINEON-AIGW50N65F5 Datasheet
1Mb / 14P
   High speed fast IGBT in TRENCHSTOPTM 5 technology
V2.1 2017-06-27
AIGW50N65H5 INFINEON-AIGW50N65H5 Datasheet
1Mb / 14P
   High speed fast IGBT in TRENCHSTOPTM 5 technology
V2.1 2017-06-30
AIGB40N65F5 INFINEON-AIGB40N65F5 Datasheet
1Mb / 14P
   High speed FAST IGBT in TRENCHSTOPTM 5 technology
V 2.2 2019-10-18
IKW50N65H5 INFINEON-IKW50N65H5_15 Datasheet
2Mb / 17P
   High speed 5 IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft antiparallel diode
Rev.2.1,2015-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com