Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPSMP33 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # TPSMP33
Description  High Power Density Surface Mount PAR Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TPSMP33 Datasheet(HTML) 3 Page - Vishay Siliconix

  TPSMP33 Datasheet HTML 1Page - Vishay Siliconix TPSMP33 Datasheet HTML 2Page - Vishay Siliconix TPSMP33 Datasheet HTML 3Page - Vishay Siliconix TPSMP33 Datasheet HTML 4Page - Vishay Siliconix TPSMP33 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
TPSMP6.8 thru TPSMP43A
www.vishay.com
Vishay General Semiconductor
Revision: 08-Oct-12
3
Document Number: 88471
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Automotive grade
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
Fig. 1 - Peak Pulse Power Rating Curve
Fig. 2 - Pulse Derating Curve
Fig. 3 - Pulse Waveform
Fig. 4 - Typical Junction Capacitance
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TPSMP6.8AHM3/84A (1)
0.024
84A
3000
7" diameter plastic tape and reel
TPSMP6.8AHM3/85A (1)
0.024
85A
10 000
13" diameter plastic tape and reel
TPSMP13 thru TPSMP43A
TPSMP7.5 thru TPSMP12A
TPSMP6.8
td - Pulse Width (µs)
10
0.01
0.1
100
10 000
1
1000
10
0.1
1
TJ - Initial Temperature (°C)
100
0
0
150
200
25
175
50
50
75
25
125
100
75
t - Time (ms)
150
0
04.0
1.0
2.0
100
50
3.0
t
d
t
r = 10 µs
Half Value -
I
PPM
I
PP
2
10/1000 µs Waveform
as defined by R.E.A.
T
J = 25 °C
Pulse Width (t
d)
is defined as the Point
where the Peak Current
decays to 50 % of I
PPM
Peak Value
I
PPM
VWM - Reverse Stand-Off Voltage (V)
10 000
10
1100
10
1000
100
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
V
R, measured at
Zero Bias
V
R measured at
Stand-Off Voltage, V
WM


Similar Part No. - TPSMP33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMP33 VISHAY-TPSMP33 Datasheet
103Kb / 5P
   High Power Density Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
TPSMP33 VISHAY-TPSMP33 Datasheet
89Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 19-Apr-11
TPSMP33A VISHAY-TPSMP33A Datasheet
103Kb / 5P
   High Power Density Surface Mount Automotive Transient Voltage Suppressors
Revision: 21-Oct-08
TPSMP33A VISHAY-TPSMP33A Datasheet
89Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 19-Apr-11
TPSMP33A VISHAY-TPSMP33A Datasheet
97Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
More results

Similar Description - TPSMP33

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TPSMP43A VISHAY-TPSMP43A_11 Datasheet
89Kb / 5P
   High Power Density Surface Mount PAR Transient Voltage Suppressors
Revision: 19-Apr-11
TPSMP43A VISHAY-TPSMP43A_V01 Datasheet
97Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
01-Jan-2022
TPSMP24AHM3-84A VISHAY-TPSMP24AHM3-84A Datasheet
88Kb / 5P
   High Power Density Surface Mount PAR® Transient Voltage Suppressors
Revision: 08-Oct-12
SM8S40AHE3 VISHAY-SM8S40AHE3 Datasheet
94Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Sep-12
5KASMC10A VISHAY-5KASMC10A_18 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Jan-18
TPSMA6.8A VISHAY-TPSMA6.8A_17 Datasheet
84Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 11-Jul-17
SM5S10 VISHAY-SM5S10_11 Datasheet
87Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
SM8S24AHE3 VISHAY-SM8S24AHE3 Datasheet
98Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 14-Sep-11
SM6A27 VISHAY-SM6A27_11 Datasheet
85Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 18-Apr-11
3KASMC10 VISHAY-3KASMC10_11 Datasheet
92Kb / 5P
   Surface Mount PAR Transient Voltage Suppressors
Revision: 29-Jul-11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com