Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PG-TO247-3 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # PG-TO247-3
Description  High speed 5 IGBT in TRENCHSTOP 5 technology
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PG-TO247-3 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button PG-TO247-3 Datasheet HTML 4Page - Infineon Technologies AG PG-TO247-3 Datasheet HTML 5Page - Infineon Technologies AG PG-TO247-3 Datasheet HTML 6Page - Infineon Technologies AG PG-TO247-3 Datasheet HTML 7Page - Infineon Technologies AG PG-TO247-3 Datasheet HTML 8Page - Infineon Technologies AG PG-TO247-3 Datasheet HTML 9Page - Infineon Technologies AG PG-TO247-3 Datasheet HTML 10Page - Infineon Technologies AG PG-TO247-3 Datasheet HTML 11Page - Infineon Technologies AG PG-TO247-3 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
IGW50N65H5
Highspeedswitchingseriesfifthgeneration
Rev.1.1,2012-11-09
Figure 5.
Typicaloutputcharacteristic
(Tvj=150°C)
VCE,COLLECTOR-EMITTERVOLTAGE[V]
0
1
2
3
4
5
0
15
30
45
60
75
90
105
120
135
150
VGE=20V
18V
15V
12V
10V
8V
7V
6V
5V
Figure 6.
Typicaltransfercharacteristic
(VCE=20V)
VGE,GATE-EMITTERVOLTAGE[V]
3.5 4.0 4.5 5.0 5.5 6.0 6.5 7.0 7.5 8.0 8.5
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
Tj=25°C
Tj=150°C
Figure 7.
Typicalcollector-emittersaturationvoltageas
afunctionofjunctiontemperature
(VGE=15V)
Tvj,JUNCTIONTEMPERATURE[°C]
0
25
50
75
100
125
150
175
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
IC=12,5A
IC=25A
IC=50A
Figure 8.
Typicalswitchingtimesasafunctionof
collectorcurrent
(inductiveload,Tvj=150°C,VCE=400V,
VGE=15/0V,rG=12
Ω,Dynamictestcircuitin
Figure E)
IC,COLLECTORCURRENT[A]
0
30
60
90
120
150
1
10
100
1000
td(off)
tf
td(on)
tr


Similar Part No. - PG-TO247-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PG-TO247-3 INFINEON-PG-TO247-3 Datasheet
2Mb / 15P
   High speed 5 FAST IGBT in TRENCHSTOP 5 technology
Rev.1.1,2012-11-09
PG-TO247-3 INFINEON-PG-TO247-3 Datasheet
2Mb / 15P
   High speed 5 IGBT in TRENCHSTOP 5 technology
Rev.1.1,2012-11-09
PG-TO247-3 INFINEON-PG-TO247-3 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
PG-TO247-3 INFINEON-PG-TO247-3 Datasheet
2Mb / 18P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
PG-TO247-3 INFINEON-PG-TO247-3 Datasheet
2Mb / 17P
   650V DuoPack IGBT and Diode High speed switching series fifth generation
Rev.1.1,2012-11-09
More results

Similar Description - PG-TO247-3

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IGP40N65H5 INFINEON-IGP40N65H5 Datasheet
2Mb / 15P
   High speed 5 IGBT in TRENCHSTOP 5 technology
Rev.1.1,2012-11-09
IGP40N65F5 INFINEON-IGP40N65F5 Datasheet
2Mb / 15P
   High speed 5 FAST IGBT in TRENCHSTOP 5 technology
Rev.1.1,2012-11-09
AIGB40N65H5 INFINEON-AIGB40N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-19
AIGB15N65H5 INFINEON-AIGB15N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-18
AIGB50N65H5 INFINEON-AIGB50N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-19
AIGB30N65H5 INFINEON-AIGB30N65H5 Datasheet
1Mb / 14P
   High speed IGBT in TRENCHSTOPTM 5 technology
V 2.1 2019-10-18
AIGW50N65F5 INFINEON-AIGW50N65F5 Datasheet
1Mb / 14P
   High speed fast IGBT in TRENCHSTOPTM 5 technology
V2.1 2017-06-27
AIGW50N65H5 INFINEON-AIGW50N65H5 Datasheet
1Mb / 14P
   High speed fast IGBT in TRENCHSTOPTM 5 technology
V2.1 2017-06-30
AIGB40N65F5 INFINEON-AIGB40N65F5 Datasheet
1Mb / 14P
   High speed FAST IGBT in TRENCHSTOPTM 5 technology
V 2.2 2019-10-18
IKW50N65H5 INFINEON-IKW50N65H5_15 Datasheet
2Mb / 17P
   High speed 5 IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft antiparallel diode
Rev.2.1,2015-05-06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com