Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A42MX16-FPQG208A Datasheet(PDF) 7 Page - Microsemi Corporation

Part # A42MX16-FPQG208A
Description  40MX and 42MX FPGA Families
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

A42MX16-FPQG208A Datasheet(HTML) 7 Page - Microsemi Corporation

Back Button A42MX16-FPQG208A Datasheet HTML 3Page - Microsemi Corporation A42MX16-FPQG208A Datasheet HTML 4Page - Microsemi Corporation A42MX16-FPQG208A Datasheet HTML 5Page - Microsemi Corporation A42MX16-FPQG208A Datasheet HTML 6Page - Microsemi Corporation A42MX16-FPQG208A Datasheet HTML 7Page - Microsemi Corporation A42MX16-FPQG208A Datasheet HTML 8Page - Microsemi Corporation A42MX16-FPQG208A Datasheet HTML 9Page - Microsemi Corporation A42MX16-FPQG208A Datasheet HTML 10Page - Microsemi Corporation A42MX16-FPQG208A Datasheet HTML 11Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 142 page
background image
40MX and 42MX FPGA Families
Re vi s i on 11
1-3
A42MX24 and A42MX36 devices contain D-modules, which are arranged around the periphery of the
device. D-modules contain wide-decode circuitry, providing a fast, wide-input AND function similar to that
found in CPLD architectures (Figure 1-4). The D-module allows A42MX24 and A42MX36 devices to
perform wide-decode functions at speeds comparable to CPLDs and PALs. The output of the D-module
has a programmable inverter for active HIGH or LOW assertion. The D-module output is hardwired to an
output pin, and can also be fed back into the array to be incorporated into other logic.
Dual-Port SRAM Modules
The A42MX36 device contains dual-port SRAM modules that have been optimized for synchronous or
asynchronous applications. The SRAM modules are arranged in 256-bit blocks that can be configured as
32x8 or 64x4. SRAM modules can be cascaded together to form memory spaces of user-definable width
and depth. A block diagram of the A42MX36 dual-port SRAM block is shown in Figure 1-5.
The A42MX36 SRAM modules are true dual-port structures containing independent read and write ports.
Each SRAM module contains six bits of read and write addressing (RDAD[5:0] and WRAD[5:0],
respectively) for 64x4-bit blocks. When configured in byte mode, the highest order address bits (RDAD5
and WRAD5) are not used. The read and write ports of the SRAM block contain independent clocks
(RCLK and WCLK) with programmable polarities offering active HIGH or LOW implementation. The
SRAM block contains eight data inputs (WD[7:0]), and eight outputs (RD[7:0]), which are connected to
segmented vertical routing tracks.
The A42MX36 dual-port SRAM blocks provide an optimal solution for high-speed buffered applications
requiring FIFO and LIFO queues. The ACTgen Macro Builder within Microsemi's Designer software
Figure 1-3 •
42MX S-Module Implementation
CLR
Up to 7-Input Function Plus D-Type Flip-Flop with Clear
Up to 4-Input Function Plus Latch with Clear
D0
D1
S
Y
D
Q
GATE
CLR
OUT
Up to 8-Input Function (Same as C-Module)
D00
D01
D10
D11
S1
S0
Y
OUT
Up to 7-Input Function Plus Latch
D00
D01
D10
D11
S1
S0
Y
OUT
GATE
D
Q
D00
D01
D10
D11
S1
S0
Y
D
Q
OUT


Similar Part No. - A42MX16-FPQG208A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
A42MX16-FPQG100 MICROSEMI-A42MX16-FPQG100 Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A42MX16-FPQG100A MICROSEMI-A42MX16-FPQG100A Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A42MX16-FPQG100B MICROSEMI-A42MX16-FPQG100B Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A42MX16-FPQG100I MICROSEMI-A42MX16-FPQG100I Datasheet
2Mb / 173P
   40MX and 42MX FPGA
A42MX16-FPQG100M MICROSEMI-A42MX16-FPQG100M Datasheet
2Mb / 173P
   40MX and 42MX FPGA
More results

Similar Description - A42MX16-FPQG208A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A40MX02 ETC1-A40MX02 Datasheet
854Kb / 123P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A40MX04-PL84 MICROSEMI-A40MX04-PL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
logo
Omron Electronics LLC
A42MX09-PLG84M OMRON-A42MX09-PLG84M Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
logo
Microsemi Corporation
A42MX24-PQ208I MICROSEMI-A42MX24-PQ208I Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A40MX04-PLG68 MICROSEMI-A40MX04-PLG68 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX09-TQ176 MICROSEMI-A42MX09-TQ176 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A42MX09-FPL84 MICROSEMI-A42MX09-FPL84 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
A42MX24-2PQ160 MICROSEMI-A42MX24-2PQ160 Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX04-PL44I MICROSEMI-A40MX04-PL44I Datasheet
7Mb / 143P
   40MX and 42MX FPGA Families
A40MX02-PL44 MICROSEMI-A40MX02-PL44 Datasheet
7Mb / 142P
   40MX and 42MX FPGA Families
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com