Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN77L06 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AN77L06
Description  3-pin, positive output, low dropout voltage regulator (100 mA type) limit circuit
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN77L06 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AN77L06 Datasheet HTML 1Page - Panasonic Semiconductor AN77L06 Datasheet HTML 2Page - Panasonic Semiconductor AN77L06 Datasheet HTML 3Page - Panasonic Semiconductor AN77L06 Datasheet HTML 4Page - Panasonic Semiconductor AN77L06 Datasheet HTML 5Page - Panasonic Semiconductor AN77L06 Datasheet HTML 6Page - Panasonic Semiconductor AN77L06 Datasheet HTML 7Page - Panasonic Semiconductor AN77L06 Datasheet HTML 8Page - Panasonic Semiconductor AN77L06 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AN77Lxx/AN77LxxM Series
4
SFF00004CEB
■ Electrical Characteristics at T
a
= 25°C (continued)
• AN77L045, AN77L045M (4.5V, 100mA type)
• AN77L05, AN77L05M (5V, 100mA type)
• AN77L06, AN77L06M (6V, 100mA type)
VO
REGIN
REGL
IBias
∆IBias
Irush
RR
VDIF(min)1
VDIF(min)2
Vno
∆VO/Ta
Tj
= 25°C
VI
= 5.18 to 15.18V, Tj = 25°C
IO
= 0 to 100mA, Tj = 25°C
IO
= 0mA, Tj = 25°C
IO
= 0 to 100mA, Tj = 25°C
VI
= 4.05V, IO = 0mA, Tj = 25°C
VI
= 7.18 to 6.18V, f = 120Hz
VI
= 4.05V, IO = 50mA, Tj = 25°C
VI
= 4.05V, IO = 100mA, Tj = 25°C
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
4.32
58
4.5
3
10
0.9
3
1.5
68
0.12
0.23
85
0.3
4.68
60
60
1.5
5
5
0.25
0.43
V
mV
mV
mA
mA
mA
dB
V
V
µV
mV/
°C
Output voltage
Line regulation
Load regulation
Bias current under no load
Bias current fluctuation to load
Bias current before regulation start
Ripple rejection ratio
Minimum input/output voltage difference 1
Minimum input/output voltage difference 2
Output noise voltage
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 5.5V, IO = 50mA and CO = 10µF
VO
REGIN
REGL
IBias
∆IBias
Irush
RR
VDIF(min)1
VDIF(min)2
Vno
∆VO/Ta
Tj
= 25°C
VI
= 5.7 to 15.7V, Tj = 25°C
IO
= 0 to 100mA, Tj = 25°C
IO
= 0mA, Tj = 25°C
IO
= 0 to 100mA, Tj = 25°C
VI
= 4.5V, IO = 0mA, Tj = 25°C
VI
= 5.7 to 7.7V, f = 120Hz
VI
= 4.5V, IO = 50mA, Tj = 25°C
VI
= 4.5V, IO = 100mA, Tj = 25°C
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
4.8
58
5
4
10
0.9
3
1.5
68
0.12
0.24
90
0.33
5.2
60
60
1.5
5
5
0.25
0.3
V
mV
mV
mA
mA
mA
dB
V
V
µV
mV/
°C
Output voltage
Line regulation
Load regulation
Bias current under no load
Bias current fluctuation to load
Bias current before regulation start
Ripple rejection ratio
Minimum input/output voltage difference 1
Minimum input/output voltage difference 2
Output noise voltage
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 6V, IO = 50mA and CO = 10µF
VO
REGIN
REGL
IBias
∆IBias
Irush
RR
VDIF(min)1
VDIF(min)2
Vno
∆VO/Ta
Tj
= 25°C
VI
= 6.74 to 16.74V, Tj = 25°C
IO
= 0 to 100mA, Tj = 25°C
IO
= 0mA, Tj = 25°C
IO
= 0 to 100mA, Tj = 25°C
VI
= 5.4V, IO = 0mA, Tj = 25°C
VI
= 6.74 to 8.74V, f = 120Hz
VI
= 5.4V, IO = 50mA, Tj = 25°C
VI
= 5.4V, IO = 100mA, Tj = 25°C
f
= 10Hz to 100kHz
Tj
= −30 to +125°C
5.76
56
6
4
11
0.9
3
1.5
66
0.12
0.25
105
0.4
6.24
60
60
1.5
5
5
0.25
0.46
V
mV
mV
mA
mA
mA
dB
V
V
µV
mV/
°C
Output voltage
Line regulation
Load regulation
Bias current under no load
Bias current fluctuation to load
Bias current before regulation start
Ripple rejection ratio
Minimum input/output voltage difference 1
Minimum input/output voltage difference 2
Output noise voltage
Output voltage temperature coefficient
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Note 1) The specified condition Tj
= 25°C means that the test should be carried out within so short a test time (within 10ms) that the
characteristic value drift due to the chip junction temperature rise can be ignored.
Note 2) Unless otherwise specified, VI
= 7V, IO = 50mA and CO = 10µF


Similar Part No. - AN77L06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L06 PANASONIC-AN77L06 Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
AN77L06M PANASONIC-AN77L06M Datasheet
81Kb / 8P
   3-pin Low Power Loss Voltage Regulato (100mA Type)
More results

Similar Description - AN77L06

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN77L05M-E1 PANASONIC-AN77L05M-E1 Datasheet
311Kb / 11P
   3-pin, positive output, low dropout voltage regulator (100 mA type)
AN80XX PANASONIC-AN80XX Datasheet
159Kb / 9P
   3-pin, positive output, low dropout voltage regulator (50 mA type)
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Battery Group
AN78L12ME1 PANASONICBATTERY-AN78L12ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
logo
Panasonic Semiconductor
AN78L05ME1 PANASONIC-AN78L05ME1 Datasheet
297Kb / 10P
   3-pin positive output voltage regulator (100 mA type)
AN77L04M-E1 PANASONIC-AN77L04M-E1 Datasheet
195Kb / 10P
   AN77Lxx/AN77LxxM Series 3-pin, positive output, low dropout voltage regulator (100 mA type)
AN8000 PANASONIC-AN8000 Datasheet
56Kb / 7P
   3-pin Positive Output Low Dropout Voltage Regulator 50mA Type
AN80L20RMSTX PANASONIC-AN80L20RMSTX Datasheet
321Kb / 27P
   Positive output, low dropout voltage regulator (150 mA type)
AN79L07 PANASONIC-AN79L07 Datasheet
175Kb / 12P
   3-pin negative output voltage regulator (100 mA type)
logo
E-Tech Electronics LTD
LP2950-2951 ETL-LP2950-2951 Datasheet
294Kb / 7P
   100 mA LOW-DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com