Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZMY24 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZMY24
Description  Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZMY24 Datasheet(HTML) 2 Page - Vishay Siliconix

  ZMY24 Datasheet HTML 1Page - Vishay Siliconix ZMY24 Datasheet HTML 2Page - Vishay Siliconix ZMY24 Datasheet HTML 3Page - Vishay Siliconix ZMY24 Datasheet HTML 4Page - Vishay Siliconix ZMY24 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ZMY3V9 to ZMY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 06-Dec-11
2
Document Number: 85788
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Valid provided that electrodes are kept at ambient temperature
(2) Tested with pulses tp = 5 ms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (2)
TEST
CURRENT
REVERSE
VOLTAGE
DYNAMIC
RESISTANCE
f = 1 kHz
ADMISSIBLE
ZENER
CURRENT (1)
TEMPERATURE
COEFFICIENT OF
ZENER VOLTAGE
VZ at IZT1
IZT1
VR at IR
ZZ at IZT1
IZ
VZ at IZT1
V
mA
V
μA
mA
10-4/°C
MIN.
NOM. MAX.
MAX.
TYP.
MIN.
MAX.
ZMY3V9
3.7
3.9
4.1
100
-
0.5
7
4
203
- 7
2
ZMY4V3
4
4.3
4.6
100
-
0.5
7
4
182
- 7
3
ZMY4V7
4.4
4.7
5
100
-
0.5
7
4
165
- 7
4
ZMY5V1
4.8
5.1
5.4
100
0.7
0.5
5
2
150
- 6
5
ZMY5V6
5.2
5.6
6
100
1.5
0.5
2
1
135
- 3
5
ZMY6V2
5.8
6.2
6.6
100
2
0.5
2
1
128
- 1
6
ZMY6V8
6.4
6.8
7.2
100
3
0.5
2
1
110
0
7
ZMY7V5
7
7.5
7.9
100
5
0.5
2
1
100
0
7
ZMY8V2
7.7
8.2
8.7
100
6
0.5
21
89
3
8
ZMY9V1
8.5
9.1
9.6
50
7
0.5
42
82
3
8
ZMY10
9.4
10
10.6
50
7.5
0.5
42
74
5
9
ZMY11
10.4
11
11.6
50
8.5
0.5
73
66
5
10
ZMY12
11.4
12
12.7
50
9
0.5
73
60
5
10
ZMY13
12.4
13
14.1
50
10
0.5
94
55
5
10
ZMY15
13.8
15
15.8
50
11
0.5
94
49
5
10
ZMY16
15.3
16
17.1
25
12
0.5
10
5
44
7
11
ZMY18
16.8
18
19.1
25
14
0.5
11
5
40
7
11
ZMY20
18.8
20
21.2
25
15
0.5
12
6
36
7
11
ZMY22
20.8
22
23.3
25
17
0.5
13
7
34
7
11
ZMY24
22.8
24
25.6
25
18
0.5
14
8
29
7
12
ZMY27
25.1
27
28.9
25
20
0.5
15
9
27
7
12
ZMY30
28
30
32
25
22.5
0.5
20
10
25
7
12
ZMY33
31
33
35
25
25
0.5
20
11
22
7
12
ZMY36
34
36
38
10
27
0.5
60
25
20
7
12
ZMY39
37
39
41
10
29
0.5
60
30
18
8
12
ZMY43
40
43
46
10
32
0.5
80
35
17
8
13
ZMY47
44
47
50
10
35
0.5
80
40
15
8
13
ZMY51
48
51
54
10
38
0.5
100
45
14
8
13
ZMY56
52
56
60
10
42
0.5
100
50
13
8
13
ZMY62
58
62
66
10
47
0.5
130
60
11
8
13
ZMY68
64
68
72
10
51
0.5
130
65
10
8
13
ZMY75
70
75
79
10
56
0.5
160
70
9
8
13
ZMY82
77
82
88
10
61
0.5
160
80
8
8
13
ZMY91
85
91
96
5
68
0.5
250
120
7.5
9
13
ZMY100
94
100
106
5
75
0.5
250
130
7
9
13


Similar Part No. - ZMY24

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
ZMY24 SEMTECH-ZMY24 Datasheet
373Kb / 5P
   SILICON PLANAR POWER ZENER DIODES?
logo
Vishay Siliconix
ZMY24 VISHAY-ZMY24 Datasheet
161Kb / 7P
   Zener Diodes
Rev. 1.7, 07-Aug-06
logo
Diotec Semiconductor
ZMY24 DIOTEC-ZMY24 Datasheet
213Kb / 3P
   SMD Zener Diodes
logo
General Semiconductor
ZMY24 GE-ZMY24 Datasheet
205Kb / 5P
   ZENER DIODES
logo
Diotec Semiconductor
ZMY24 DIOTEC-ZMY24 Datasheet
178Kb / 3P
   Surface Mount Silicon-Zener Diodes
More results

Similar Description - ZMY24

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com