Electronic Components Datasheet Search |
|
ALE14B05 Datasheet(PDF) 2 Page - Panasonic Semiconductor |
|
ALE14B05 Datasheet(HTML) 2 Page - Panasonic Semiconductor |
2 / 5 page Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/ LE (ALE) ASCTB194E 201202-T TYPES 1. Standard type ❍: Input the following letter. Class B: B, Class F: F Note: Standard packing; Carton: 100 pcs. Case 500 pcs. 2. High sensitive type ❍: Input the following letter. Class B: B, Class F: F Note: Standard packing; Carton: 100 pcs. Case 500 pcs. RATING 1. Coil data 1) Standard type 2) High sensitive type Contact arrangement Nominal coil voltage TMP type PCB type (No tab terminals) PCB side three terminals (includes one dummy terminal) PCB side three terminals PCB side four terminals Part No. Part No. Part No. Part No. 1 Form A 5V DC ALE12 ❍05 ALE13 ❍05 ALE14 ❍05 ALE1P ❍05 6V DC ALE12 ❍06 ALE13 ❍06 ALE14 ❍06 ALE1P ❍06 9V DC ALE12 ❍09 ALE13 ❍09 ALE14 ❍09 ALE1P ❍09 12V DC ALE12 ❍12 ALE13 ❍12 ALE14 ❍12 ALE1P ❍12 18V DC ALE12 ❍18 ALE13 ❍18 ALE14 ❍18 ALE1P ❍18 24V DC ALE12 ❍24 ALE13 ❍24 ALE14 ❍24 ALE1P ❍24 48V DC ALE12 ❍48 ALE13 ❍48 ALE14 ❍48 ALE1P ❍48 Contact arrangement Nominal coil voltage TMP type PCB type (No tab terminals) PCB side three terminals (includes one dummy terminal) PCB side three terminals PCB side four terminals Part No. Part No. Part No. Part No. 1 Form A (High sensitivity: 200mW) 5V DC ALE72 ❍05 ALE73 ❍05 ALE74 ❍05 ALE7P ❍05 6V DC ALE72 ❍06 ALE73 ❍06 ALE74 ❍06 ALE7P ❍06 9V DC ALE72 ❍09 ALE73 ❍09 ALE74 ❍09 ALE7P ❍09 12V DC ALE72 ❍12 ALE73 ❍12 ALE74 ❍12 ALE7P ❍12 18V DC ALE72 ❍18 ALE73 ❍18 ALE74 ❍18 ALE7P ❍18 24V DC ALE72 ❍24 ALE73 ❍24 ALE74 ❍24 ALE7P ❍24 48V DC ALE72 ❍48 ALE73 ❍48 ALE74 ❍48 ALE7P ❍48 Nominal coil voltage Pick-up voltage (at 20 °C 68°F) Drop-out voltage (at 20 °C 68°F) Nominal operating current [ ±10%] (at 20°C 68°F) Coil resistance [ ±10%] (at 20°C 68°F) Nominal operating power (at 20 °C 68°F) Max. applied voltage (at 20 °C 68°F) 5V DC 75%V or less of nominal voltage (Initial) 5%V or more of nominal voltage (Initial) 80 mA 63 Ω 400mW 7.25V DC 6V DC 66.7mA 90 Ω 8.7 V DC 9V DC 44.4mA 203 Ω 13.05V DC 12V DC 33.3mA 360 Ω 17.4 V DC 18V DC 22.2mA 810 Ω 26.1 V DC 24V DC 16.7mA 1,440 Ω 34.8 V DC 48V DC 8.3mA 5,760 Ω 69.6 V DC Nominal coil voltage Pick-up voltage (at 20 °C 68°F) Drop-out voltage (at 20 °C 68°F) Nominal operating current [ ±10%] (at 20°C 68°F) Coil resistance [ ±10%] (at 20°C 68°F) Nominal operating power (at 20 °C 68°F) Max. applied voltage (at 20 °C 68°F) 5V DC 75%V or less of nominal voltage (Initial) 5%V or more of nominal voltage (Initial) 40 mA 125 Ω 200mW 7.25V DC 6V DC 33.3mA 180 Ω 8.7 V DC 9V DC 22.2mA 405 Ω 13.05V DC 12V DC 16.7mA 720 Ω 17.4 V DC 18V DC 11.1mA 1,620 Ω 26.1 V DC 24V DC 8.3mA 2,880 Ω 34.8 V DC 48V DC 4.2mA 11,520 Ω 69.6 V DC |
Similar Part No. - ALE14B05 |
|
Similar Description - ALE14B05 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |