Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALZ51F12W Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ALZ51F12W
Description  Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALZ51F12W Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ALZ51F12W Datasheet HTML 1Page - Panasonic Semiconductor ALZ51F12W Datasheet HTML 2Page - Panasonic Semiconductor ALZ51F12W Datasheet HTML 3Page - Panasonic Semiconductor ALZ51F12W Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LZ (ALZ)
ASCTB203E 201209-T
TYPES
Standard packing: Carton: 100 pcs.; Case: 500 pcs.
Notes: 1. Tube packing type is also available. Please consult us.
2. Carton packing symbol “W” is not marked on the relay.
3. EN60335-1 GWT compliant types available. When ordering, please add suffix “T”.
Ex. ALZ51F12TW
RATING
1. Coil data
2. Specifications
Notes: *1. This value can change due to the switching frequency, environmental conditions, and desired reliability level, therefore it is recommended to check this with the
actual load.
*2. Wave is standard shock voltage of
±1.2 × 50µs according to JEC-212-1981.
*3. In order to obtain the full rated life cycles, the relay should be properly vented by removing the vent nib. More detail, please look at caution for NOTES.
*4. Class F type is ambient temperature 105
°C 221°F.
*5. The upper limit of the ambient temperature is the maximum temperature that can satisfy the coil temperature rise value. Refer to Usage, transport and storage
conditions in NOTES.
*Please note that some of the specifications listed above may not comply with overseas standards.
Contact arrangement
Coil voltage
Flux-resistant type
Sealed type
Class B insulation
Class F insulation
Class B insulation
Class F insulation
Part No.
Part No.
Part No.
Part No.
1 Form C
5 V DC
ALZ11B05W
ALZ11F05W
ALZ12B05W
ALZ12F05W
9 V DC
ALZ11B09W
ALZ11F09W
ALZ12B09W
ALZ12F09W
12 V DC
ALZ11B12W
ALZ11F12W
ALZ12B12W
ALZ12F12W
18 V DC
ALZ11B18W
ALZ11F18W
ALZ12B18W
ALZ12F18W
24 V DC
ALZ11B24W
ALZ11F24W
ALZ12B24W
ALZ12F24W
48 V DC
ALZ11B48W
ALZ11F48W
ALZ12B48W
ALZ12F48W
1 Form A
(New PC board terminal)
5 V DC
ALZ51B05W
ALZ51F05W
ALZ52B05W
ALZ52F05W
9 V DC
ALZ51B09W
ALZ51F09W
ALZ52B09W
ALZ52F09W
12 V DC
ALZ51B12W
ALZ51F12W
ALZ52B12W
ALZ52F12W
18 V DC
ALZ51B18W
ALZ51F18W
ALZ52B18W
ALZ52F18W
24 V DC
ALZ51B24W
ALZ51F24W
ALZ52B24W
ALZ52F24W
48 V DC
ALZ51B48W
ALZ51F48W
ALZ52B48W
ALZ52F48W
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Max. applied voltage
(at 20
°C 68°F)
5 V DC
Max. 70%V
nominal voltage
(Initial)
Min. 10%V
nominal voltage
(Initial)
80 mA
63
400 mW
130%V of
nominal voltage
9 V DC
44.4 mA
203
12 V DC
33.3 mA
360
18 V DC
22.2 mA
810
24 V DC
16.7 mA
1,440
48 V DC
8.3 mA
5,760
Characteristics
Item
Specifications
Contact
Arrangement
1 Form C, 1 Form A
Contact resistance (Initial)
Max. 100 m
Ω (By voltage drop 6V DC 1A)
Contact material
AgSnO2 type
Rating
Nominal switching capacity (resistive load)
16A 250V AC
Max. switching power (resistive load)
4,000V A
Max. switching voltage
440V AC
Max. switching current
16A
Nominal operating power
400mW
Min. switching capacity*1
100mA 5V DC
Electrical
characteristics
Insulation resistance (Initial)
Min. 1,000 M
Ω (at 500V DC) Measurement at same location as “Breakdown voltage” section.
Breakdown voltage
(Initial)
Between open contacts
1,000 Vrms for 1 min. (Detection current: 10mA)
Between contacts and coil
5,000 Vrms for 1 min. (Detection current: 10mA)
Temperature rise (coil)
Max. 55
°C 131°F
[with nominal coil voltage and at 16A contact carrying current (resistance method) at 20
°C 68°F]
Surge breakdown voltage*2
(Between contacts and coil) (Initial)
10,000 V
Operate time (at nominal voltage) (at 20
°C 68°F)
Max. 15ms (excluding contact bounce time)
Release time (at nominal voltage) (at 20
°C 68°F)
Max. 5ms (excluding contact bounce time, without diode)
Mechanical
characteristics
Shock resistance
Functional
100 m/s2 (Half-wave pulse of sine wave: 11ms; detection time: 10
µs)
Destructive
1,000 m/s2 (Half-wave pulse of sine wave: 6ms)
Vibration resistance
Functional
10 to 55Hz at double amplitude of 1.5mm (Detection time: 10
µs)
(Only the N.C. side of 1 Form C is 0.8mm)
Destructive
10 to 55Hz at double amplitude of 1.5mm
Expected life
Mechanical (at 180 times/min.)
Min. 107
Electrical (at 20 times/min.)*3
N.O.: Min. 105, N.C.: Min. 5
× 104
Conditions
Conditions for operation, transport and storage*4, *5
Ambient temperature: –40
°C to +85°C –40°F to +185°F (Class B),
Humidity: 5 to 85% R.H. (Not freezing and condensing at low temperature)
Max. operating speed
20 times/min. (at nominal switching capacity)
Unit weight
Approx. 12 g .42 oz


Similar Part No. - ALZ51F12W

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
ALZ PANASONICBATTERY-ALZ Datasheet
74Kb / 4P
   LZ RELAYS
logo
Nais(Matsushita Electri...
ALZ11B05 NAIS-ALZ11B05 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
ALZ11B09 NAIS-ALZ11B09 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
ALZ11B12 NAIS-ALZ11B12 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
ALZ11B18 NAIS-ALZ11B18 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
More results

Similar Description - ALZ51F12W

ManufacturerPart #DatasheetDescription
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
DB Lectro Inc
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
   Suitable for household electrical appliances, automation system
logo
Nais(Matsushita Electri...
ALZ21B05 NAIS-ALZ21B05 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
logo
DB Lectro Inc
N3753AADC6P DBLECTRO-N3753AADC6P Datasheet
396Kb / 2P
   Suitable for automatic control, household electrical appliances and machinery electrical facilities.
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
DB Lectro Inc
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
logo
List of Unclassifed Man...
ML610Q172 ETC2-ML610Q172 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q174 ETC2-ML610Q174 Datasheet
466Kb / 26P
   The low power micro controller corresponding to 5v for household appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com