Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Si5328-EVB Datasheet(PDF) 5 Page - Silicon Laboratories

Part # Si5328-EVB
Description  ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
Download  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si5328-EVB Datasheet(HTML) 5 Page - Silicon Laboratories

  Si5328-EVB Datasheet HTML 1Page - Silicon Laboratories Si5328-EVB Datasheet HTML 2Page - Silicon Laboratories Si5328-EVB Datasheet HTML 3Page - Silicon Laboratories Si5328-EVB Datasheet HTML 4Page - Silicon Laboratories Si5328-EVB Datasheet HTML 5Page - Silicon Laboratories Si5328-EVB Datasheet HTML 6Page - Silicon Laboratories Si5328-EVB Datasheet HTML 7Page - Silicon Laboratories Si5328-EVB Datasheet HTML 8Page - Silicon Laboratories Si5328-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
Si5328
Rev. 1.0
5
Table 2. DC Characteristics
(VDD = 2.5 V ±10% or 3.3 V ±10%, TA = –40 to 85 °C)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Current1
IDD
LVPECL Format
808 MHz Out
Both CKOUTs Enabled
251
279
mA
LVPECL Format
808 MHz Out
1 CKOUT Enabled
217
243
mA
CMOS Format
25 MHz Out
Both CKOUTs Enabled
204
234
mA
CMOS Format
25 MHz Out
1 CKOUT Enabled
194
220
mA
Disable Mode
165
mA
CKINn Input Pins2
Input Common Mode
Voltage (Input Thresh-
old Voltage)
VICM
2.5 V ± 10%
1
1.7
V
3.3 V ± 10%
1.1
1.95
V
Input Resistance
CKNRIN
Single-ended
20
40
60
k
Single-Ended Input
Voltage Swing
(See Absolute Specs)
VISE
fCKIN <212.5 MHz
See Figure 1.
0.2
VPP
fCKIN >212.5 MHz
See Figure 1.
0.25
VPP
Differential Input
Voltage Swing
(See Absolute Specs)
VID
fCKIN <212.5 MHz
See Figure 1.
0.2
VPP
fCKIN > 212.5 MHz
See Figure 1.
0.25
VPP
Notes:
1. Current draw is independent of supply voltage
2. No under- or overshoot is allowed.
3. LVPECL, CML, LVDS and low-swing LVDS measured with Fo = 312.5 MHz.
4. This is the amount of leakage that the 3-Level inputs can tolerate from an external driver. See Si53xx Family
Reference Manual for more details.


Similar Part No. - Si5328-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5328-EVB SKYWORKS-SI5328-EVB Datasheet
1Mb / 70P
   ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
More results

Similar Description - Si5328-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI5328 SKYWORKS-SI5328 Datasheet
1Mb / 70P
   ITU-T G.8262 SYNCHRONOUS ETHERNET JITTER-ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
logo
Silicon Laboratories
SI5315B-C-GM SILABS-SI5315B-C-GM Datasheet
416Kb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
logo
Skyworks Solutions Inc.
SI5315 SKYWORKS-SI5315 Datasheet
1Mb / 54P
   SYNCHRONOUS ETHERNET/TELECOM JITTER ATTENUATING CLOCK MULTIPLIER
Rev. 1.0
logo
Texas Instruments
CDC5801A TI1-CDC5801A_14 Datasheet
613Kb / 18P
[Old version datasheet]   Low Jitter Clock Multiplier
logo
Silicon Laboratories
SI5386-E SILABS-SI5386-E Datasheet
791Kb / 52P
   12-channel, Any Frequency, Wireless Jitter Attenuating Clock
logo
Integrated Circuit Syst...
ICS2059-02 ICST-ICS2059-02 Datasheet
210Kb / 11P
   Clock Multiplier and Jitter Attenuator
logo
OKI electronic componet...
MSM7580 OKI-MSM7580 Datasheet
207Kb / 18P
   ITU-T G.721 ADPCM TRANSCODER
logo
Silicon Laboratories
SI5366 SILABS-SI5366 Datasheet
763Kb / 20P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS2059-02 RENESAS-ICS2059-02 Datasheet
454Kb / 13P
   CLOCK MULTIPLIER AND JITTER ATTENUAT
logo
Skyworks Solutions Inc.
SI5366 SKYWORKS-SI5366 Datasheet
613Kb / 31P
   PRECISION CLOCK MULTIPLIER/JITTER ATTENUATOR
Rev. 1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com