Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELT5KT220LB Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELT5KT220LB
Description  Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELT5KT220LB Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELT5KT220LB Datasheet HTML 1Page - Panasonic Semiconductor ELT5KT220LB Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Fixed Inductors (Voltage Step-up Coils)
Standard Parts
Part No.
Inductance
R. D. C (at 25 °C)
DC Current
(at 25 °C)
(mA)max.
Maximum DC Current
(at 25 °C)
(mA)max.
✽✽
(µH)
Tolerance(%) Test Freq. (kHz)
( )
Tolerance(%)
ELT5KT3R3MB
3.3
±20
100
0.17
± 20
1000
1250
ELT5KT4R7MB
4.7
0.20
950
1000
ELT5KT6R8MB
6.8
0.30
760
850
ELT5KT100MC
10.0
0.36
680
680
ELT5KT150LB
15.0
±15
0.58
510
540
ELT5KT220LB
22.0
0.90
420
480
ELT5KT330LB
33.0
1.20
360
380
ELT5KT470LB
47.0
1.70
300
320
ELT5KT680LB
68.0
2.60
260
260
ELT5KT101LB
100.0
4.30
190
210
✽ DC Current : Current value measured before a temperature rise of the coil reaches a maximum of 40 °C
✽✽ Maximum DC Current : Current value when the inductance typically changes −5 % from its original value
Jun. 2006


Similar Part No. - ELT5KT220LB

ManufacturerPart #DatasheetDescription
logo
Linear Technology
ELT5KT4R7M LINER-ELT5KT4R7M Datasheet
307Kb / 16P
   2.25MHz, 300mA Synchronous Step-Down
logo
Linear Integrated Syste...
ELT5KT4R7M LINEAR-ELT5KT4R7M Datasheet
278Kb / 16P
   Dual Monolithic 300mA Synchronous Step-Down Regulaor
More results

Similar Description - ELT5KT220LB

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
Cornell Dubilier Electr...
944U CDE-944U Datasheet
267Kb / 4P
   High Current, Low Profi le for Inverter Applications
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L Datasheet
212Kb / 2P
   PEC11L Series - 11 mm Low Profi le Encoder
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
logo
Bourns Electronic Solut...
4310R-102-332 BOURNS-4310R-102-332 Datasheet
208Kb / 2P
   Low profi le provides compatibility with DIPs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com