Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ200A06 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AGQ200A06
Description  High capacity 2 Amp, Flat and Compact package Telephone switchboard
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGQ200A06 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AGQ200A06 Datasheet HTML 1Page - Panasonic Semiconductor AGQ200A06 Datasheet HTML 2Page - Panasonic Semiconductor AGQ200A06 Datasheet HTML 3Page - Panasonic Semiconductor AGQ200A06 Datasheet HTML 4Page - Panasonic Semiconductor AGQ200A06 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GQ (AGQ)
ASCTB7E 201209-T
DIMENSIONS (mm inch)
4. Electrical life (1A 30V DC resistive load)
Tested sample: AGQ200A4H, 6 pcs.
Operating speed: 20 cpm
Change of pick-up and drop-out voltage
Change of contact resistance
5. Coil temperature rise
Tested sample: AGQ200A4H, AGQ200A24, 6 pcs.
Point measured: Inside the coil
Ambient temperature: Room temperature
Max.
Max.
Min.
Min.
0
20
10
40
60
80
90
70
50
30
100
05
10
Pick-up voltage
Drop-out voltage
No. of operations,
×104
0
X
20
10
40
60
80
90
70
50
30
100
010
5
N.O. contact
N.C. contact
X
No. of operations,
×104
100
110
120
130
140
150
70
60
50
40
30
20
10
0
24V DC type
4.5V DC type
1 A
1 A
0 A
0 A
Coil applied voltage, %
6-(1). Operate and release time (without diode)
Tested sample: AGQ2004H, 10 pcs.
6-(2). Operate and release time (with diode)
Tested sample: AGQ2004H, 10 pcs.
7. Ambient temperature characteristics
Tested sample: AGQ200A4H, 6 pcs.
80
70
90
100
110
120
130
3
2
1
0
Max.
Max.
Min.
Min.
Release time
Operate time
Coil applied voltage, %V
80
70
90
100
110
120
130
3
2
1
0
Max.
Min.
Max.
Min.
Coil applied voltage, %V
Release time
Operate time
60
80
100
40
-40
-20
0
20
-50
50
40
30
20
10
-40
-30
-20
-10
Ambient temperature,
°C
Drop-out
voltage
Pick-up
voltage
x
x
8. Malfunctional shock
Tested sample: AGQ200A4H, 6 pcs.
9-(1). Influence of adjacent mounting
Tested sample: AGQ20012, 6 pcs.
9-(2). Influence of adjacent mounting
Tested sample: AGQ20012, 6 pcs.
Y
Y'
Z'
Z X
X'
Y'
Y
XZ
Z'
X'
Deenergized condition
Energized condition
1,000m/s2
1,000m/s2
1,000m/s2
1,000m/s2
1,000m/s2
1,000m/s2
06
8
10
12
24
-5
-10
0
5
10
-10
0
5
-5
10
ON
ON
ON
OFF
OFF
OFF
Drop-out voltage
Pick-up voltage
.236 .315 .394 .472
.079 .157
Inter-relay distance
, mm inch
02468
10
12
.079 .157 .236 .315 .394 .472
-10
0
10
-10
-5
-5
5
5
0
10
Drop-out voltage
Pick-up voltage
ON
ON
ON
OFF
OFF
OFF
Inter-relay distance
, mm inch
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. PC board terminal
External dimensions
10.60
±0.3
0.40
±0.1
2.20
±0.15
2.20
±0.15
3.20
±0.15
3.50
±0.3
5.20
±0.2
7.20
±0.3
0.20
±0.1
5.08
±0.15
.417
±.012
.016
±.004
.087
±.006
.087
±.006
.126
±.006
.138
±.012
.205
±.008
.283
±.012
.008
±.004
.200
±.006
PC board pattern
Tolerance:
±0.1 ±.004
5.08
2.20
2.20
3.20
0.85 dia.
.200
.087
.087
.126
.033 dia.
Schematic (Bottom view)
Single side stable
High sensitivity
single side stable
(Deenergized condition)
1 coil latching
(Reset condition)
Direction indication
4
3
2
1
5
6
7
8
Direction indication
4
3
2
1
5
6
7
8
CAD Data


Similar Part No. - AGQ200A06

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGQ200A06 NAIS-AGQ200A06 Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
AGQ200A06Z NAIS-AGQ200A06Z Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
More results

Similar Description - AGQ200A06

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
NEC
UC2 NEC-UC2 Datasheet
503Kb / 15P
   SUPER-COMPACT SIZE, FLAT-PACKAGE
logo
Sanyo Semicon Device
DL-3150-101 SANYO-DL-3150-101 Datasheet
81Kb / 3P
   Compact Flat Package Type Laser Diode
logo
Grayhill, Inc
62S GRAYHILL-62S Datasheet
484Kb / 2P
   Compact 1/2' Package
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com