Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALZ12F09W Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ALZ12F09W
Description  Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALZ12F09W Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ALZ12F09W Datasheet HTML 1Page - Panasonic Semiconductor ALZ12F09W Datasheet HTML 2Page - Panasonic Semiconductor ALZ12F09W Datasheet HTML 3Page - Panasonic Semiconductor ALZ12F09W Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LZ (ALZ)
ASCTB203E 201209-T
ORDERING INFORMATION
Low profile: 15.7mm height
1a/1c 16A power relay
LZ RELAYS (ALZ)
VDE
RoHS compliant
FEATURES
1. Low profile type with height of 15.7
mm
Slim, low profile type with dimensions of
28.8 (L)
× 12.5 (W) × 15.7 (H) mm
1.134 (L)
× .492 (W) × .618 (H) inch.
2. High insulation resistance
Superior insulation characteristics have
been achieved by maintaining an
insulation distance between coil and
contacts of at least 10 mm for both
creepage distance and clearances.
Furthermore, anti-surge voltage is 10 kV
and higher. (Supports European
reinforced insulation requirement.)
3. Superior heat resistance
Can be used in ambient temperatures up
to 85
°C 185°F for the class B and 105°C
221
°F for the class F.
4. Low operating power
Power saved with a nominal operating
power of only 400 mW.
5. Conforms to the various safety
standards:
UL/C-UL, VDE approved.
6. Superior heat resistance and
tracking resistance
EN60335-1 GWT compliant (Tested by
VDE) type available
TYPICAL APPLICATIONS
1) Household electrical appliances
TV, CATV, Audio equipment, Microwave
ovens, and Heaters, etc.
2) Office equipment
Copy machines, Packaged air
conditioners, and Vending machines
3) Industrial equipment
Machine tools, Robots, and Temperature
controllers
LZ relays
Contact arrangement
1: 1 Form C
5: 1 Form A (New PC board terminal)
ALZ
Protective construction
1: Flux-resistant type
2: Sealed type
Packing style
W: Carton packing
Coil insulation class
B:
F:
Nominal coil voltage (DC)
05: 5 V
18: 18 V
09: 9 V
24: 24 V
12: 12 V
48: 48 V
Flame resistance and tracking resistance
Nil:
T:
EN60335-1 (Conform)
Class B insulation
Class F insulation
Notes: 1. Certified by UL/C-UL and VDE
2. Tube packing type is also available. Please consult us.


Similar Part No. - ALZ12F09W

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALZ12F09 NAIS-ALZ12F09 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
More results

Similar Description - ALZ12F09W

ManufacturerPart #DatasheetDescription
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
DB Lectro Inc
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
   Suitable for household electrical appliances, automation system
logo
Nais(Matsushita Electri...
ALZ21B05 NAIS-ALZ21B05 Datasheet
66Kb / 3P
   16A Low Profile Power Relay
logo
DB Lectro Inc
N3753AADC6P DBLECTRO-N3753AADC6P Datasheet
396Kb / 2P
   Suitable for automatic control, household electrical appliances and machinery electrical facilities.
logo
Panasonic Semiconductor
JS1F-B-48V-F PANASONIC-JS1F-B-48V-F Datasheet
740Kb / 5P
   1a/1c 10A cubic type power relay
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
Panasonic Semiconductor
AHNA21 PANASONIC-AHNA21 Datasheet
136Kb / 6P
   Relay for control panel of 1c 10A, 2c 5A and 1a 16A
logo
DB Lectro Inc
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
logo
List of Unclassifed Man...
ML610Q172 ETC2-ML610Q172 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q174 ETC2-ML610Q174 Datasheet
466Kb / 26P
   The low power micro controller corresponding to 5v for household appliances
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com