Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE7PB48 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ALE7PB48
Description  1a 16A power relay for micro wave oven Microwave ovens Refrigerators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALE7PB48 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ALE7PB48 Datasheet HTML 1Page - Panasonic Semiconductor ALE7PB48 Datasheet HTML 2Page - Panasonic Semiconductor ALE7PB48 Datasheet HTML 3Page - Panasonic Semiconductor ALE7PB48 Datasheet HTML 4Page - Panasonic Semiconductor ALE7PB48 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LE (ALE)
ASCTB194E 201202-T
DIMENSIONS (mm inch)
3. Electrical life test (16 A 277 V AC, resistive load)
Sample: ALE14B12, 6 pcs.
Operation frequency: 20 times/min.
(ON/OFF = 1.5s: 1.5s)
Ambient temperature: Room temperature
Circuit:
COM
NO
G
277V AC
60Hz
12V DC
0
0
20
10
40
30
50
60
70
10
Max.
Min.
x
Max.
Min.
x
No. of operations,
×104
Pick-up voltage
Drop-out voltage
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. TMP type
PCB side three terminals
(includes one dummy terminal)
External dimensions
6.0
#187 terminal
0.5
4.75
1.5
0.8
7.5
12.4
2.45
0.8
0.8
0.4
1.8
3.5
28.6
26.0
24.9
6.35
8.5
.236
.020
.187
.059
.031
.295
.488
.096
.031
.031
.016
.071
.138
1.126
1.024
.980
.250
.335
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
26.0
1.024
2-1.3 dia.
1.8 dia.
7.5
.051 dia.
.071 dia.
.295
No
Com
Coil
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012
PCB side three terminals
External dimensions
4.75
2.45
1.0
0.8
1.8
0.4
0.5
0.5
6.0
3.5
28.6
23.5
6.35
8.5
7.5
12.4
#187 terminal
24.9
.187
.096
.039
.031
.071
.016
.020
.020
.236
.138
1.126
.925
.250
.335
.295
.488
.980
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
Schematic (Bottom view)
23.5
3-1.3 dia.
7.5
.925
.051 dia.
.295
No
Com
Coil
CAD Data
Dimension:
Less than 1mm .039inch:
Min. 1mm .039inch
less than 3mm .118 inch:
Min. 3mm .118 inch:
Tolerance
±0.1 ±.004
±0.2 ±.008
±0.3 ±.012


Similar Part No. - ALE7PB48

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE72B05 NAIS-ALE72B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
ALE72B06 NAIS-ALE72B06 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
ALE72B09 NAIS-ALE72B09 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
ALE72B12 NAIS-ALE72B12 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
ALE72B18 NAIS-ALE72B18 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
More results

Similar Description - ALE7PB48

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE12B05 NAIS-ALE12B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com