Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELC10E182L Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ELC10E182L
Description  Choke Coils Pin terminal inductors featuring small size and high performance
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELC10E182L Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ELC10E182L Datasheet HTML 1Page - Panasonic Semiconductor ELC10E182L Datasheet HTML 2Page - Panasonic Semiconductor ELC10E182L Datasheet HTML 3Page - Panasonic Semiconductor ELC10E182L Datasheet HTML 4Page - Panasonic Semiconductor ELC10E182L Datasheet HTML 5Page - Panasonic Semiconductor ELC10E182L Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
f 10.0 max.
5.0±0.5
2–
f 0.7
2–
f1.20±0.05
5.0±0.1
S
F
Examples Type 10E–L
✽ Allowable DC Current: Smaller current value either when the inductance is –10 % or when the case temperature has risen 45 °C.
[Dimensions in mm]
(not to scale)
Recommended PWB
piercing plan
Connection Schematic
Part No.
Inductance
(μH)
Tolerance
(%)
Test Freq.
(kHz)
RDC.(
Ω)
[at 20 °C]
(Tol.±20 %)
IDC.
[at 20 °C]
(A)max.
ELC10E3R9L
3.9
±20
10
0.024
2.90
ELC10E4R7L
4.7
0.027
2.80
ELC10E5R6L
5.6
0.030
2.70
ELC10E6R8L
6.8
0.032
2.60
ELC10E8R2L
8.2
0.035
2.50
ELC10E100L
10.0
0.038
2.40
ELC10E120L
12.0
0.040
2.30
ELC10E150L
15.0
0.046
2.20
ELC10E180L
18.0
0.049
2.10
ELC10E220L
22.0
±15
0.056
2.00
ELC10E270L
27.0
0.062
1.90
ELC10E330L
33.0
0.068
1.80
ELC10E390L
39.0
0.074
1.70
ELC10E470L
47.0
0.098
1.50
ELC10E560L
56.0
0.120
1.30
ELC10E680L
68.0
±10
0.150
1.20
ELC10E820L
82.0
0.190
1.00
ELC10E101L
100.0
0.210
0.96
ELC10E121L
120.0
0.240
0.92
ELC10E151L
150.0
0.260
0.83
ELC10E181L
180.0
0.290
0.74
ELC10E221L
220.0
0.410
0.64
ELC10E271L
270.0
0.590
0.54
ELC10E331L
330.0
0.660
0.52
ELC10E391L
390.0
0.720
0.50
ELC10E471L
470.0
0.800
0.45
ELC10E561L
560.0
1.100
0.41
ELC10E681L
680.0
1.200
0.37
ELC10E821L
820.0
1.600
0.33
ELC10E102L
1000.0
1.800
0.31
ELC10E122L
1200.0
2.000
0.29
ELC10E152L
1500.0
2.800
0.26
ELC10E182L
1800.0
3.200
0.23
ELC10E222L
2200.0
3.600
0.20
ELC10E272L
2700.0
5.200
0.18
ELC10E332L
3300.0
5.900
0.17
ELC10E392L
3900.0
6.500
0.16
ELC10E472L
4700.0
9.600
0.14
ELC10E562L
5600.0
10.800
0.12
ELC10E682L
6800.0
11.900
0.11
ELC10E822L
8200.0
13.200
0.10
Oct. 2012
01
133


Similar Part No. - ELC10E182L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC10D100E PANASONIC-ELC10D100E Datasheet
136Kb / 7P
   Choke Coils
ELC10D100E PANASONIC-ELC10D100E Datasheet
771Kb / 10P
   Choke Coils
ELC10D100E PANASONIC-ELC10D100E Datasheet
136Kb / 7P
   Choke Coils
ELC10D101E PANASONIC-ELC10D101E Datasheet
136Kb / 7P
   Choke Coils
ELC10D101E PANASONIC-ELC10D101E Datasheet
771Kb / 10P
   Choke Coils
More results

Similar Description - ELC10E182L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELC09D2R2 PANASONIC-ELC09D2R2 Datasheet
113Kb / 2P
   Pin terminal inductors featuring small size and high performance
logo
Frontier Electronics.
18401 FRONTIER-18401_15 Datasheet
135Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
18403 FRONTIER-18403_15 Datasheet
125Kb / 2P
   RADIAL LEADS INDUCTORS (CHOKE COILS)
logo
Sumida Corporation
EER359 SUMIDA-EER359 Datasheet
437Kb / 1P
   Transformer
logo
TDK Electronics
B82451A2384D000 TDK-B82451A2384D000 Datasheet
522Kb / 6P
   SMT Inductors Transponder Coils, Size
logo
Murata Manufacturing Co...
DLM11GN601SD2 MURATA1-DLM11GN601SD2_V01 Datasheet
262Kb / 3P
   Small size chip common mode choke coil.
Last updated07/27/2022
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
logo
TDK Electronics
B82450A1084C000 TDK-B82450A1084C000 Datasheet
113Kb / 6P
   SMT inductors Transponder coils, size 1210
logo
Panasonic Semiconductor
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com