Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA610-E23H1A Datasheet(PDF) 7 Page - Murata Manufacturing Co., Ltd.

Part # SCA610-E23H1A
Description  SCA610-E23H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA610-E23H1A Datasheet(HTML) 7 Page - Murata Manufacturing Co., Ltd.

Back Button SCA610-E23H1A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA610-E23H1A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA610-E23H1A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA610-E23H1A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA610-E23H1A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA610-E23H1A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA610-E23H1A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. SCA610-E23H1A Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. SCA610-E23H1A Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
SCA610-E23H1A
Murata Electronics Oy
7/12
www.muratamems.fi
Doc. nr. 82 1525 00
Rev.A
2. Functional description
2.1.
Measuring directions
2.2.
Voltage to acceleration conversion
Analog output can be transferred to acceleration using the following equation for conversion:

y
Sensitivit
g
V
V
on
Accelerati
out
out
0
[g]
where: Vout(0g) = nominal output of the device at 0g position with 5 V supply voltage (ratiometric
output), Sensitivity is the sensitivity of the device and Vout is the output of the sensor.
2.3.
Ratiometric Output
Ratiometric output means that the zero offset point and sensitivity of the sensor are proportional to
the supply voltage. If the SCA6X0 supply voltage is fluctuating the SCA6X0 output will also vary.
When the same reference voltage for both the SCA6X0 sensor and the measuring part (A/D-
converter) is used, the error caused by reference voltage variation is automatically compensated
for.
2.4.
Selftest and failure detection modes
To ensure reliable measurement results the SCA6X0 has continuous interconnection failure and
calibration memory validity detection. A detected failure forces the output signal close to power
supply ground or VDD level, outside the normal output range.
The calibration memory validity is verified by continuously running parity check for the control
register memory content. In the case where a parity error is detected, the control register is
automatically re-loaded from the EEPROM. If a new parity error is detected after re-loading data
analog output voltage is forced to go close to ground level (<0.25 V).
The SCA6X0 also includes a separate self test mode. The true self test simulates acceleration, or
deceleration, using an electrostatic force. The electrostatic force simulates acceleration that is high
enough to deflect the proof mass to the extreme positive position, and this causes the output signal
to go to the maximum value. The self test function is activated by a separate on-off command on
the self test input.
-1 g
position
Vout,nom = 1.3 V
0 g
position
Vout,nom = 2.5 V
+1 g
position
Vout,nom = 3.7 V
+
-
+
-


Similar Part No. - SCA610-E23H1A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA-SCA610-E23H1A Datasheet
177Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA1-SCA610-E23H1A Datasheet
145Kb / 2P
   Accelerometers
02/15/2024
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA-SCA610-E23H1A_17 Datasheet
177Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA1-SCA610-E23H1A_V01 Datasheet
145Kb / 2P
   Accelerometers
02/15/2024
More results

Similar Description - SCA610-E23H1A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA610-E28H1A MURATA-SCA610-E28H1A Datasheet
444Kb / 13P
   SCA610-E28H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA620-EF8H1A MURATA-SCA620-EF8H1A Datasheet
285Kb / 12P
   SCA620-EF8H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA620-EF1V1B MURATA-SCA620-EF1V1B Datasheet
293Kb / 3P
   SCA620-EF1V1B SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA720-D01 MURATA-SCA720-D01 Datasheet
293Kb / 13P
   SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA630 MURATA-SCA630 Datasheet
261Kb / 14P
   SCA630-EDCV1B SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
logo
VTI technologies
SCA830-D05 VTI-SCA830-D05 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA820-D03 VTI-SCA820-D03 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA810-D01 VTI-SCA810-D01 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2120-D07 VTI-SCA2120-D07 Datasheet
129Kb / 4P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com