Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA610-E28H1A Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # SCA610-E28H1A
Description  SCA610-E28H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA610-E28H1A Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  SCA610-E28H1A Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA610-E28H1A Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA610-E28H1A Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA610-E28H1A Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA610-E28H1A Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA610-E28H1A Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA610-E28H1A Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA610-E28H1A Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA610-E28H1A Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SCA610-E28H1A
Murata Electronics Oy
4/13
www.muratamems.fi
Doc. nr. 82 1580 00
Rev.B
1.3.
Offset and sensitivit y calibration
Vout offset is calibrated in 0g position:
(
)
g
V
Offset
out 0
=
[V]
Nominal offset is Vdd/2:
2
dd
nom
V
Offset
=
[V]
Sensitivity is calibrated as:
(
)
(
)
g
g
V
g
V
y
Sensitivit
out
out
2
1
1
+
=
[V/g]
Nominal sensitivity is:
2
,
1
=
nom
y
Sensitivit
[V/g]
1.4.
Error calculations
Total error is the allowed maximum error, which include partial error sources. Total error over
lifetime is specified as a sum of offset and sensitivity errors:
Error
y
Sensitivit
Error
Offset
Error
Total
_
_
_
+
=
[mg]
Offset error is specified as:
(
)
y
Sensitivit
V
g
Vout
Error
Offset
dd
2
0
_
=
[mg]
Sensitivity error percent is specified as:
(
)
(
)
[
]
%
100
2
1
1
%
_
×
+
=
nom
nom
y
Sensitivit
y
Sensitivit
g
g
Vout
g
Vout
Error
y
Sensitivit
Sensitivity error is specified as:
(
)
[
]
y
Sensitivit
Error
y
Sensitivit
g
Vout
Vout
Error
y
Sensitivit
%
_
0
_
×
=
[mg]


Similar Part No. - SCA610-E28H1A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA610-E28H1A MURATA1-SCA610-E28H1A Datasheet
145Kb / 2P
   Accelerometers
02/15/2024
logo
Murata Manufacturing Co...
SCA610-E28H1A MURATA-SCA610-E28H1A_17 Datasheet
177Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA610-E28H1A MURATA1-SCA610-E28H1A_V01 Datasheet
145Kb / 2P
   Accelerometers
02/15/2024
More results

Similar Description - SCA610-E28H1A

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA610-E23H1A MURATA-SCA610-E23H1A Datasheet
202Kb / 12P
   SCA610-E23H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA620-EF8H1A MURATA-SCA620-EF8H1A Datasheet
285Kb / 12P
   SCA620-EF8H1A SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA620-EF1V1B MURATA-SCA620-EF1V1B Datasheet
293Kb / 3P
   SCA620-EF1V1B SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA720-D01 MURATA-SCA720-D01 Datasheet
293Kb / 13P
   SCA720-D01 SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
SCA630 MURATA-SCA630 Datasheet
261Kb / 14P
   SCA630-EDCV1B SINGLE AXIS ACCELEROMETER WITH ANALOG INTERFACE
logo
VTI technologies
SCA830-D05 VTI-SCA830-D05 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA820-D03 VTI-SCA820-D03 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA810-D01 VTI-SCA810-D01 Datasheet
85Kb / 3P
   SINGLE AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
   3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA2120-D07 VTI-SCA2120-D07 Datasheet
129Kb / 4P
   2-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com