Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCA1000-D01 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

Part # SCA1000-D01
Description  P R O D U C T S P E C I F I C A T I O N F O R X Y - D U A L A X I S A C C E L E R O M E T E R
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

SCA1000-D01 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  SCA1000-D01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. SCA1000-D01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. SCA1000-D01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. SCA1000-D01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. SCA1000-D01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. SCA1000-D01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. SCA1000-D01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. SCA1000-D01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. SCA1000-D01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
SCA1000-D01
Murata Electronics Oy
5/18
www.muratamems.fi
Doc. Nr. 8225700
Rev.C
2.1.1 Recommended connection when SPI interface is used
2.1.2 Recommended connection when analog output is used
When SCA1020 is used in Analog mode and the PCB is designed correctly the SCA610 / 620 and
SCA1020 are interchangeable. If the PCB layout is designed for SCA1020, then SCA610 / 620 can
be used for single axis applications. Pins 1, 2, 3, 4 and 8 can be connected to GND (pins 2 and 8
can be connected also to Vdd) but for the best EMC performance these pins should be left floating.
CSB pin can be pulled up but it is recommended to left floating. The output of SCA610 / 620
corresponds to the output of channel 1 in the SCA1020
1
2
3
4
5
6
7
8
9
10
11
12
SCK
NC
MISO
MOSI
OUT_2
VSS
CSB
NC
ST_2
ST_1
OUT_1
VDD
Vdd (+5V)
Min 100n
F
X
Y
Recommended SPI-Output connection on PCB
Chip select
Serial Clock
Data Out
Data In
1
2
3
4
5
6
7
8
9
10
11
12
SCK
NC
MISO
MOSI
OUT_2
VSS
CSB
NC
ST_2
ST_1/Test_i
n
OUT_1
VDD
Vdd (+5V)
Out 1 (Z)
Out 2 (Y)
Self-Test 1
Self-Test 2
Min 100nF
Z
Y
Recommended Analog output connection on PCB
SCA610 or SCA620 connected
to the SCA1020 lay-out


Similar Part No. - SCA1000-D01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01 Datasheet
177Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA1-SCA1000-D01 Datasheet
150Kb / 2P
   nullAccelerometers
02/15/2024
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA-SCA1000-D01_17 Datasheet
177Kb / 2P
   Accelerometers
logo
Murata Manufacturing Co...
SCA1000-D01 MURATA1-SCA1000-D01_V01 Datasheet
150Kb / 2P
   nullAccelerometers
02/15/2024
More results

Similar Description - SCA1000-D01

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
SCA1020-D06 MURATA-SCA1020-D06 Datasheet
359Kb / 19P
   P R O D U C T S P E C I F I C A T I O N F O R Z Y - D U A L A X I S A C C E L E R O M E T E R
logo
Gaomi Xinghe Electronic...
S1AF GXELECTRONICS-S1AF Datasheet
465Kb / 2P
   S u r f a c e M o u n t G e n e r a l P u r p o s e S i l i c o n R e c t i f i e r s
logo
E-Tech Electronics LTD
GD401SD ETL-GD401SD Datasheet
166Kb / 2P
   S U R F A C E M O U N T , S C H O T T K Y B A R R I E R D I O D E R R I E R D I O D E
G276P ETL-G276P Datasheet
226Kb / 5P
   C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
G266 ETL-G266 Datasheet
218Kb / 5P
   C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
GSCLM393 ETL-GSCLM393 Datasheet
233Kb / 4P
   D U A L D I F F E R E N T I A L C O M P A R AT O R
logo
SIPAT Co,Ltd
LBN07059 SIPAT-LBN07059 Datasheet
126Kb / 1P
   S A W F i l t e r E l e c t r i c a l C h a r a c t e r i s t i c
logo
Powerbox
WMBB-C-S POWERBOX-WMBB-C-S Datasheet
457Kb / 1P
   S E C U R I T Y C A B I N E T WA L L M O U N T E N C L O S U R E
logo
E-Tech Electronics LTD
GP103A ETL-GP103A Datasheet
187Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
GSC103A ETL-GSC103A Datasheet
196Kb / 4P
   D u a l O p e r a t i o n a l A m p l i f i e r a n d Vo l t a g e R e f e r e n c e
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com