Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EYP05BE145 Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # EYP05BE145
Description  Thermal Cutoffs (TCO)/ Thermal-links Small and Insulation Type High Reliability
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EYP05BE145 Datasheet(HTML) 4 Page - Panasonic Semiconductor

  EYP05BE145 Datasheet HTML 1Page - Panasonic Semiconductor EYP05BE145 Datasheet HTML 2Page - Panasonic Semiconductor EYP05BE145 Datasheet HTML 3Page - Panasonic Semiconductor EYP05BE145 Datasheet HTML 4Page - Panasonic Semiconductor EYP05BE145 Datasheet HTML 5Page - Panasonic Semiconductor EYP05BE145 Datasheet HTML 6Page - Panasonic Semiconductor EYP05BE145 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Thermal Cutoffs (TCO)
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
✽1 Rated Functioning Temperature (Tf)
The temperature at which a TCO changes its state of conductivity to open circuit with loading detection current only.
Tolerance;
PS
E
; ±7 °C
UL,CSA,VDE, BEAB, CCC; –10 °C
✽2 Functioning Temperature (Fusing-off temperature)
The functioning temperature at which a TCO changes its state of conductivity to open circuit in the ambient air oven which increases
temperature by 1 °C per minute and with loading the detective current 0.1 A or less.
✽3 Maximum Operating Temperature.
The maximum temperature at which a TCO can be maintained while conducting rated current for 1000 h.
For details please refer to specification.
✽4 Holding Temperature (Th)
The maximum temperature at which a TCO can be maintained while conducting rated current for 168 h which will not cause a change in
state of conductivity to open circuit.
✽5 Maximum Temperature Limit (Tm)
The maximum temperature at which a TCO can maintains its mechanical and electrical properties without closing again for 10
minutes after a TCO has changed its state of conductivity.
0
● MU series
Note: (1) The information of the Approved Safety Standards is furnished as of Jun. 2010.
Approved Safety Standards File No. UL:E60271
● MP series
Note: (1) The information of the Approved Safety Standards is furnished as of Jun. 2010.
Approved Safety Standards File No. UL:E60271
Part No.
Rated
Functioning
Temp. : Tf
1
(°C)
Functioning
Temp.
2
(°C)
Electrical Rating
Maximum
Operating
Temp.
3
(°C)
Holding
Temp. : Th
4
(°C)
Maximum
Temp.
Limit : Tm
5
(°C)
Approved
Safety
Standards
AC/
DC
Volt.
(V)
Amp.
(A)
UL
EYP2MP092AFT
92
88
+3
DC
32
2
55
60
135
EYP2MP098AFT
98
94
+3
DC
32
2
60
65
135
–4
–2.5
Part No.
Rated
Functioning
Temp. : Tf
1
(°C)
Functioning
Temp.
2
(°C)
Electrical Rating
Maximum
Operating
Temp.
3
(°C)
Holding
Temp. : Th
4
(°C)
Maximum
Temp.
Limit : Tm
5
(°C)
Approved
Safety
Standards
AC/
DC
Volt.
(V)
Amp.
(A)
UL
EYP4MU092GFD
92
89
+3
DC
32
4
55
55
135
–4
Sep. 2010


Similar Part No. - EYP05BE145

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYP05BE145 PANASONIC-EYP05BE145 Datasheet
369Kb / 8P
   Thermal Cutoffs (TCO)
EYP05BE145 PANASONIC-EYP05BE145 Datasheet
178Kb / 8P
   Thermal Cutoffs (TCO)
More results

Similar Description - EYP05BE145

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EYP-2MT098B PANASONIC-EYP-2MT098B Datasheet
220Kb / 6P
   Thermal Cutoffs (TCO)/ Thermal-Links
EYP-2BN126 PANASONIC-EYP-2BN126 Datasheet
178Kb / 8P
   Thermal Cutoffs (TCO)
EYP2BN082 PANASONIC-EYP2BN082 Datasheet
369Kb / 8P
   Thermal Cutoffs (TCO)
logo
List of Unclassifed Man...
G4A01084C ETC2-G4A01084C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
G4A01144C ETC2-G4A01144C Datasheet
515Kb / 22P
   MICROTEMP Thermal Cutoffs INTRODUCTION
logo
Thermtrol Corporation
DF240S THERMTROL-DF240S Datasheet
136Kb / 2P
   DF SERIES 15 AMP THERMAL CUTOFFS
logo
KOA Speer Electronics, ...
SDT310LT KOA-SDT310LT Datasheet
95Kb / 3P
   small type platinumthin film thermal sensors
logo
Diodes Incorporated
SBR15U30SP5 DIODES-SBR15U30SP5 Datasheet
95Kb / 4P
   SUPER BARRIER RECTIFIER High Thermal Reliability
DS32154 Rev. 2 - 2
logo
KOA Speer Electronics, ...
SDT3102BLTC100B3850 KOA-SDT3102BLTC100B3850 Datasheet
361Kb / 3P
   small type platinum thin film thermal sensors
logo
Bourns Electronic Solut...
SD-SERIES BOURNS-SD-SERIES Datasheet
686Kb / 2P
   Bourns® Mini-Breaker Thermal Cutoff Device (TCO) Model SD and AD Series
3/23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com