Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AGQ210S03 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AGQ210S03
Description  High capacity 2 Amp, Flat and Compact package Telephone switchboard
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AGQ210S03 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AGQ210S03 Datasheet HTML 1Page - Panasonic Semiconductor AGQ210S03 Datasheet HTML 2Page - Panasonic Semiconductor AGQ210S03 Datasheet HTML 3Page - Panasonic Semiconductor AGQ210S03 Datasheet HTML 4Page - Panasonic Semiconductor AGQ210S03 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
GQ (AGQ)
ASCTB7E 201209-T
TYPES
1. Standard PC board terminal
Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
2. Surface-mount terminal
1) Tube packing
: For each surface-mounted terminal identification, input the following letter. A type: A, S type: S
Standard packing: Tube: 50 pcs.; Case: 1,000 pcs.
2) Tape and reel packing
: For each surface-mounted terminal identification, input the following letter. A type: A, S type: S
Standard packing: Tape and reel: 900 pcs.; Case: 1,800 pcs.
Notes: 1. Tape and reel packing symbol “-Z” is not marked on the relay. “X” type tape and reel packing (picked from 1/2/3/4-pin side) is also available.
2. Please inquire if you require a relay, between 1.5 and 24 V DC, with a voltage not listed.
RATING
1. Coil data
1) Single side stable type
2) 1 coil latching type
*Pulse drive (JIS C 5442-1996)
Nominal coil voltage
Single side stable
1 coil latching
High sensitivity single side stable
Part No.
Part No.
Part No.
1.5V DC
AGQ2001H
AGQ2101H
AGQ2601H
3V DC
AGQ20003
AGQ21003
AGQ26003
4.5V DC
AGQ2004H
AGQ2104H
AGQ2604H
6V DC
AGQ20006
AGQ21006
AGQ26006
9V DC
AGQ20009
AGQ21009
AGQ26009
12V DC
AGQ20012
AGQ21012
AGQ26012
24V DC
AGQ20024
AGQ21024
AGQ26024
Nominal coil voltage
Single side stable
1 coil latching
High sensitivity single side stable
Part No.
Part No.
Part No.
1.5V DC
AGQ200 1H
AGQ210 1H
AGQ260 1H
3V DC
AGQ200 03
AGQ210 03
AGQ260 03
4.5V DC
AGQ200 4H
AGQ210 4H
AGQ260 4H
6V DC
AGQ200 06
AGQ210 06
AGQ260 06
9V DC
AGQ200 09
AGQ210 09
AGQ260 09
12V DC
AGQ200 12
AGQ210 12
AGQ260 12
24V DC
AGQ200 24
AGQ210 24
AGQ260 24
Nominal coil voltage
Single side stable
1 coil latching
High sensitivity single side stable
Part No.
Part No.
Part No.
1.5V DC
AGQ200 1HZ
AGQ210 1HZ
AGQ260 1HZ
3V DC
AGQ200 03Z
AGQ210 03Z
AGQ260 03Z
4.5V DC
AGQ200 4HZ
AGQ210 4HZ
AGQ260 4HZ
6V DC
AGQ200 06Z
AGQ210 06Z
AGQ260 06Z
9V DC
AGQ200 09Z
AGQ210 09Z
AGQ260 09Z
12V DC
AGQ200 12Z
AGQ210 12Z
AGQ260 12Z
24V DC
AGQ200 24Z
AGQ210 24Z
AGQ260 24Z
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
10%V or more of
nominal voltage*
(Initial)
93.8mA
16
140mW
150%V of
nominal voltage
3V DC
46.7mA
64.2
4.5V DC
31mA
145
6V DC
23.3mA
257
9V DC
15.5mA
579
12V DC
11.7mA
1,028
24V DC
9.6mA
2,504
230mW
120%V of
nominal voltage
Nominal coil
voltage
Set voltage
(at 20
°C 68°F)
Reset voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
Max. applied voltage
(at 20
°C 68°F)
1.5V DC
75%V or less of
nominal voltage*
(Initial)
75%V or less of
nominal voltage*
(Initial)
66.7mA
22.5
100mW
150%V of
nominal voltage
3V DC
33.3mA
90
4.5V DC
22.2mA
202.5
6V DC
16.7mA
360
9V DC
11.1mA
810
12V DC
8.3mA
1,440
24V DC
5.0mA
4,800
120mW


Similar Part No. - AGQ210S03

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
AGQ210S03Z NAIS-AGQ210S03Z Datasheet
115Kb / 4P
   ULTRA-SMALL PACKAGE FLAT POLARIZED RELAY
More results

Similar Description - AGQ210S03

ManufacturerPart #DatasheetDescription
logo
Shanghai Leiditech Elec...
L8550HQLT1G LEIDITECH-L8550HQLT1G Datasheet
469Kb / 3P
   High current capacity in compact package.
S8550 LEIDITECH-S8550 Datasheet
469Kb / 3P
   High current capacity in compact package
SS8550T1 LEIDITECH-SS8550T1 Datasheet
469Kb / 3P
   High current capacity in compact package
logo
Panasonic Semiconductor
TD2WQ-L-Y4-1 PANASONIC-TD2WQ-L-Y4-1 Datasheet
564Kb / 7P
   2 AMP, HIGH CAPACITY RELAY
AEP25012 PANASONIC-AEP25012 Datasheet
230Kb / 8P
   HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
logo
NEC
UC2 NEC-UC2 Datasheet
503Kb / 15P
   SUPER-COMPACT SIZE, FLAT-PACKAGE
logo
Sanyo Semicon Device
DL-3150-101 SANYO-DL-3150-101 Datasheet
81Kb / 3P
   Compact Flat Package Type Laser Diode
logo
Grayhill, Inc
62S GRAYHILL-62S Datasheet
484Kb / 2P
   Compact 1/2' Package
logo
Omron Electronics LLC
G8P-1A2T-F-DC5 OMRON-G8P-1A2T-F-DC5 Datasheet
1Mb / 8P
   Up to 30 A switching capacity in compact package.
logo
Panasonic Semiconductor
AEV110122 PANASONIC-AEV110122 Datasheet
203Kb / 9P
   Capsule contact Mechanism and High-capacity Cut-off Compact Relay
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com