Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ALE1PF18 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ALE1PF18
Description  1a 16A power relay for micro wave oven Microwave ovens Refrigerators
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ALE1PF18 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ALE1PF18 Datasheet HTML 1Page - Panasonic Semiconductor ALE1PF18 Datasheet HTML 2Page - Panasonic Semiconductor ALE1PF18 Datasheet HTML 3Page - Panasonic Semiconductor ALE1PF18 Datasheet HTML 4Page - Panasonic Semiconductor ALE1PF18 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
LE (ALE)
ASCTB194E 201202-T
TYPES
1. Standard type
❍: Input the following letter. Class B: B, Class F: F
Note: Standard packing; Carton: 100 pcs. Case 500 pcs.
2. High sensitive type
❍: Input the following letter. Class B: B, Class F: F
Note: Standard packing; Carton: 100 pcs. Case 500 pcs.
RATING
1. Coil data
1) Standard type
2) High sensitive type
Contact
arrangement
Nominal coil
voltage
TMP type
PCB type
(No tab terminals)
PCB side three terminals
(includes one dummy terminal)
PCB side three terminals
PCB side four terminals
Part No.
Part No.
Part No.
Part No.
1 Form A
5V DC
ALE12
❍05
ALE13
❍05
ALE14
❍05
ALE1P
❍05
6V DC
ALE12
❍06
ALE13
❍06
ALE14
❍06
ALE1P
❍06
9V DC
ALE12
❍09
ALE13
❍09
ALE14
❍09
ALE1P
❍09
12V DC
ALE12
❍12
ALE13
❍12
ALE14
❍12
ALE1P
❍12
18V DC
ALE12
❍18
ALE13
❍18
ALE14
❍18
ALE1P
❍18
24V DC
ALE12
❍24
ALE13
❍24
ALE14
❍24
ALE1P
❍24
48V DC
ALE12
❍48
ALE13
❍48
ALE14
❍48
ALE1P
❍48
Contact
arrangement
Nominal coil
voltage
TMP type
PCB type
(No tab terminals)
PCB side three terminals
(includes one dummy terminal)
PCB side three terminals
PCB side four terminals
Part No.
Part No.
Part No.
Part No.
1 Form A
(High sensitivity:
200mW)
5V DC
ALE72
❍05
ALE73
❍05
ALE74
❍05
ALE7P
❍05
6V DC
ALE72
❍06
ALE73
❍06
ALE74
❍06
ALE7P
❍06
9V DC
ALE72
❍09
ALE73
❍09
ALE74
❍09
ALE7P
❍09
12V DC
ALE72
❍12
ALE73
❍12
ALE74
❍12
ALE7P
❍12
18V DC
ALE72
❍18
ALE73
❍18
ALE74
❍18
ALE7P
❍18
24V DC
ALE72
❍24
ALE73
❍24
ALE74
❍24
ALE7P
❍24
48V DC
ALE72
❍48
ALE73
❍48
ALE74
❍48
ALE7P
❍48
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Max. applied voltage
(at 20
°C 68°F)
5V DC
75%V or less of
nominal voltage
(Initial)
5%V or more of
nominal voltage
(Initial)
80 mA
63
400mW
7.25V DC
6V DC
66.7mA
90
8.7 V DC
9V DC
44.4mA
203
13.05V DC
12V DC
33.3mA
360
17.4 V DC
18V DC
22.2mA
810
26.1 V DC
24V DC
16.7mA
1,440
34.8 V DC
48V DC
8.3mA
5,760
69.6 V DC
Nominal coil
voltage
Pick-up voltage
(at 20
°C 68°F)
Drop-out voltage
(at 20
°C 68°F)
Nominal operating
current
[
±10%] (at 20°C 68°F)
Coil resistance
[
±10%] (at 20°C 68°F)
Nominal operating
power
(at 20
°C 68°F)
Max. applied voltage
(at 20
°C 68°F)
5V DC
75%V or less of
nominal voltage
(Initial)
5%V or more of
nominal voltage
(Initial)
40 mA
125
200mW
7.25V DC
6V DC
33.3mA
180
8.7 V DC
9V DC
22.2mA
405
13.05V DC
12V DC
16.7mA
720
17.4 V DC
18V DC
11.1mA
1,620
26.1 V DC
24V DC
8.3mA
2,880
34.8 V DC
48V DC
4.2mA
11,520
69.6 V DC


Similar Part No. - ALE1PF18

ManufacturerPart #DatasheetDescription
logo
Copal Electronics
ALE1P-2M4-10-Z COPAL-ALE1P-2M4-10-Z Datasheet
438Kb / 4P
   Standard Lever & Rocker Switches
ALE1P-5M4-10-Z COPAL-ALE1P-5M4-10-Z Datasheet
438Kb / 4P
   Standard Lever & Rocker Switches
More results

Similar Description - ALE1PF18

ManufacturerPart #DatasheetDescription
logo
Nais(Matsushita Electri...
ALE12B05 NAIS-ALE12B05 Datasheet
123Kb / 4P
   16A Power Relay For Micro wave oven
logo
SiPower Inc.
2CL4509 SIPOWER-2CL4509 Datasheet
32Kb / 2P
   High Voltage Diodes for Micro-Wave Oven
logo
DONGGUAN YOU FENG WEI E...
2CL4509 YFWDIODE-2CL4509 Datasheet
401Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3509H GETEDZ-2CL3509H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
2CL4516 GETEDZ-2CL4516 Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
logo
Shanghai Shunye Electro...
2CL3509H SY-2CL3509H Datasheet
1Mb / 2P
   High Voltage Silicon Diode for Micro-wave oven
logo
DONGGUAN YOU FENG WEI E...
MTH-08 YFWDIODE-MTH-08 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
MTH-20 YFWDIODE-MTH-20 Datasheet
402Kb / 2P
   High voltage silicon diodes for micro-wave oven
2CL3510 YFWDIODE-2CL3510 Datasheet
377Kb / 2P
   High voltage silicon diodes for micro-wave oven
logo
GETAI ELECTRONICS DEVIC...
2CL3516H GETEDZ-2CL3516H Datasheet
507Kb / 2P
   High Voltage Silicon Diodes for Micro-wave oven
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com