Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELL6RH4R7M Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ELL6RH4R7M
Description  Power Inductors / Wire Wound type Large current capability RoHS compliant
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6RH4R7M Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ELL6RH4R7M Datasheet HTML 1Page - Panasonic Semiconductor ELL6RH4R7M Datasheet HTML 2Page - Panasonic Semiconductor ELL6RH4R7M Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Choke Coils
6.0±0.5
6.4±0.5
H
2.5 mm±0.3 mm
3.0 mm±0.3 mm
5.0 mm max.
Type
ELL6RH
ELL6SH
ELL6UH
(0.9)
4.0
7.4
Marking
Date Code
Standard Parts
Dimensions in mm (not to scale)
Connections (Top view)
Recommended Land Pattern in mm (not to scale)
Part Number
Inductance (μH)
at 100 kHz
Tol. ±20 %
RDC (m
Ω)
at 20 °C
Tol. ±20 %
Rated
Current
(mA) max.
Marking
6RH
6SH
6RH
6SH
ELL6
□H1R0M
1.0
19
19
3000
3400
1R0
ELL6
□H1R5M
1.5
24
24
2400
3200
1R5
ELL6
□H2R0M
2.0
26
2600
2R0
ELL6
□H2R2M
2.2
30
2300
2R2
ELL6
□H2R7M
2.7
39
31
1800
2400
2R7
ELL6
□H3R3M
3.3
44
34
1600
2200
3R3
ELL6
□H4R7M
4.7
49
42
1580
2000
4R7
ELL6
□H5R1M
5.1
56
1550
5R1
ELL6
□H5R6M
5.6
49
1800
5R6
ELL6
□H6R2M
6.2
62
1400
6R2
ELL6
□H6R8M
6.8
52
1500
6R8
ELL6
□H7R5M
7.5
80
1250
7R5
ELL6
□H8R2M
8.2
87
61
1200
1400
8R2
ELL6
□H100M
10.0
95
65
1100
1300
100
ELL6
□H120M
12.0
130
71
1000
1200
120
ELL6
□H150M
15.0
150
96
850
1100
150
ELL6
□H180M
18.0
170
130
800
1000
180
ELL6
□H220M
22.0
220
140
700
900
220
ELL6
□H270M
27.0
260
160
650
800
270
ELL6
□H330M
33.0
380
180
600
700
330
ELL6
□H390M
39.0
410
240
550
650
390
ELL6
□H470M
47.0
480
270
500
600
470
ELL6
□H560M
56.0
540
290
450
550
560
ELL6
□H680M
68.0
770
520
400
500
680
ELL6
□H820M
82.0
870
600
350
450
820
ELL6
□H101M
100.0
1000
680
300
400
101
ELL6
□H121M
120.0
1500
750
280
370
121
ELL6
□H151M
150.0
1800
860
250
350
151
ELL6
□H181M
180.0
2000
1300
230
300
181
ELL6
□H221M
220.0
2300
1400
200
280
221
ELL6
□H271M
270.0
2400
260
271
ELL6
□H331M
330.0
2700
240
331
ELL6
□H391M
390.0
2800
210
391
ELL6
□H471M
470.0
3200
200
471
ELL6
□H561M
560.0
3700
180
561
ELL6
□H681M
680.0
4300
160
681
✽ Current: This indicates the value of current when the inductance is 80% of nominal value or when the case temperature has risen 45 °C.
Sep. 2012
01
69


Similar Part No. - ELL6RH4R7M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6RH4R7M PANASONIC-ELL6RH4R7M Datasheet
225Kb / 2P
   SMD Choke Coils
ELL6RH4R7M PANASONIC-ELL6RH4R7M Datasheet
152Kb / 2P
   SMD Choke Coils
More results

Similar Description - ELL6RH4R7M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL-ATV680M PANASONIC-ELL-ATV680M Datasheet
79Kb / 2P
   Power Inductors / Wire Wound type
ELL-6RH1R0M PANASONIC-ELL-6RH1R0M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
ELL6RH PANASONIC-ELL6RH Datasheet
96Kb / 3P
   Power Inductors Wire Wound type
ELL-6RH100M PANASONIC-ELL-6RH100M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type
logo
Panasonic Battery Group
ELL-4LG470MA PANASONICBATTERY-ELL-4LG470MA Datasheet
95Kb / 2P
   Power Inductors / Wire Wound type
logo
Panasonic Semiconductor
CSTCE16M0V53A-R0 PANASONIC-CSTCE16M0V53A-R0 Datasheet
100Kb / 3P
   Power Inductors / Wire Wound type
ELL-5PR1R2N PANASONIC-ELL-5PR1R2N Datasheet
76Kb / 2P
   Power Inductors / Wire Wound type
ELL-VEG3R3N PANASONIC-ELL-VEG3R3N Datasheet
93Kb / 3P
   Power Inductors / Wire Wound type
ELL-VEG4R7N PANASONIC-ELL-VEG4R7N Datasheet
106Kb / 4P
   Power Inductors / Wire Wound type
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com