Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

06035F104MAZ2A Datasheet(PDF) 5 Page - AVX Corporation

Part # 06035F104MAZ2A
Description  MLCC with FLEXITERM General Specifications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

06035F104MAZ2A Datasheet(HTML) 5 Page - AVX Corporation

  06035F104MAZ2A Datasheet HTML 1Page - AVX Corporation 06035F104MAZ2A Datasheet HTML 2Page - AVX Corporation 06035F104MAZ2A Datasheet HTML 3Page - AVX Corporation 06035F104MAZ2A Datasheet HTML 4Page - AVX Corporation 06035F104MAZ2A Datasheet HTML 5Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
50
MLCC with FLEXITERM®
X7R Dielectric Capacitance Range
0603
0805
1206
1210
1812
2220
16V
25V
50V
100V
200V
10V
16V
25V
50V
100V
200V
16V
25V
50V
100V
200V
16V
25V
50V
100V
16V
25V
50V
100V
25V
50V
100V
101
121
151
181
221
271
J
J
J
J
J
J
331
J
J
J
J
J
J
J
J
J
J
J
391
J
J
J
J
J
J
J
J
J
J
J
471
J
J
J
J
J
J
J
J
J
J
J
561
J
J
J
J
J
J
J
J
J
J
J
681
J
J
J
J
J
J
J
J
J
J
J
821
J
J
J
J
J
J
J
J
J
J
J
102
J
J
J
J
J
J
J
J
J
J
J
J
J
J
J
J
122
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
152
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
182
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
222
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
272
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
332
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
392
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
472
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
562
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
682
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
822
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
103
JJ
J
J
J
J
J
J
JJ
J
J
J
J
J
123
J
J
J
J
J
J
J
M
J
J
J
J
J
153
J
J
J
J
J
J
J
M
J
J
J
J
J
183
J
J
J
J
J
J
J
M
J
J
J
J
J
223
J
J
J
J
J
J
J
M
J
J
J
J
J
K
273
J
J
J
J
J
J
J
M
J
J
J
J
J
K
333
J
J
J
J
J
J
J
M
J
J
J
J
J
K
393
J
J
J
J
J
J
J
M
J
J
J
M
J
K
473
J
J
J
J
J
J
J
M
J
J
J
M
J
K
563
J
J
J
J
J
J
J
N
J
J
J
M
J
K
K
K
M
K
K
K
K
683
J
J
J
J
J
J
J
N
J
J
J
M
J
K
K
K
M
K
K
K
K
823
J
J
J
J
J
J
J
N
J
J
J
P
J
K
K
K
M
K
K
K
K
104
J
J
J
J
J
J
J
N
J
J
J
Q
J
K
K
K
P
K
K
K
K
X
X
X
124
J
J
J
N
N
J
J
P
Q
K
K
K
Q
K
K
K
K
154
M
M
N
N
N
J
J
P
Q
K
K
K
Q
K
K
K
M
X
X
X
184
M
M
N
N
N
J
M
P
Q
M
M
M
Q
K
K
K
M
224
M
M
N
N
N
J
M
P
Q
M
M
M
Q
M
M
M
X
X
X
X
274
N
N
N
N
N
J
M
P
Q
P
P
P
Q
M
M
M
X
334
N
N
N
N
N
J
M
P
Q
P
P
P
Q
M
M
M
X
X
X
X
394
N
N
N
N
N
M
M
P
Q
P
P
P
Q
X
X
X
X
474
N
N
N
N
N
M
M
P
Q
P
P
P
Q
X
X
X
X
X
X
X
564
N
N
N
M
Q
Q
Q
P
Q
Q
Q
X
X
X
Z
684
N
N
N
M
Q
Q
Q
P
X
X
X
X
X
X
Z
X
X
X
824
N
N
N
M
Q
Q
Q
P
Z
Z
Z
X
X
X
Z
105
N
N
N
M
Q
Q
Q
P
Z
Z
Z
X
X
X
Z
X
X
X
155
Q
Q
P
Z
Z
Z
ZZX
X
X
185
Q
Q
ZZZ
Z
Z
Z
225
Q
Q
ZZZ
Z
Z
Z
X
X
X
335
ZZZ
Z
Z
475
ZZZ
Z
Z
106
ZZ
226
Z
16V
25V
50V
100V
200V
10V
16V
25V
50V
100V
200V
16V
25V
50V
100V
200V
16V
25V
50V
100V
16V
25V
50V
100V
25V
50V
100V
0603
0805
1206
1210
1812
2220
Letter
AC
EG
J
K
M
N
P
Q
XY
Z
Max.
0.33
0.56
0.71
0.90
0.94
1.02
1.27
1.40
1.52
1.78
2.29
2.54
2.79
Thickness
(0.013)
(0.022)
(0.028)
(0.035)
(0.037)
(0.040)
(0.050)
(0.055)
(0.060)
(0.070)
(0.090)
(0.100)
(0.110)
PAPER
EMBOSSED


Similar Part No. - 06035F104MAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035F104MAZ2A AVX-06035F104MAZ2A Datasheet
183Kb / 2P
   X8R Dielectric General Specifications
06035F104MAZ2A AVX-06035F104MAZ2A Datasheet
175Kb / 3P
   General Specifications
logo
Kyocera Kinseki Corpota...
06035F104MAZ2A KSS-06035F104MAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
More results

Similar Description - 06035F104MAZ2A

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
12105C475KAZ2A AVX-12105C475KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM General Specifications
18121C225KAZ2A AVX-18121C225KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
12101C225K4Z2A AVX-12101C225K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM General Specifications
080552C104KAZA AVX-080552C104KAZA Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06035C104JAZ2A AVX-06035C104JAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
06031C102K4Z2A AVX-06031C102K4Z2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM
12065C334KAZ2A AVX-12065C334KAZ2A Datasheet
225Kb / 6P
   MLCC with FLEXITERM
logo
Kyocera Kinseki Corpota...
08055C104KAZ2A KSS-08055C104KAZ2A Datasheet
808Kb / 5P
   MLCC with FLEXITERM®
091120
logo
AVX Corporation
0805ZC684KAZ2A AVX-0805ZC684KAZ2A Datasheet
199Kb / 5P
   MLCC with FLEXITERM짰 General Specifications
0805ZC475KAT2A AVX-0805ZC475KAT2A Datasheet
148Kb / 4P
   General Specifications
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com