Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7316Q Datasheet(PDF) 10 Page - International Rectifier

Part # AUIRF7316Q
Description  Advanced Planar Technology Low On-Resistance
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7316Q Datasheet(HTML) 10 Page - International Rectifier

Back Button AUIRF7316Q Datasheet HTML 2Page - International Rectifier AUIRF7316Q Datasheet HTML 3Page - International Rectifier AUIRF7316Q Datasheet HTML 4Page - International Rectifier AUIRF7316Q Datasheet HTML 5Page - International Rectifier AUIRF7316Q Datasheet HTML 6Page - International Rectifier AUIRF7316Q Datasheet HTML 7Page - International Rectifier AUIRF7316Q Datasheet HTML 8Page - International Rectifier AUIRF7316Q Datasheet HTML 9Page - International Rectifier AUIRF7316Q Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
AUIRF7316Q
www.irf.com
10
IMPORTANT NOTICE
Unless specifically designated for the automotive market, International Rectifier Corporation and its subsidiaries (IR)
reserve the right to make corrections, modifications, enhancements, improvements, and other changes to its prod-
ucts and services at any time and to discontinue any product or services without notice. Part numbers designated
with the “AU” prefix follow automotive industry and / or customer specific requirements with regards to product
discontinuance and process change notification. All products are sold subject to IR’s terms and conditions of sale
supplied at the time of order acknowledgment.
IR warrants performance of its hardware products to the specifications applicable at the time of sale in accordance
with IR’s standard warranty. Testing and other quality control techniques are used to the extent IR deems necessary
to support this warranty. Except where mandated by government requirements, testing of all parameters of each
product is not necessarily performed.
IR assumes no liability for applications assistance or customer product design. Customers are responsible for their
products and applications using IR components. To minimize the risks with customer products and applications,
customers should provide adequate design and operating safeguards.
Reproduction of IR information in IR data books or data sheets is permissible only if reproduction is without alteration
and is accompanied by all associated warranties, conditions, limitations, and notices. Reproduction of this informa-
tion with alterations is an unfair and deceptive business practice. IR is not responsible or liable for such altered
documentation. Information of third parties may be subject to additional restrictions.
Resale of IR products or serviced with statements different from or beyond the parameters stated by IR for that
product or service voids all express and any implied warranties for the associated IR product or service and is an
unfair and deceptive business practice. IR is not responsible or liable for any such statements.
IR products are not designed, intended, or authorized for use as components in systems intended for surgical implant
into the body, or in other applications intended to support or sustain life, or in any other application in which the failure
of the IR product could create a situation where personal injury or death may occur. Should Buyer purchase or use IR
products for any such unintended or unauthorized application, Buyer shall indemnify and hold International Rectifier
and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages,
and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that IR was negligent regarding the
design or manufacture of the product.
Only products certified as military grade by the Defense Logistics Agency (DLA) of the US Department of Defense,
are designed and manufactured to meet DLA military specifications required by certain military, aerospace or other
applications. Buyers acknowledge and agree that any use of IR products not certified by DLA as military-grade, in
applications requiring military grade products, is solely at the Buyer’s own risk and that they are solely responsible for
compliance with all legal and regulatory requirements in connection with such use.
IR products are neither designed nor intended for use in automotive applications or environments unless the specific
IR products are designated by IR as compliant with ISO/TS 16949 requirements and bear a part number including the
designation “AU”. Buyers acknowledge and agree that, if they use any non-designated products in automotive
applications, IR will not be responsible for any failure to meet such requirements.
For technical support, please contact IR’s Technical Assistance Center
http://www.irf.com/technical-info/
WORLD HEADQUARTERS:
101 N. Sepulveda Blvd., El Segundo, California 90245
Tel: (310) 252-7105


Similar Part No. - AUIRF7316Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7316Q INFINEON-AUIRF7316Q Datasheet
261Kb / 8P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7316QTR INFINEON-AUIRF7316QTR Datasheet
261Kb / 8P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF7316Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
   Advanced Planar Technology Low On-Resistance
AUIRFL024N IRF-AUIRFL024N Datasheet
190Kb / 11P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com