Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7342QTR Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRF7342QTR
Description  Advanced Planar Technology Low On-Resistance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7342QTR Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRF7342QTR Datasheet HTML 3Page - International Rectifier AUIRF7342QTR Datasheet HTML 4Page - International Rectifier AUIRF7342QTR Datasheet HTML 5Page - International Rectifier AUIRF7342QTR Datasheet HTML 6Page - International Rectifier AUIRF7342QTR Datasheet HTML 7Page - International Rectifier AUIRF7342QTR Datasheet HTML 8Page - International Rectifier AUIRF7342QTR Datasheet HTML 9Page - International Rectifier AUIRF7342QTR Datasheet HTML 10Page - International Rectifier AUIRF7342QTR Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
AUIRF7342Q
www.irf.com
7
Fig 14. Maximum Effective Transient Thermal Impedance, Junction-to-Ambient
0.1
1
10
100
0.0001
0.001
0.01
0.1
1
10
100
Notes:
1. Duty factor D = t / t
2. Peak T = P
x Z
+ T
1
2
J
DM
thJA
A
P
t
t
DM
1
2
t , Rectangular Pulse Duration (sec)
1
0.01
0.02
0.05
0.10
0.20
D = 0.50
SINGLE PULSE
(THERMAL RESPONSE)
Fig 13. Maximum Drain Current vs.
Ambient Temperature
25
50
75
100
125
150
TA , Ambient Temperature (°C)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5


Similar Part No. - AUIRF7342QTR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7342QTR INFINEON-AUIRF7342QTR Datasheet
273Kb / 9P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF7342QTR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRF2805 IRF-AUIRF2805 Datasheet
234Kb / 12P
   ADVANCED PLANAR TECHNOLOGY, LOW ON-RESISTANCE
AUIRF7304Q IRF-AUIRF7304Q Datasheet
222Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF3315S IRF-AUIRF3315S Datasheet
320Kb / 12P
   Advanced Planar Technology Low On-Resistance
AUIRF2807 IRF-AUIRF2807 Datasheet
202Kb / 11P
   Advanced Planar Technology, Low On-Resistance
AUIRF6215 IRF-AUIRF6215 Datasheet
275Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRF7379Q IRF-AUIRF7379Q Datasheet
238Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF4905 IRF-AUIRF4905 Datasheet
277Kb / 11P
   Advanced Planar Technology Low On-Resistance
AUIRFZ46NS IRF-AUIRFZ46NS Datasheet
254Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF9952Q IRF-AUIRF9952Q Datasheet
264Kb / 13P
   Advanced Planar Technology Low On-Resistance
AUIRF7309Q IRF-AUIRF7309Q Datasheet
293Kb / 14P
   Advanced Planar Technology Low On-Resistance
AUIRFL024N IRF-AUIRFL024N Datasheet
190Kb / 11P
   Advanced Planar Technology Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com