Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRF7416Q Datasheet(PDF) 3 Page - International Rectifier

Part # AUIRF7416Q
Description  Advanced Process Technology Low On-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRF7416Q Datasheet(HTML) 3 Page - International Rectifier

  AUIRF7416Q Datasheet HTML 1Page - International Rectifier AUIRF7416Q Datasheet HTML 2Page - International Rectifier AUIRF7416Q Datasheet HTML 3Page - International Rectifier AUIRF7416Q Datasheet HTML 4Page - International Rectifier AUIRF7416Q Datasheet HTML 5Page - International Rectifier AUIRF7416Q Datasheet HTML 6Page - International Rectifier AUIRF7416Q Datasheet HTML 7Page - International Rectifier AUIRF7416Q Datasheet HTML 8Page - International Rectifier AUIRF7416Q Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AUIRF7416Q
www.irf.com
3
† Qualification standards can be found at International Rectifier’s web site: http//www.irf.com/
†† Exceptions to AEC-Q101 requirements are noted in the qualification report.
††† Highest passing voltage.
Qualification Information
SO-8
MSL1
Qualification Level
Automotive
(per AEC-Q101)
††
Comments: This part number(s) passed Automotive qualification. IR’s
Industrial and Consumer qualification level is granted by extension of the
higher Automotive level.
Charged Device
Model
Class C5 (+/- 1125V)
†††
AEC-Q101-005
Moisture Sensitivity Level
RoHS Compliant
Yes
ESD
Machine Model
Class M4 (+/- 425V)
†††
AEC-Q101-002
Human Body Model
Class H1B (+/- 1000V)
†††
AEC-Q101-001


Similar Part No. - AUIRF7416Q

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRF7416Q INFINEON-AUIRF7416Q Datasheet
293Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
AUIRF7416QTR INFINEON-AUIRF7416QTR Datasheet
293Kb / 10P
   AUTOMOTIVE GRADE
2015-9-30
More results

Similar Description - AUIRF7416Q

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS3607 IRF-AUIRFS3607 Datasheet
289Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRF2903ZS IRF-AUIRF2903ZS Datasheet
235Kb / 14P
   Advanced Process Technology Low On-Resistance
AUIRFS6535 IRF-AUIRFS6535 Datasheet
272Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRFR4615 IRF-AUIRFR4615 Datasheet
295Kb / 13P
   Advanced Process Technology Low On-Resistance
AUIRF7207Q IRF-AUIRF7207Q Datasheet
241Kb / 8P
   Advanced Process Technology Low On-Resistance
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com