Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR540ZTRL Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRFR540ZTRL
Description  Automatic Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR540ZTRL Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRFR540ZTRL Datasheet HTML 3Page - International Rectifier AUIRFR540ZTRL Datasheet HTML 4Page - International Rectifier AUIRFR540ZTRL Datasheet HTML 5Page - International Rectifier AUIRFR540ZTRL Datasheet HTML 6Page - International Rectifier AUIRFR540ZTRL Datasheet HTML 7Page - International Rectifier AUIRFR540ZTRL Datasheet HTML 8Page - International Rectifier AUIRFR540ZTRL Datasheet HTML 9Page - International Rectifier AUIRFR540ZTRL Datasheet HTML 10Page - International Rectifier AUIRFR540ZTRL Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AUIRFR/U540Z
www.irf.com © 2012 International Rectifier
July 18, 2012
7
Fig 15. Typical Avalanche Current vs.Pulsewidth
Fig 16. Maximum Avalanche Energy
vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 15, 16:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a
temperature far in excess of Tjmax. This is validated for
every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is
not exceeded.
3. Equation below based on circuit and waveforms shown in
Figures 12a, 12b.
4. PD (ave) = Average power dissipation per single
avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for
voltage increase during avalanche).
6. Iav = Allowable avalanche current.
7.
T = Allowable rise in junction temperature, not to exceed
Tjmax (assumed as 25°C in Figure 15, 16).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see figure 11)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2
DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
tav (sec)
0.1
1
10
100
0.05
Duty Cycle = Single Pulse
0.10
Allowed avalanche Current vs
avalanche
pulsewidth,
tav
assuming
Tj = 25°C due to
avalanche losses
0.01
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
10
20
30
40
TOP
Single Pulse
BOTTOM 1% Duty Cycle
ID = 21A


Similar Part No. - AUIRFR540ZTRL

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFR540ZTRL INFINEON-AUIRFR540ZTRL Datasheet
731Kb / 12P
   AUTOMOTIVE GRADE
2015-12-2
More results

Similar Description - AUIRFR540ZTRL

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
VRX2008R TRIPPLITE-VRX2008R Datasheet
518Kb / 2P
   1000 Watt Voltage Regulator - Automatic voltage
logo
Schneider Electric
LE600 SCHNEIDER-LE600 Datasheet
82Kb / 2P
   Line-R 600VA Automatic Voltage Regulator
LE1200 SCHNEIDER-LE1200 Datasheet
86Kb / 2P
   Line-R 1200VA Automatic Voltage Regulator
logo
List of Unclassifed Man...
SX460 ETC2-SX460 Datasheet
47Kb / 4P
   AUTOMATIC VOLTAGE REGULATOR (AVR) SPECIFICATION, INSTALLATION AND ADJUSTMENTS
LS606M ETC2-LS606M Datasheet
489Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / AC surge suppressor
LC1200 ETC2-LC1200 Datasheet
544Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
LR1000 ETC2-LR1000 Datasheet
542Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / power conditioner / AC surge suppressor
LR2000 ETC2-LR2000 Datasheet
547Kb / 4P
   Line Conditioner / AVR System - Automatic voltage regulator / Power conditioner / AC surge suppressor
TDA1006A ETC-TDA1006A Datasheet
238Kb / 8P
   MOTOR REGULATOR WITH AUTOMATIC TAPE END INDICATOR
logo
STMicroelectronics
AVS12 STMICROELECTRONICS-AVS12 Datasheet
76Kb / 8P
   AUTOMATIC VOLTAGE SWITCH SMPS < 500W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com