Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQS232-00000SOR Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IQS232-00000SOR
Description  Configurable 2 Channel sensor with Compensation for Sensitivity Reducing Objects
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IQS232-00000SOR Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IQS232-00000SOR Datasheet HTML 1Page - List of Unclassifed Manufacturers IQS232-00000SOR Datasheet HTML 2Page - List of Unclassifed Manufacturers IQS232-00000SOR Datasheet HTML 3Page - List of Unclassifed Manufacturers IQS232-00000SOR Datasheet HTML 4Page - List of Unclassifed Manufacturers IQS232-00000SOR Datasheet HTML 5Page - List of Unclassifed Manufacturers IQS232-00000SOR Datasheet HTML 6Page - List of Unclassifed Manufacturers IQS232-00000SOR Datasheet HTML 7Page - List of Unclassifed Manufacturers IQS232-00000SOR Datasheet HTML 8Page - List of Unclassifed Manufacturers IQS232-00000SOR Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
IQ Switch®
ProxSense® Series
Contents
List of Figures
3
List of Tables
3
Revision History
3
List of Symbols
4
1
Functional Overview
5
1.1 Pin Outs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
1.2 Applicability . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
6
2
Analogue Functionality
6
3
Digital Functionality
6
4
Reference Design
7
4.1 Power Supply and PCB Layout . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
7
4.2 Design Rules for Harsh EMC Environments . . . . . . . . . . . . . . . . . . . . . . .
8
5
High Sensitivity
9
6
User Configurable Options
9
6.1 Configuring of Devices . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
9
7
Description of User Options
15
7.1 ATI Method
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7.2 Touch Base Values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7.3 Touch Thresholds . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7.4 Proximity Threshold . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
7.5 Halt time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
7.6 Proximity Base Value . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
7.7 Sensitivity Multipliers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
7.8 Base Multipliers . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
7.9 Base Select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
7.10 Charge Transfer Frequency . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
7.11 Streaming mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
7.12 Noise Detect . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 17
7.13 Low Power Mode . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
7.14 Guard Channel
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
7.15 Output Logic Select . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
7.16 ATI Delay
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
7.17 ATI Target . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
8
Charge Transfers
20
9
Auto Tuning Implementation
21
9.1 Full ATI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
9.2 Partial ATI . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
10 Specifications
23
Copyright ©
Azoteq
IQS232 Prelimanary Datasheet V1.00
2of 33


Similar Part No. - IQS232-00000SOR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS232 ETC2-IQS232_16 Datasheet
1Mb / 32P
   Sub 4 uA current consumption
More results

Similar Description - IQS232-00000SOR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IQS253 ETC2-IQS253 Datasheet
2Mb / 54P
   Configurable 3 Channel DYCAL Capacitive Sensor with Automatic Compensation
logo
Omron Electronics LLC
D5B5013 OMRON-D5B5013 Datasheet
436Kb / 5P
   Detects Objects in Multiple Directions with High Sensitivity, Ideal for Robotics
logo
SMSC Corporation
EMC1412 SMSC-EMC1412 Datasheet
789Kb / 47P
   Multiple Channel 1 Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1412 MICROCHIP-EMC1412_14 Datasheet
1Mb / 48P
   Multiple Channel 1째C Temperature Sensor with Beta Compensation
10/28/13
logo
Pixart Imaging Inc.
PAJ7025R2 PIXART-PAJ7025R2 Datasheet
819Kb / 12P
   Multiple Objects Tracking Sensor Module
logo
Microchip Technology
EMC1412-1-ACZL-TR MICROCHIP-EMC1412-1-ACZL-TR Datasheet
764Kb / 47P
   Temperature Sensor with Beta Compensation
Revision 1.41 02-23-12
logo
SMSC Corporation
EMC1403 SMSC-EMC1403 Datasheet
728Kb / 42P
   1째C Temperature Sensor with Beta Compensation
logo
Microchip Technology
EMC1403 MICROCHIP-EMC1403 Datasheet
1Mb / 55P
   1째C Temperature Sensor with Beta Compensation
10/28/13
logo
SMSC Corporation
EMC1402 SMSC-EMC1402 Datasheet
622Kb / 37P
   1째C Temperature Sensor with Beta Compensation
logo
Feature Integration Tec...
F75395 FINTEK-F75395 Datasheet
688Kb / 22P
   짹1oC Temperature Sensor with 횩 Compensation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com