Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AUIRFR8401TRR Datasheet(PDF) 7 Page - International Rectifier

Part # AUIRFR8401TRR
Description  Advanced Process Technology New Ultra Low On-Resistance
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AUIRFR8401TRR Datasheet(HTML) 7 Page - International Rectifier

Back Button AUIRFR8401TRR Datasheet HTML 3Page - International Rectifier AUIRFR8401TRR Datasheet HTML 4Page - International Rectifier AUIRFR8401TRR Datasheet HTML 5Page - International Rectifier AUIRFR8401TRR Datasheet HTML 6Page - International Rectifier AUIRFR8401TRR Datasheet HTML 7Page - International Rectifier AUIRFR8401TRR Datasheet HTML 8Page - International Rectifier AUIRFR8401TRR Datasheet HTML 9Page - International Rectifier AUIRFR8401TRR Datasheet HTML 10Page - International Rectifier AUIRFR8401TRR Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
 
AUIRFR_U8401
7
www.irf.com
© 2013 International Rectifier
May 06, 2013
Fig 17. Threshold Voltage vs. Temperature
Fig. 18 - Typical Recovery Current vs. dif/dt
Fig. 19 - Typical Recovery Current vs. dif/dt
Fig. 20 - Typical Stored Charge vs. dif/dt
Fig. 21 - Typical Stored Charge vs. dif/dt
Fig 16. Typical On-Resistance vs. Gate Voltage
4
8
12
16
20
VGS, Gate-to-Source Voltage (V)
0
4
8
12
16
TJ = 25°C
TJ = 125°C
ID = 60A
-75 -50 -25
0
25
50
75 100 125 150 175
TJ , Temperature ( °C )
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 50µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
200
400
600
800
1000
diF /dt (A/µs)
0
2
4
6
8
IF = 40A
VR = 34V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
0
2
4
6
8
IF = 60A
VR = 34V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
0
20
40
60
80
100
IF = 40A
VR = 34V
TJ = 25°C
TJ = 125°C
0
200
400
600
800
1000
diF /dt (A/µs)
0
20
40
60
80
100
IF = 60A
VR = 34V
TJ = 25°C
TJ = 125°C


Similar Part No. - AUIRFR8401TRR

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
AUIRFR8401TRL INFINEON-AUIRFR8401TRL Datasheet
687Kb / 12P
   AUTOMOTIVE GRADE
2016-1-28
More results

Similar Description - AUIRFR8401TRR

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AUIRFS8403 IRF-AUIRFS8403 Datasheet
282Kb / 13P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFS8407 IRF-AUIRFS8407 Datasheet
336Kb / 14P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFS8405 IRF-AUIRFS8405 Datasheet
357Kb / 14P
   Advanced Process Technology New Ultra Low On-Resistance
AUIRFR8403 IRF-AUIRFR8403 Datasheet
285Kb / 13P
   Advanced Process Technology, New Ultra Low On-Resistance
AUIRFR8405 IRF-AUIRFR8405 Datasheet
289Kb / 13P
   Advanced Process Technology, New Ultra Low On-Resistance
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com