Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PTS645SM95SMTR92LFS Datasheet(PDF) 3 Page - C&K Components

Part # PTS645SM95SMTR92LFS
Description  6 mm Tact Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PTS645SM95SMTR92LFS Datasheet(HTML) 3 Page - C&K Components

  PTS645SM95SMTR92LFS Datasheet HTML 1Page - C&K Components PTS645SM95SMTR92LFS Datasheet HTML 2Page - C&K Components PTS645SM95SMTR92LFS Datasheet HTML 3Page - C&K Components PTS645SM95SMTR92LFS Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
B–83
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
25apr13
ACTUATION FORCE
OPTION
CODE
FORCE
L
130 grams
M
160 grams
H
200 grams
K
260 grams
OPTION
HEIGHT “H” or
SCHEMATIC
CODE
LENGTH “L”
TERMINATION
Without EMC pin
With EMC pin
43
4,3 (.169)
Thru-hole and SMT
50
5,0 (.197)
Thru-hole and SMT
70
7,0 (.275)
Thru-hole
95
9,5 (.374)
Thru-hole
31
3,15 (.124)
Vertical
39
3,85 (.151)
Vertical
58
5,85 (.230)
Vertical
83
8,35 (.329)
Vertical
ACTUATOR HEIGHT
13
1
3
4
2
1
34
2
PTS645 Series
6 mm Tact Switches
43
50
70
95
31
39
58
6,5
0,3
7,9
6,5
0,3
7,9
6,5
0,3
7,9
2,55±0,1
4,2
0,3
1
3,9±0,1
2,55±0,1
4,2
0,3
1
5,8±0,1
2,55±0,1
4,2
0,3
1
8,3±0,1
6,5
0,3
7,9
2,55±0,1
4,2
0,3
1
3,1±0,1
83


Similar Part No. - PTS645SM95SMTR92LFS

ManufacturerPart #DatasheetDescription
logo
ITT Industries
PTS645SM95 ITT-PTS645SM95 Datasheet
83Kb / 3P
   6 mm Tact Switches
More results

Similar Description - PTS645SM95SMTR92LFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
PTS645 CK-COMPONENTS-PTS645 Datasheet
202Kb / 3P
   6 mm Tact Switches
PTS645 CK-COMPONENTS-PTS645_V01 Datasheet
653Kb / 8P
   6 mm Tact Switches
14 Nov 22
logo
ITT Industries
PTS645 ITT-PTS645 Datasheet
83Kb / 3P
   6 mm Tact Switches
logo
List of Unclassifed Man...
PTS453 ETC2-PTS453 Datasheet
54Kb / 2P
   4,5 mm Tact Switches
logo
ITT Industries
PTS635SL43 ITT-PTS635SL43 Datasheet
67Kb / 2P
   3,5 mm Tact Switches
logo
C&K Components
PTS125 CK-COMPONENTS-PTS125_V01 Datasheet
387Kb / 5P
   12 mm Tact Switches
2022
logo
ITT Industries
PTS125 ITT-PTS125 Datasheet
198Kb / 3P
   12 mm Tact Switches
logo
C&K Components
PTS635 CK-COMPONENTS-PTS635 Datasheet
355Kb / 3P
   3,5 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125 Datasheet
193Kb / 3P
   12 mm Tact Switches
PTS125 CK-COMPONENTS-PTS125_V02 Datasheet
388Kb / 5P
   12 mm Tact Switches
14 Nov 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com