Electronic Components Datasheet Search |
|
DE1B3KH102MB5B Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
DE1B3KH102MB5B Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 83 page 1 CONTENTS 2 3 4 5 6 7 8 9 10 11 12 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. Part Numbering 2 Type KY (Basic Insulation) -IEC60384-14 Class X1, Y2- 5 Type KH (Basic Insulation) -IEC60384-14 Class X1, Y2- 7 Type KX Small Size (Reinforced Insulation) -IEC60384-14 Class X1, Y1- 9 Type KX (Reinforced Insulation) -IEC60384-14 Class X1, Y1- 11 Type KY/KH/KX Specifications and Test Methods 13 DEJ Series -Based on the Electrical Appliance and Material Safety Law of Japan- 17 DEJ Series Specifications and Test Methods 18 Safety Certified Ceramic Capacitors Characteristics Data (Typical Example) 21 Safety Certified Ceramic Capacitors Packaging 24 Safety Certified Ceramic Capacitors !Caution 26 Safety Certified Ceramic Capacitors Notice 29 DES Series (125 °C Guaranteed/Low-dissipation Factor/DC500V-1kV) 30 DES Series Specifications and Test Methods 32 DEH Series (125 °C Guaranteed/Low-dissipation Factor/DC500V-3.15kV) 34 DEH Series Specifications and Test Methods 37 DEA Series (125 °C Guaranteed/Class 1/DC1k-3.15kV) 39 DEA Series Specifications and Test Methods 42 DEB Series (Class 2/DC1k-3.15kV) 44 DEB Series Specifications and Test Methods 47 DEC Series (Class 1, 2/DC6.3kV) 49 DEC Series Specifications and Test Methods 51 DEF Series (Only for LCD Backlight Inverter Circuit/6.3kVp-p) 53 DEF Series Specifications and Test Methods 55 High Voltage Ceramic Capacitors Characteristics Data (Typical Example) 57 High Voltage Ceramic Capacitors Packaging 58 High Voltage Ceramic Capacitors !Caution 60 High Voltage Ceramic Capacitors Notice 67 Type KJ -IEC60384-14 Class X1, Y2- 68 Type KJ Specifications and Test Methods 69 Safety Certified Ceramic Capacitors for Automotive Characteristics Data (Typical Example) 74 Safety Certified Ceramic Capacitors for Automotive Packaging 75 Safety Certified Ceramic Capacitors for Automotive !Caution 76 Safety Certified Ceramic Capacitors for Automotive Notice 79 Safety Certified Ceramic Capacitors/High Voltage Ceramic Capacitors ISO9000 Certifications 80 1 2 3 4 5 6 7 8 9 10 11 12 C85E.pdf Jul.13,2011 |
Similar Part No. - DE1B3KH102MB5B |
|
Similar Description - DE1B3KH102MB5B |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |